전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC74HC40102AF 데이터시트(PDF) 9 Page - Toshiba Semiconductor

부품명 TC74HC40102AF
상세설명  Dual BCD Programmable Down Counter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC40102AF 데이터시트(HTML) 9 Page - Toshiba Semiconductor

Back Button TC74HC40102AF Datasheet HTML 5Page - Toshiba Semiconductor TC74HC40102AF Datasheet HTML 6Page - Toshiba Semiconductor TC74HC40102AF Datasheet HTML 7Page - Toshiba Semiconductor TC74HC40102AF Datasheet HTML 8Page - Toshiba Semiconductor TC74HC40102AF Datasheet HTML 9Page - Toshiba Semiconductor TC74HC40102AF Datasheet HTML 10Page - Toshiba Semiconductor TC74HC40102AF Datasheet HTML 11Page - Toshiba Semiconductor TC74HC40102AF Datasheet HTML 12Page - Toshiba Semiconductor TC74HC40102AF Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
TC74HC40102,40103AP/AF
2007-10-01
9
Timing Requirements (input: tr = tf = 6 ns)
Test Condition
Ta
= 25°C
Ta
=
40 to
85°C
Characteristics
Symbol
VCC (V)
Typ.
Limit
Limit
Unit
Minimum pulse width
(CK)
tW (H)
tW (L)
2.0
4.5
6.0
75
15
13
95
19
16
ns
Minimum pulse width
( CLR , APE )
tW (L)
2.0
4.5
6.0
75
15
13
95
19
16
ns
Minimum set-up time
( SPE -CK)
ts
2.0
4.5
6.0
75
15
13
95
19
16
ns
Minimum set-up time
( CI/CE -CK)
ts
2.0
4.5
6.0
150
30
26
190
38
32
ns
Minimum set-up time
(Jn-CK)
ts
2.0
4.5
6.0
75
15
13
95
19
16
ns
Minimum set-up time
(Jn- APE )
ts
2.0
4.5
6.0
75
15
13
95
19
16
ns
Minimum hold time
( SPE -CK)
th
2.0
4.5
6.0
0
0
0
0
0
0
ns
Minimum hold time
( CI/CE -CK)
th
2.0
4.5
6.0
0
0
0
0
0
0
ns
Minimum hold time
(Jn-CK)
th
2.0
4.5
6.0
0
0
0
0
0
0
ns
Minimum hold time
(Jn- APE )
th
2.0
4.5
6.0
0
0
0
0
0
0
ns
Minimum removal time
( CLR , APE )
trem
2.0
4.5
6.0
75
15
13
95
19
16
ns
Clock frequency
f
2.0
4.5
6.0
4
20
24
3
16
19
MHz


유사한 부품 번호 - TC74HC40102AF

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74HC40102AF TOSHIBA-TC74HC40102AF Datasheet
430Kb / 11P
   DUAL BCD/8-BIT BINARY PROGRAMMABLE DOWN COUNTER
More results

유사한 설명 - TC74HC40102AF

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74HC40102AP TOSHIBA-TC74HC40102AP Datasheet
430Kb / 11P
   DUAL BCD/8-BIT BINARY PROGRAMMABLE DOWN COUNTER
logo
NXP Semiconductors
HEF4522B PHILIPS-HEF4522B Datasheet
107Kb / 10P
   Programmable 4-bit BCD down counter
January 1995
logo
ON Semiconductor
MC14569B ONSEMI-MC14569B Datasheet
286Kb / 16P
   Programmable Divide-By-N Dual 4-Bit Binary/BCD Down Counter
March, 2000 ??Rev. 3
MC14569B ONSEMI-MC14569B_14 Datasheet
145Kb / 12P
   Programmable Divide-By-N Dual 4-Bit Binary/BCD Down Counter
July, 2014 ??Rev. 8
logo
NXP Semiconductors
74HC4510 PHILIPS-74HC4510 Datasheet
102Kb / 12P
   BCD up/down counter
December 1990
logo
Hitachi Semiconductor
HD14510B HITACHI-HD14510B Datasheet
88Kb / 6P
   BCD Up/Down Counter
logo
Motorola, Inc
MC14510B MOTOROLA-MC14510B Datasheet
284Kb / 10P
   BCD Up/Down Counter
logo
ON Semiconductor
MC14569B ONSEMI-MC14569B_05 Datasheet
145Kb / 14P
   Programmable Divide-By-N Dual 4-Bit Binary/BCD Down Counter
February, 2005 ??Rev. 5
logo
NXP Semiconductors
HEF4510B PHILIPS-HEF4510B Datasheet
135Kb / 10P
   BCD up/down counter
January 1995
HEF4518B PHILIPS-HEF4518B Datasheet
66Kb / 7P
   Dual BCD counter
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com