전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SA1483 데이터시트(PDF) 2 Page - Toshiba Semiconductor

부품명 2SA1483
상세설명  High Frequency Amplifier Applications Video Amplifier Applications High Speed SwitcHing Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA1483 데이터시트(HTML) 2 Page - Toshiba Semiconductor

  2SA1483 Datasheet HTML 1Page - Toshiba Semiconductor 2SA1483 Datasheet HTML 2Page - Toshiba Semiconductor 2SA1483 Datasheet HTML 3Page - Toshiba Semiconductor 2SA1483 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SA1483
2006-11-09
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = −45 V, IE = 0
−0.1
μA
Emitter cut-off current
IEBO
VEB = −5 V, IC = 0
−0.1
μA
hFE (1)
(Note 3)
VCE = −1 V, IC = −10 mA
40
240
DC current gain
hFE (2)
VCE = −3 V, IC = −200 mA
20
Collector-emitter saturation voltage
VCE (sat)
IC = −100 mA, IB = −10 mA
−0.3
V
Base-emitter saturation voltage
VBE (sat)
IC = −100 mA, IB = −10 mA
−1.0
V
Transition frequency
fT
VCE = −10 V, IC = −10 mA
100
200
MHz
Input impedance (real part)
Re (hie)
VCE = −10 V, IE = 10 mA, f = 200 MHz
120
Collector output capacitance
Cob
VCB = −10 V, IE = 0, f = 1 MHz
3.5
5
pF
Turn-on time
ton
40
Storage time
tstg
250
Switching time
Fall time
tf
30
ns
Note 3: hFE (1) classification R: 40 to 80, O: 70 to 140, Y: 120 to 240
Marking
W
Part No. (or abbreviation code)
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
Characteristics indicator
OUTPUT
680 Ω
VCC
= −12 V
VBB
= 3 V
INPUT
0
−10 V
1 μs
DUTY CYCLE ≤ 2%


유사한 부품 번호 - 2SA1483

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SA1483 TOSHIBA-2SA1483 Datasheet
173Kb / 3P
   TRANSISTOR (HIGH FREQUENCY AMPLIFIER, VIDEO AMPLIFIER, HIGH SPEED SWITCHING APPLICATIONS)
logo
Guangdong Kexin Industr...
2SA1483 KEXIN-2SA1483 Datasheet
363Kb / 3P
   High Frequency Amplifier Applications
logo
Toshiba Semiconductor
2SA1483 TOSHIBA-2SA1483 Datasheet
171Kb / 4P
   High Frequency Amplifier Applications
2SA1483 TOSHIBA-2SA1483 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
Guangdong Kexin Industr...
2SA1483 KEXIN-2SA1483 Datasheet
927Kb / 3P
   PNP Transistors
More results

유사한 설명 - 2SA1483

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SC3803-R TOSHIBA-2SC3803-R Datasheet
167Kb / 4P
   High Frequency Amplifier Applications Video Amplifier Applications High Speed Switching Applications
2SC3803 TOSHIBA-2SC3803_04 Datasheet
153Kb / 4P
   High Frequency Amplifier Applications Video Amplifier Applications High Speed Switching Applications
2SC594 TOSHIBA-2SC594 Datasheet
176Kb / 2P
   HIGH FREQUENCY AMPLIFIER APPLICATIONS. VIDEO AMPLIFIER APPLICATIONS, HIGH SPEED SHITCHING APPLICATIONS.
2SC503 TOSHIBA-2SC503 Datasheet
464Kb / 3P
   HIGH FREQUENCY AMPLIFIER APPLICATIONS. HIGH SPEED SWITCHING APPLICATIONS.
2SA1483 TOSHIBA-2SA1483 Datasheet
173Kb / 3P
   TRANSISTOR (HIGH FREQUENCY AMPLIFIER, VIDEO AMPLIFIER, HIGH SPEED SWITCHING APPLICATIONS)
2SK711-BL TOSHIBA-2SK711-BL Datasheet
222Kb / 5P
   High Frequency Amplifier Applications AM High Frequency Amplifier Applications Audio Frequency Amplifier Applications
2SK1875-V TOSHIBA-2SK1875-V Datasheet
256Kb / 5P
   High Frequency Amplifier Applications AM High Frequency Amplifier Applications Audio Frequency Amplifier Applications
2SK711-V TOSHIBA-2SK711-V Datasheet
222Kb / 5P
   High Frequency Amplifier Applications AM High Frequency Amplifier Applications Audio Frequency Amplifier Applications
2SA1382 TOSHIBA-2SA1382_09 Datasheet
176Kb / 5P
   Power Amplifier Applications High-Speed Switching Applications
2SC6125 TOSHIBA-2SC6125 Datasheet
156Kb / 5P
   High-Speed Switching Applications Power Amplifier Applications
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com