전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLP570 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TLP570
상세설명  Programmable Controllers AC / DC−Input Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP570 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TLP570 Datasheet HTML 1Page - Toshiba Semiconductor TLP570 Datasheet HTML 2Page - Toshiba Semiconductor TLP570 Datasheet HTML 3Page - Toshiba Semiconductor TLP570 Datasheet HTML 4Page - Toshiba Semiconductor TLP570 Datasheet HTML 5Page - Toshiba Semiconductor TLP570 Datasheet HTML 6Page - Toshiba Semiconductor TLP570 Datasheet HTML 7Page - Toshiba Semiconductor TLP570 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLP570,TLP571
2007-10-01
1
TOSHIBA Photocoupler GaAs IRed & Photo−Transistor
TLP570,TLP571
Programmable Controllers
AC / DC−Input Module
Solid State Relay
The TOSHIBA TLP570 and TLP571 consist of a darlington connected
photo−transistor optically coupled to a gallium arsenide infrared
emitting diode in a six lead plastic DIP package.
TLP570 is no−base internal connection for high−EMI environments.
Collector−emitter voltage: 35V (min.)
Current transfer ratio: 1000% (min.)
Isolation voltage: 2500Vrms (min.)
UL recognized: UL1577, file no. E67349
Pin Configurations (top view)
Unit in mm
TOSHIBA
11−7A8


유사한 부품 번호 - TLP570

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP570 TOSHIBA-TLP570 Datasheet
707Kb / 8P
   Programmable Controllers AC / DC.Input Module Solid State Relay
TLP5701 TOSHIBA-TLP5701 Datasheet
901Kb / 19P
   Photocouplers Infrared LED & Photo IC
2019-12-05 Rev.6.0
TLP5702 TOSHIBA-TLP5702 Datasheet
1Mb / 21P
   Photocouplers GaAℓAs Infrared LED & Photo IC
2018-01-10 Rev.5.0
TLP5702H TOSHIBA-TLP5702H Datasheet
978Kb / 18P
   Photocouplers Infrared LED & Photo IC
2021-09-10 Rev.3.0
TLP5705H TOSHIBA-TLP5705H Datasheet
1,018Kb / 20P
   Photocouplers Infrared LED & Photo IC
2022-09-01 Rev.2.0
More results

유사한 설명 - TLP570

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP521-1 TOSHIBA-TLP521-1_07 Datasheet
249Kb / 9P
   Programmable Controllers AC/DC−Input Module Solid State Relay
TLP572-07 TOSHIBA-TLP572-07 Datasheet
229Kb / 9P
   Programmable Controllers AC/DC-Input Module
logo
Fairchild Semiconductor
TLP630 FAIRCHILD-TLP630 Datasheet
892Kb / 9P
   Programmable Controllers AC / DC-Input Module Telecommunication
logo
Toshiba Semiconductor
TLP126 TOSHIBA-TLP126 Datasheet
179Kb / 8P
   Programmable Controllers AC DC-Input Module Telecommunication
TLP620 TOSHIBA-TLP620 Datasheet
425Kb / 9P
   PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE TELECOMMUNICATION
TLP626 TOSHIBA-TLP626 Datasheet
387Kb / 8P
   PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE TELECOMMUNICATION
TLP292 TOSHIBA-TLP292 Datasheet
649Kb / 11P
   Programmable Controllers AC/DC-Input Module Hybrid ICs
TLP290 TOSHIBA-TLP290 Datasheet
553Kb / 10P
   Programmable Controllers AC/DC-Input Module Hybrid ICs
TLP561G TOSHIBA-TLP561G_07 Datasheet
174Kb / 6P
   Triac Driver Programmable Controllers AC−Output Module
TLP531 TOSHIBA-TLP531 Datasheet
816Kb / 9P
   Programmable Controllers AC / DC-Input Module Solid State Relay
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com