전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLP280 데이터시트(PDF) 6 Page - Toshiba Semiconductor

부품명 TLP280
상세설명  GaAs Ired & Photo−Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP280 데이터시트(HTML) 6 Page - Toshiba Semiconductor

  TLP280_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP280_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP280_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP280_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP280_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP280_07 Datasheet HTML 6Page - Toshiba Semiconductor TLP280_07 Datasheet HTML 7Page - Toshiba Semiconductor TLP280_07 Datasheet HTML 8Page - Toshiba Semiconductor TLP280_07 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TLP280,TLP280
−4
2007-10-01
6
Ambient temperature Ta (℃)
TLP280-4
IF – Ta
TLP280
0
120
100
40
20
0
-20-20
20
40
80
100
80
60
60
Duty cycle ratio DR
PULSE WIDTH
100μs
Ta=25℃
IFP – DR
10
10
0
3
3
3
30
50
100
1000
3000
10
1
300
500
10
2
10
3
3
Pulse forward voltage VFP (V)
Pulse width≦10μs
Repetitive
Frequency=100Hz
Ta=25℃
IFP – VFP
1
3.0
2.6
1.8
1.4
1.0
0.6
3
5
10
30
300
500
1000
2.2
50
100
Forward current IF (mA)
Δ
VF /ΔTa– IF
-0.4
50
30
5
1
0.3
0.1
-0.8
-1.2
-1.6
-2.8
-3.2
10
-2.0
-2.4
0.5
3
PC – Ta
Ambient temperature Ta (℃)
TLP280-4
TLP280
0
120
100
60
20
0
-20
40
80
160
200
80
120
40
Forward voltage VF (V)
100℃
IF – VF
75℃
50℃
25℃
0℃
-25℃
-50℃
0.1
1.6
1.2
1.0
0.8
0.6
1
100
1.4
10


유사한 부품 번호 - TLP280_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP280-4 TOSHIBA-TLP280-4 Datasheet
185Kb / 9P
   Programmable Controllers AC/DC?묲nput Module PC Card Modem (PCMCIA)
TLP280F TOSHIBA-TLP280F Datasheet
185Kb / 9P
   Programmable Controllers AC/DC?묲nput Module PC Card Modem (PCMCIA)
TLP280GB-TP TOSHIBA-TLP280GB-TP Datasheet
210Kb / 9P
   Programmable Controllers AC/DC?묲nput Module PC Card Modem (PCMCIA)
TLP280GB-TPF TOSHIBA-TLP280GB-TPF Datasheet
210Kb / 9P
   TOSHIBA Photocoupler GaAs Ired Photo?뭈ransistor
More results

유사한 설명 - TLP280_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP320 TOSHIBA-TLP320_07 Datasheet
231Kb / 7P
   GaAs Ired & Photo−Transistor
TLP330 TOSHIBA-TLP330_07 Datasheet
175Kb / 6P
   GaAs Ired & Photo−Transistor
TLP331 TOSHIBA-TLP331_07 Datasheet
193Kb / 8P
   GaAs Ired & Photo−Transistor
TLP421F TOSHIBA-TLP421F_07 Datasheet
145Kb / 3P
   GaAs IRed & Photo−Transistor
TLP523 TOSHIBA-TLP523_07 Datasheet
262Kb / 7P
   GaAs Ired & Photo−Transistor
TLP504A TOSHIBA-TLP504A_07 Datasheet
228Kb / 8P
   GaAs Ired & Photo−Transistor
TLP371 TOSHIBA-TLP371_07 Datasheet
211Kb / 8P
   GaAs Ired & Photo−Transistor
TLP180 TOSHIBA-TLP180_07 Datasheet
166Kb / 8P
   Photocoupler GaAs Ired & Photo−Transistor
TLP181 TOSHIBA-TLP181_02 Datasheet
152Kb / 9P
   GaAs Ired and Photo−Transistor
TLP181 TOSHIBA-TLP181_07 Datasheet
173Kb / 9P
   Photocoupler GaAs Ired & Photo−Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com