전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLP260J 데이터시트(PDF) 5 Page - Toshiba Semiconductor

부품명 TLP260J
상세설명  GaAs IRED Photo-Triac
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP260J 데이터시트(HTML) 5 Page - Toshiba Semiconductor

  TLP260J Datasheet HTML 1Page - Toshiba Semiconductor TLP260J Datasheet HTML 2Page - Toshiba Semiconductor TLP260J Datasheet HTML 3Page - Toshiba Semiconductor TLP260J Datasheet HTML 4Page - Toshiba Semiconductor TLP260J Datasheet HTML 5Page - Toshiba Semiconductor TLP260J Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TLP260J
2007-10-01
5
Normalized IDRM – Ta
Ambient temperature Ta (°C)
100
10
3
0
10
1
10
0
20
40
80
60
0
10
2
VDRM=Rated
1.8
Normalized LED Current
LED Current Pulse Width
LED current pulse width Pw (μs)
1.4
10
10
3
1.6
2
1
50
100
300
500
1000
5
30
1.2
Normalized IFT – Ta
Ambient temperature Ta (°C)
100
3
40
1
20
0
80
40
0.1
1.2
2
0.5
20
60
VT=6V
0.3
Normalized IH – Ta
Ambient temperature Ta (°C)
100
3
40
2
1
0.5
0.3
20
0
20
60
80
40
0.1
1.2
100
40
20
0
80
40
20
60
Normalized VDRM – Ta
Ambient temperature Ta (°C)
1.4
0.8
0.4
0.2
1.0
1.2
0.6


유사한 부품 번호 - TLP260J

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP260J TOSHIBA-TLP260J Datasheet
96Kb / 4P
   TOSHIBA Photocoupler GaAs IRED&Photo-triac
More results

유사한 설명 - TLP260J

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP363J TOSHIBA-TLP363J Datasheet
182Kb / 7P
   GaAs Ired & Photo-Triac
TLP361J TOSHIBA-TLP361J_07 Datasheet
181Kb / 7P
   GaAs Ired & Photo-Triac
TLP361JF TOSHIBA-TLP361JF Datasheet
140Kb / 2P
   GaAs Ired & Photo-Triac
TLP360J TOSHIBA-TLP360J_07 Datasheet
158Kb / 6P
   GaAs Ired & Photo-Triac
TLP360JF TOSHIBA-TLP360JF Datasheet
120Kb / 2P
   GaAs Ired & Photo-Triac
TLP363JF TOSHIBA-TLP363JF Datasheet
140Kb / 2P
   GaAs Ired & Photo-Triac
TLP560J TOSHIBA-TLP560J_07 Datasheet
188Kb / 6P
   GaAs Ired & Photo−Triac
TLP525G TOSHIBA-TLP525G_07 Datasheet
566Kb / 6P
   GaAs IRed & Photo−Triac
TLP560G TOSHIBA-TLP560G_07 Datasheet
205Kb / 6P
   GaAs Ired & Photo−Triac
TLP763J TOSHIBA-TLP763J_07 Datasheet
159Kb / 5P
   GaAs Ired & Photo−Triac
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com