전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA58M06F 데이터시트(PDF) 10 Page - Toshiba Semiconductor

부품명 TA58M06F
상세설명  500 mA Low Dropout Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA58M06F 데이터시트(HTML) 10 Page - Toshiba Semiconductor

Back Button TA58M06F Datasheet HTML 4Page - Toshiba Semiconductor TA58M06F Datasheet HTML 5Page - Toshiba Semiconductor TA58M06F Datasheet HTML 6Page - Toshiba Semiconductor TA58M06F Datasheet HTML 7Page - Toshiba Semiconductor TA58M06F Datasheet HTML 8Page - Toshiba Semiconductor TA58M06F Datasheet HTML 9Page - Toshiba Semiconductor TA58M06F Datasheet HTML 10Page - Toshiba Semiconductor TA58M06F Datasheet HTML 11Page - Toshiba Semiconductor TA58M06F Datasheet HTML 12Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
TA58M05, 06, 08, 09, 10, 12, 15F
2006-11-06
10
TA58M05F
VIN = 14 V
I OUT = 0 mA
0
10
20
30
50
60
0
100
300
400
Output current I OUT
(mA )
I B – IOUT
Junction temperature Tj (°C)
I PEAK – Tj
Dropout voltage VD (V)
I PEAK – VD
40
200
500
I B – Tj
Junction temperature Tj (°C)
0
1.0
0.2
0.6
0.4
0.8
0
-50
150
50
100
Output current I OUT (mA)
VD – IOUT
0
1.0
0
300
500
0.6
0.4
100
0.8
0.2
200
400
Junction temperature Tj (°C)
VD – Tj
0
0.5
-50
50
150
0.3
0.2
0.4
0.1
0
100
25 °C
85 °C
50 mA
I OUT = 200 mA
TA58M05F
VIN = 14 V
TA58M05F
Tj = 25 °C
0
20
30
10
0
0.8
1.2
0.4
0.2
TA58M05F
Tj = 25 °C
VIN = 14 V
-40 °C
125 °C
0
1.2
0.2
0.6
0.4
1.0
-50
50
150
0
100
0.8
1.0
0.6


유사한 부품 번호 - TA58M06F

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA58M06S TOSHIBA-TA58M06S Datasheet
216Kb / 12P
   500 mA Low Dropout Voltage Regulator
More results

유사한 설명 - TA58M06F

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA58M05S TOSHIBA-TA58M05S Datasheet
216Kb / 12P
   500 mA Low Dropout Voltage Regulator
logo
Microchip Technology
MIC5237 MICROCHIP-MIC5237 Datasheet
1Mb / 18P
   500 mA Low Dropout Regulator
09/14/21
logo
National Semiconductor ...
LM2937 NSC-LM2937 Datasheet
308Kb / 11P
   500 mA Low Dropout Regulator
logo
Texas Instruments
LM2937 TI-LM2937_15 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low Dropout Regulator
LM2937ET-5.0 TI1-LM2937ET-5.0 Datasheet
1Mb / 24P
[Old version datasheet]   LM2937 500 mA Low Dropout Regulator
TPS74701 TI1-TPS74701_15 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low-Dropout Linear Regulator
TL5209 TI-TL5209 Datasheet
371Kb / 22P
[Old version datasheet]   500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR WITH SHUTDOWN
TL5209 TI-TL5209_10 Datasheet
501Kb / 21P
[Old version datasheet]   500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR WITH SHUTDOWN
logo
Analog Devices
ADP1716 AD-ADP1716 Datasheet
589Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1716 AD-ADP1716_15 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com