전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA58M08S 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TA58M08S
상세설명  500 mA Low Dropout Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA58M08S 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TA58M08S Datasheet HTML 1Page - Toshiba Semiconductor TA58M08S Datasheet HTML 2Page - Toshiba Semiconductor TA58M08S Datasheet HTML 3Page - Toshiba Semiconductor TA58M08S Datasheet HTML 4Page - Toshiba Semiconductor TA58M08S Datasheet HTML 5Page - Toshiba Semiconductor TA58M08S Datasheet HTML 6Page - Toshiba Semiconductor TA58M08S Datasheet HTML 7Page - Toshiba Semiconductor TA58M08S Datasheet HTML 8Page - Toshiba Semiconductor TA58M08S Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TA58M05, 06, 08, 09, 10, 12, 15S
2006-11-06
1
1
OUT
Mark
3
2
GND
IN
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA58M05S, TA58M06S, TA58M08S, TA58M09S
TA58M10S, TA58M12S, TA58M15S
500 mA Low Dropout Voltage Regulator
The TA58M**S Series consists of fixed-positive-output, low-dropout
regulators with an output current of 500 mA (max) that utilize PNP
transistors for the output stage. Low dropout voltage and standby
current make the TA58M**S Series suitable for applications
requiring low power consumption.
Features
• Maximum output current
: 500 mA
• Output voltage
: 5 / 6 / 8 / 9 / 10 / 12 / 15 V
• Output voltage accuracy
: VOUT ± 3% (@Tj = 25°C)
• Low-dropout voltage
: 0.65 V (Max) (@IOUT = 500mA)
• Protection function
: Over current protection / thermal shutdown /
Reverse connection of power supply / 60 V load dump
• Package type
: TO-220NIS
Pin Assignment
Marking
Note 1: The “**” in each product name is replaced with the output voltage of each product.
HSIP3-P-2.54A
Weight : 1.7 g (Typ.)
A line indicates
lead (Pb) - free package or
lead (Pb) – free finish.
Lot No
58M**S
Part No. (or abbreviation code)


유사한 부품 번호 - TA58M08S

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA58M08F TOSHIBA-TA58M08F Datasheet
220Kb / 12P
   500 mA Low Dropout Voltage Regulator
More results

유사한 설명 - TA58M08S

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA58M05F TOSHIBA-TA58M05F Datasheet
220Kb / 12P
   500 mA Low Dropout Voltage Regulator
logo
Microchip Technology
MIC5237 MICROCHIP-MIC5237 Datasheet
1Mb / 18P
   500 mA Low Dropout Regulator
09/14/21
logo
National Semiconductor ...
LM2937 NSC-LM2937 Datasheet
308Kb / 11P
   500 mA Low Dropout Regulator
logo
Texas Instruments
LM2937 TI-LM2937_15 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low Dropout Regulator
LM2937ET-5.0 TI1-LM2937ET-5.0 Datasheet
1Mb / 24P
[Old version datasheet]   LM2937 500 mA Low Dropout Regulator
TPS74701 TI1-TPS74701_15 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low-Dropout Linear Regulator
TL5209 TI-TL5209 Datasheet
371Kb / 22P
[Old version datasheet]   500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR WITH SHUTDOWN
TL5209 TI-TL5209_10 Datasheet
501Kb / 21P
[Old version datasheet]   500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR WITH SHUTDOWN
logo
Analog Devices
ADP1716 AD-ADP1716 Datasheet
589Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1716 AD-ADP1716_15 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com