전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA76L431FT 데이터시트(PDF) 3 Page - Toshiba Semiconductor

부품명 TA76L431FT
상세설명  2.49-V Adjustable High-Precision Shunt Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA76L431FT 데이터시트(HTML) 3 Page - Toshiba Semiconductor

  TA76L431FT Datasheet HTML 1Page - Toshiba Semiconductor TA76L431FT Datasheet HTML 2Page - Toshiba Semiconductor TA76L431FT Datasheet HTML 3Page - Toshiba Semiconductor TA76L431FT Datasheet HTML 4Page - Toshiba Semiconductor TA76L431FT Datasheet HTML 5Page - Toshiba Semiconductor TA76L431FT Datasheet HTML 6Page - Toshiba Semiconductor TA76L431FT Datasheet HTML 7Page - Toshiba Semiconductor TA76L431FT Datasheet HTML 8Page - Toshiba Semiconductor TA76L431FT Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TA76L431FT/S
2006-11-06
3
Typical Application Circuits
(1) 2.49 V Reference (VKA = VREF)
(2) Shunt regulator (VKA > VREF)
Precautions during Use
1. TA76L431FT, TA76L431S
These products contain MOS elements. Please take care to avoid generating static electricity when handling
these devices.
2. TA76L431FT, TA76L431S
The oscillation frequency of these devices is determined by the value of the capacitor connected between the
anode and the cathode.
When establishing maximum operating condition parameters, please derate the maximum rating values
specified in these datasheets so as to allow an operational safety margin.
Use of a laminated ceramic capacitor is recommended
3. Precautions when handling anode pin of TA76L431FT
Pin 2 and pin 5 should normally be shorted together. If only pin 5 is used, pin 2 should either be left open or
always kept at a lower potential than pin 5. Do not leave pin 5 open and use pin 2 only.
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Cathode voltage
VKA
20
V
Cathode current
IK
50
mA
Cathode-anode reverse current
−IK
50
mA
Reference voltage
VREF
7
V
Reference current
IREF
50
μA
Reference-anode reverse current
−IREF
10
mA
TA76L431FT
0.45 (Note 1)
Power dissipation
TA76L431S
PD
0.8
W
TA76L431FT
277 (Note 1)
Thermal
resistance
TA76L431S
Rth
156
ºC/W
Operating temperature
Topr
−40∼85
ºC
Junction temperature
Tj
150
ºC
Storage temperature
Tstg
−55∼150
ºC
Note 1: Glass epoxy substrate mounting: 30 mm
× 30 mm × 0.8 mmt (Cu pad area 35 mm
2
)
Note 2: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
VOUT = 2.49 V
VIN
VIN
VOUT
R1
I
R
R
1
V
REF
2
1
REF
+
⎟⎟
⎜⎜
+
=
VOUT
R1
R2
VREF


유사한 부품 번호 - TA76L431FT

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA76L431FB TOSHIBA-TA76L431FB Datasheet
202Kb / 8P
   2.495 V Adjustable High-Precision Shunt Regulators
More results

유사한 설명 - TA76L431FT

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA76L431FB TOSHIBA-TA76L431FB Datasheet
202Kb / 8P
   2.495 V Adjustable High-Precision Shunt Regulators
TA76432FT TOSHIBA-TA76432FT_06 Datasheet
292Kb / 13P
   1.26-V Adjustable High-Precision Shunt Regulators
TA76432FC TOSHIBA-TA76432FC Datasheet
248Kb / 12P
   1.26-V Adjustable High-Precision Shunt Regulators
TA76432AFT TOSHIBA-TA76432AFT Datasheet
257Kb / 11P
   1.26-V Adjustable High-Precision Shunt Regulators
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
   Adjustable Precision Shunt Regulators
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
   Adjustable Precision Shunt Regulators
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com