전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA78L07PF 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TA78L07PF
상세설명  3-Terminal Positive Voltage Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA78L07PF 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TA78L07PF Datasheet HTML 1Page - Toshiba Semiconductor TA78L07PF Datasheet HTML 2Page - Toshiba Semiconductor TA78L07PF Datasheet HTML 3Page - Toshiba Semiconductor TA78L07PF Datasheet HTML 4Page - Toshiba Semiconductor TA78L07PF Datasheet HTML 5Page - Toshiba Semiconductor TA78L07PF Datasheet HTML 6Page - Toshiba Semiconductor TA78L07PF Datasheet HTML 7Page - Toshiba Semiconductor TA78L07PF Datasheet HTML 8Page - Toshiba Semiconductor TA78L07PF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TA78L05,06,07,08,09,10,12,15PF
2007-07-02
1
*
() on the lower left of the marking indicates Pin 1.
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA78L05PF, TA78L06PF, TA78L07PF, TA78L08PF,
TA78L09PF, TA78L10PF, TA78L12PF, TA78L15PF
5 V, 6 V, 7V, 8 V, 9 V, 10 V, 12 V, 15V
3-Terminal Positive Voltage Regulators
Housed in a very small and thin PS-8 package, the TA78L**PF
series of fixed-voltage monolithic integrated circuit voltage
regulators is designed for a wide range of applications. One of
these regulators can drive up to 0.15 A of output current.
The series offers devices with low-output voltages: 5 V, 6 V, 7 V, 8
V, 9 V, 10 V, 12 V, and 15 V.
Features
• Maximum output current: 0.15 A
• Output voltage accuracy: VOUT ± 4% (@Tj = 25°C)
• Protection function: overheating/overcurrent
• Package type: PS-8 is a flat lead, 8-pin package.
This is smaller and thinner than the previous PW-Mini,
with a 47% decrease in height and a 54% decrease in mounting area.
• Lead-free products
Pin Assignment/Marking
Product No.
Marking (5 digits)
TA78L05PF
78L05
TA78L06PF
78L06
TA78L07PF
78L07
TA78L08PF
78L08
TA78L09PF
78L09
TA78L10PF
78L10
TA78L12PF
78L12
TA78L15PF
78L15
How to Order
Product No.
Packing Type and Unit for Orders
TA78L**PF (TE85L,F)
Embossed-tape packing: 2000 (1 tape)
Note 1: In the actual product number, ”**” is replaced by the output voltage of the product.
Weight: 0.08 g (typ.)
SON8-P-0303-0.65(PS-8)
Marking (5 digits)
Lot No. (3 digits)
1-3: GND
4: OUT
5: IN
6-8: GND
* Weekly code: (Three digits)
Week of manufacture
(01 for the first week of the year, continuing up to 52 or 53)
Year of manufacture
(Lowest-order digit of the calendar year)
1
234
5
6
7
8


유사한 부품 번호 - TA78L07PF

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA78L07 TOSHIBA-TA78L07 Datasheet
390Kb / 19P
   Bipolar Linear Integrated Circuit Silicon Monolithic
TA78L075 TOSHIBA-TA78L075 Datasheet
668Kb / 20P
   THREE TERMINAL POSIVIVE REGULATORS
TA78L075AP TOSHIBA-TA78L075AP Datasheet
668Kb / 20P
   THREE TERMINAL POSIVIVE REGULATORS
TA78L075AP TOSHIBA-TA78L075AP Datasheet
674Kb / 22P
   Three-Terminal Positive Regulators
TA78L07F TOSHIBA-TA78L07F Datasheet
390Kb / 19P
   Bipolar Linear Integrated Circuit Silicon Monolithic
More results

유사한 설명 - TA78L07PF

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM341-12 TI1-LM341-12 Datasheet
729Kb / 13P
[Old version datasheet]   3-Terminal Positive Voltage Regulators
logo
GTM CORPORATION
G3U78XXA GTM-G3U78XXA Datasheet
206Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GI78XX GTM-GI78XX Datasheet
201Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XX GTM-GJ78XX Datasheet
197Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XXA GTM-GJ78XXA Datasheet
168Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Bookly Micro electronic
BM7805 BOOKLY-BM7805 Datasheet
222Kb / 8P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
GTM CORPORATION
GE78XX GTM-GE78XX Datasheet
207Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
G3U78XX GTM-G3U78XX Datasheet
231Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GU78XX GTM-GU78XX Datasheet
240Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
AX78LXX ETC-AX78LXX Datasheet
223Kb / 10P
   3-Terminal Positive Voltage Regulators
AX78XX ETC-AX78XX Datasheet
222Kb / 11P
   3-Terminal Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com