전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN3800 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FAN3800
상세설명  Mono / Stereo Audio Amplifier with Microphone Pre-Amplifier and EMU Interface
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3800 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FAN3800 Datasheet HTML 1Page - Fairchild Semiconductor FAN3800 Datasheet HTML 2Page - Fairchild Semiconductor FAN3800 Datasheet HTML 3Page - Fairchild Semiconductor FAN3800 Datasheet HTML 4Page - Fairchild Semiconductor FAN3800 Datasheet HTML 5Page - Fairchild Semiconductor FAN3800 Datasheet HTML 6Page - Fairchild Semiconductor FAN3800 Datasheet HTML 7Page - Fairchild Semiconductor FAN3800 Datasheet HTML 8Page - Fairchild Semiconductor FAN3800 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
October 2007
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3800 • Rev. 1.0.0
FAN3800 — Mono / Stereo Audio Amplifier with
Microphone Pre-Amplifier and EMU Interface
Features
Regulated positive supply
Negative supply generator allows ground-centered
output swing
Dual speaker drivers with mono/stereo switch
capability
Capable of driving 16mWRMS per channel
Complete external microphone interface
Enhanced mini-USB bus detection and interface
circuitry
Manual and remote send-end switch interface
Pop and click suppression
Single 2.7V to 4.5V operation
2kV ESD (HBM) protection
MLP 24-pin package
Applications
One-piece stereo/mono headset with microphone
EMU to 3.5mm stereo headphone adapter
EMU to 2.5 or 3.5 adapter for stereo headset with
microphone
Description
The FAN3800 is a low-cost solution that integrates the
many discrete parts currently used in stereo headset
applications. It provides mono / stereo speaker drivers
and a complete microphone interface. Additionally, the
FAN3800 allows headset detection and identification
through a 5-pin, enhanced mini-USB (EMU) bus.
Manual and remote send-end switching is supported.
The FAN3800 speaker drivers are designed to operate
with a ground-centered output signal. This allows
removal of large and expensive DC blocking capacitors.
In addition, it allows interfacing with externally powered
speakers. The speaker drivers are capable of driving up
to 16mWRMS per channel.
FAN3800 delivers a complete solution for interfacing an
external
microphone.
The
microphone
interface
provides a regulated, high PSRR supply, differential
input sense to single-ended output driver amplifiers,
and output muting. Gain is fixed at 36dB and can be
attenuated externally with a resistor divider network.
Send-end
switching
automatically
routes
the
microphone output to the D+ output. When activated,
the speakers switch from stereo to mono mode, both
driven by the D- input. Pop and click noise is minimized
during
switching.
Send-end
information
can
be
generated manually through an external switch or
through the EMU bus interface.
ID
MUTE
BYPASS
MIC+
MIC-
MICSUP
CPOUT
V-
SPKLOUT
VS
SPKROUT
D+
MLP-24
4x4mm
Figure 1. FAN3800 Pin Out
Ordering Information
Part Number
Pb-Free
Package
Packing Method
FAN3800MLP24X
24-Pin Molded Leadless Package (MLP)
Pack


유사한 부품 번호 - FAN3800

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN3850A FAIRCHILD-FAN3850A Datasheet
698Kb / 11P
   Microphone Pre-Amplifier with Digital Output
logo
ON Semiconductor
FAN3850A ONSEMI-FAN3850A Datasheet
582Kb / 12P
   Microphone Pre-Amplifier with Digital Output
August 2016 Rev. 1.6
logo
Fairchild Semiconductor
FAN3850AUC16X FAIRCHILD-FAN3850AUC16X Datasheet
698Kb / 11P
   Microphone Pre-Amplifier with Digital Output
logo
ON Semiconductor
FAN3850AUC16X ONSEMI-FAN3850AUC16X Datasheet
582Kb / 12P
   Microphone Pre-Amplifier with Digital Output
August 2016 Rev. 1.6
logo
Fairchild Semiconductor
FAN3850AUC19X FAIRCHILD-FAN3850AUC19X Datasheet
698Kb / 11P
   Microphone Pre-Amplifier with Digital Output
More results

유사한 설명 - FAN3800

제조업체부품명데이터시트상세설명
logo
Wolfson Microelectronic...
WM8952 WOLFSON-WM8952 Datasheet
893Kb / 72P
   Mono ADC with Microphone Pre-amplifier
logo
Texas Instruments
PCM2912PJT TI-PCM2912PJT Datasheet
712Kb / 32P
[Old version datasheet]   AUDIO CODEC WITH USB INTERFACE, MONO MICROPHONE INPUT AND STEREO HEADPHONE OUTPUT
PCM2912 TI-PCM2912 Datasheet
813Kb / 32P
[Old version datasheet]   AUDIO CODEC WITH USB INTERFACE, MONO MICROPHONE INPUT AND STEREO HEADPHONE OUTPUT
PCM2912A TI1-PCM2912A Datasheet
839Kb / 32P
[Old version datasheet]   AUDIO CODEC WITH USB INTERFACE, MONO MICROPHONE INPUT AND STEREO HEADPHONE OUTPUT
logo
Asahi Kasei Microsystem...
AKD4641EN-A AKM-AKD4641EN-A Datasheet
732Kb / 54P
   16bit stereo CODEC with built-in Microphone-amplifier and 16bit Mono CODEC for Bluetooth Interface.
logo
Texas Instruments
PCM1870A TI-PCM1870A Datasheet
675Kb / 46P
[Old version datasheet]   16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
logo
Burr-Brown (TI)
PCM1870 BURR-BROWN-PCM1870 Datasheet
759Kb / 49P
   16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
logo
National Semiconductor ...
LM4780 NSC-LM4780 Datasheet
1Mb / 24P
   Audio Power Amplifier Series Stereo 60W, Mono 120W Audio Power Amplifier with Mute
logo
Elite Semiconductor Mem...
AD82587D ESMT-AD82587D Datasheet
764Kb / 45P
   2X20W Stereo / 1X40W Mono Digital Audio Amplifier
Revision: 1.6
logo
Texas Instruments
LM4780 TI1-LM4780 Datasheet
1Mb / 31P
[Old version datasheet]   Audio Power Amplifier Series Stereo 60W, Mono 120W Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com