전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA1317ANG 데이터시트(PDF) 4 Page - Toshiba Semiconductor

부품명 TA1317ANG
상세설명  Deflection Processor IC for TV
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1317ANG 데이터시트(HTML) 4 Page - Toshiba Semiconductor

  TA1317ANG Datasheet HTML 1Page - Toshiba Semiconductor TA1317ANG Datasheet HTML 2Page - Toshiba Semiconductor TA1317ANG Datasheet HTML 3Page - Toshiba Semiconductor TA1317ANG Datasheet HTML 4Page - Toshiba Semiconductor TA1317ANG Datasheet HTML 5Page - Toshiba Semiconductor TA1317ANG Datasheet HTML 6Page - Toshiba Semiconductor TA1317ANG Datasheet HTML 7Page - Toshiba Semiconductor TA1317ANG Datasheet HTML 8Page - Toshiba Semiconductor TA1317ANG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 59 page
background image
TA1317ANG
2005-08-18
4
Pin
No.
Pin Name
Function
Interface Circuit
Input/Output Signal
5
V-DC REF
DC reference voltage
output pin when V is DC
coupling.
In case of not used, it
should be open.
DC
6
V NF
Vertical negative
feedback input pin.
When VD
= 0, if pin is
1.2 V (typ.) or below, or
3.7 V (typ.) or higher,
returns abnormal
detection result to BUS
read function (V guard),
forcibly setting pin 20 to
High. When VD
= 1, if
pin is 2.4 V (typ.) or
below, or 7.4 V (typ.) or
higher, abnormality is
detected.
7
VCC
VCC pin.
Connect 9 V (typ.).
8
EW PWM
EW D drive (PWM)
output pin. Open
collector output.
In case of not used, it
should be open.
9
ANALOG GND
GND pin for analog
block
10
EW FD
EW feedback pin
5
9
7
40 k
6
9
7
12.5 k
50
8
9
7
10
7
60 k
9


유사한 부품 번호 - TA1317ANG

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA1317AN TOSHIBA-TA1317AN Datasheet
888Kb / 59P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
More results

유사한 설명 - TA1317ANG

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA1317AFG TOSHIBA-TA1317AFG Datasheet
1Mb / 58P
   Deflection Processor IC for TV
TA8801AN TOSHIBA-TA8801AN Datasheet
1Mb / 35P
   VIDEO/CHROMA/DEFLECTION PROCESSOR IC FOR NTSC COLOR TV
TA8801AN TOSHIBA-TA8801AN_01 Datasheet
1Mb / 36P
   VIDEO/CHROMA/DEFLECTION PROCESSOR IC FOR NTSC COLOR TV
TA1241ANG TOSHIBA-TA1241ANG Datasheet
1Mb / 4P
   DEFLECTION PROCESSOR IC FOR TVs
TA1241AN TOSHIBA-TA1241AN Datasheet
965Kb / 28P
   DEFLECTION PROCESSOR IC FOR TVs
logo
NXP Semiconductors
TDA8433 PHILIPS-TDA8433 Datasheet
185Kb / 25P
   Deflection processor for computer controlled TV receivers
August 1991
logo
Hitachi Semiconductor
HA11423 HITACHI-HA11423 Datasheet
52Kb / 2P
   Color TV Deflection Signal Processor
logo
Panasonic Semiconductor
AN5422K PANASONIC-AN5422K Datasheet
37Kb / 3P
   Deflection-Signal-Processing IC for TV/Display
AN5532 PANASONIC-AN5532 Datasheet
50Kb / 1P
   TV VERTICAL DEFLECTION OUTPUT IC
logo
Samsung semiconductor
KA2915 SAMSUNG-KA2915 Datasheet
250Kb / 6P
   TV VIF & SIF & DEFLECTION SYSTEM (IC FOR TV LARGE INTEGRATION)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com