전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA1360AFG 데이터시트(PDF) 9 Page - Toshiba Semiconductor

부품명 TA1360AFG
상세설명  YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1360AFG 데이터시트(HTML) 9 Page - Toshiba Semiconductor

Back Button TA1360AFG Datasheet HTML 5Page - Toshiba Semiconductor TA1360AFG Datasheet HTML 6Page - Toshiba Semiconductor TA1360AFG Datasheet HTML 7Page - Toshiba Semiconductor TA1360AFG Datasheet HTML 8Page - Toshiba Semiconductor TA1360AFG Datasheet HTML 9Page - Toshiba Semiconductor TA1360AFG Datasheet HTML 10Page - Toshiba Semiconductor TA1360AFG Datasheet HTML 11Page - Toshiba Semiconductor TA1360AFG Datasheet HTML 12Page - Toshiba Semiconductor TA1360AFG Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 110 page
background image
TA1360AFG
2005-08-18
9
Pin
No.
Pin Name
Function
Interface Circuit
Input Signal/Output Signal
53
SYNC IN
Inputs Y signal with sync signal
via clamp capacitor.
White 100%: 1 Vp-p
or
54
NC
This pin is not used.
Connect to GND.
55
H-FREQ SW1
Switches horizontal frequency
(Switch 1).
Leave this pin open when
horizontal frequency is switched
by Bus controlling.
Controlling this pin prevails over
Bus control. (Refer to Table 1:
Bus control function.)
When this IC is used for CRT,
connect this pin to DEF VCC (pin
45) or DEF GND (pin 38). If it is
not necessary to control this pin
on CRT, connect this pin directly
to DEF VCC or DEF GND on the
PCB.
DEF VCC or DEF GND
56
NC
This pin is not used.
Connect to GND.
57
VSM FILTER
Connects VSM output filter.
Please connect 0.01-µF capacitor
between this pin and GND.
DC
58
COLOR LIMITER Connects filter for detecting color
limit.
DC
59
NC
This pin is not used.
Connect to GND.
45
55
38
1 kΩ
45
53
38
1 k
1 k
16
57
65
200 Ω
77
16
58
65
5 kΩ


유사한 부품 번호 - TA1360AFG

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA1360AFG TOSHIBA-TA1360AFG Datasheet
1Mb / 110P
   YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
More results

유사한 설명 - TA1360AFG

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA1360ANG TOSHIBA-TA1360ANG_05 Datasheet
1Mb / 108P
   YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
TA1316AN TOSHIBA-TA1316AN Datasheet
1Mb / 115P
   YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
TA1360AFG TOSHIBA-TA1360AFG Datasheet
1Mb / 110P
   YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
logo
New Japan Radio
NJU26123 NJRC-NJU26123 Datasheet
215Kb / 19P
   Digital Signal Processor for TV
NJU26124 NJRC-NJU26124 Datasheet
278Kb / 22P
   Digital Signal Processor for TV
NJU26120 NJRC-NJU26120 Datasheet
192Kb / 10P
   Digital Signal Processor for TV
NJU26040-08B NJRC-NJU26040-08B Datasheet
192Kb / 9P
   Digital Signal Processor for TV
logo
Sanyo Semicon Device
LC74982W SANYO-LC74982W Datasheet
99Kb / 14P
   LCD TV Scan Converter IC
logo
Harris Corporation
CA3154 HARRIS-CA3154 Datasheet
83Kb / 6P
   TV Sync/AGC/Horizontal Signal Processor
logo
NTE Electronics
NTE1550 NTE-NTE1550 Datasheet
60Kb / 2P
   Integrated Circuit TV Sync Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com