전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADD-155A 데이터시트(PDF) 4 Page - Astrodyne Corporation

부품명 ADD-155A
상세설명  155W Single Output with Battery Charger (USP Function)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ASTRODYNE [Astrodyne Corporation]
홈페이지  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ADD-155A 데이터시트(HTML) 4 Page - Astrodyne Corporation

  ADD-155A Datasheet HTML 1Page - Astrodyne Corporation ADD-155A Datasheet HTML 2Page - Astrodyne Corporation ADD-155A Datasheet HTML 3Page - Astrodyne Corporation ADD-155A Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
A d d - 1 5 5 series
155W Dual Output with Battery Charger (USP Function)
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTROdYNE.COM
Mechanical�Specification
Derating�Curve
Output�Derating�VS�Input�Voltage�(A)
File�Name:ADD-155-SPEC���2005-09-13
Case�No.�906B�����Unit:mm
AMBIENT�TEMPERATURE�(
)
199
100
172
5
192
Terminal�Pin.�No Assignment
Pin�No.
Pin�No.
Pin�No.
1
4
7
3
2
5
8
6
Assignment
Assignment
Assignment
+5V
DC�OUTPUT COM
BAT.�+
BAT.�-/COM
DC�OUTPUT +V
FG
AC/N
AC/L
INPUT�VOLTAGE�(V)�60Hz
90
88
100
120
140
160
180
200
220
240
260
100
90
80
70
60
50
40
-10
0
10
20
30
40
50
60
70
20
40
60
80
100
With�21.6�CFM�min.(10cm)
With�NO�FAN
+13.8V
8
7
6
5
4
3
2
1
5-M3
20
159
190.5
6
3.5
1
2
RESET SW
CN1
155W�Dual�Output�with�Battery�Charger(USP Function)
A D D - 1 5 5 series


유사한 부품 번호 - ADD-155A

제조업체부품명데이터시트상세설명
logo
Mean Well Enterprises C...
ADD-155A MEANWELL-ADD-155A Datasheet
430Kb / 2P
   155W Dual Output with Battery Charger(USP Function)
More results

유사한 설명 - ADD-155A

제조업체부품명데이터시트상세설명
logo
Mean Well Enterprises C...
ADD-155 MEANWELL-ADD-155 Datasheet
430Kb / 2P
   155W Dual Output with Battery Charger(USP Function)
logo
Astrodyne Corporation
AD-55 ASTRODYNE-AD-55 Datasheet
1Mb / 4P
   55W Single Output with Battery Charger (USP Function)
logo
Mean Well Enterprises C...
AD-155 MEANWELL-AD-155 Datasheet
429Kb / 2P
   155W Single Output with Battery Charger(UPS Function)
AD-155 MEANWELL-AD-155_11 Datasheet
357Kb / 2P
   155W SINGLE OUTPUT WITH BATTERY CHARGER(UPS FUNCTION)
ADD-55 MEANWELL-ADD-55 Datasheet
707Kb / 2P
   55W Dual Output with Battery Charger(USP Function)
ADD-55 MEANWELL-ADD-55_10 Datasheet
392Kb / 2P
   55W Dual Output with Battery Charger(USP Function)
ADD-155B MEANWELL-ADD-155B Datasheet
360Kb / 2P
   155W Dual Output with Battery Charger(UPS Function)
logo
Astrodyne Corporation
AD155 ASTRODYNE-AD155 Datasheet
601Kb / 3P
   155W Single Output with Battery Charging UPS Function
ADD155 ASTRODYNE-ADD155 Datasheet
606Kb / 3P
   155W Dual Output with Battery Charging UPS Function
logo
Mean Well Enterprises C...
PSC-35 MEANWELL-PSC-35 Datasheet
663Kb / 4P
   35W Single Output with Battery Charger(UPS Function)
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com