전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA2030FNG 데이터시트(PDF) 3 Page - Toshiba Semiconductor

부품명 TA2030FNG
상세설명  TV / FM System F / E (1.5V USE)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2030FNG 데이터시트(HTML) 3 Page - Toshiba Semiconductor

  TA2030FNG Datasheet HTML 1Page - Toshiba Semiconductor TA2030FNG Datasheet HTML 2Page - Toshiba Semiconductor TA2030FNG Datasheet HTML 3Page - Toshiba Semiconductor TA2030FNG Datasheet HTML 4Page - Toshiba Semiconductor TA2030FNG Datasheet HTML 5Page - Toshiba Semiconductor TA2030FNG Datasheet HTML 6Page - Toshiba Semiconductor TA2030FNG Datasheet HTML 7Page - Toshiba Semiconductor TA2030FNG Datasheet HTML 8Page - Toshiba Semiconductor TA2030FNG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TA2030FNG
2006-04-11
3
Terminal Explanation
Terminal Voltage: Typical Terminal Voltage at no Signal with Test Circuit. (VCC = 1.2V,
Ta = 25°C)
Terminal
Voltage(V)
Termi
nal
No.
Terminal
Name
Function
Internal Circuit
FM
TV
1
TV IN
Input of TV RF signal
(common
−base type)
0.1
2
TV BY
By
−pass terminal of TV RF
and MIX
(radiation is lightened by
connected capacitor.)
0.7
15
TV RF
TV RF tuning circuit is
connected.
1.2
1.2
3
RF GND
0
0
4
FM BY
By
−pass terminal of FM RF
and MIX
(radiation is lightened by
connected capacitor.)
0.7
5
FM IN
Input of FM RF signal
(common
−base type)
0.1
14
FM RF
FM RF tuning circuit is
connected.
1.2
1.2
6
MODE SW
Mode switch
VCC: TV mode
OPEN / GND: FM mode
0
1.2
7
PW SW
Power switch
VCC: Power on
OPEN / GND: Power off
1.2
1.2
8
IF OUT
Output of TV / FM IF signal.
Output impedance
330Ω (typ.)
1.1
1.1
9
MIX OUT
MIX coil is connected.
1.2
1.2


유사한 부품 번호 - TA2030FNG

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA2030FN TOSHIBA-TA2030FN Datasheet
339Kb / 10P
   TV/FM SYSTEM F/E (1.5V USE)
TA2030FN TOSHIBA-TA2030FN Datasheet
773Kb / 11P
   TV / FM System F / E (1.5V USE)
TA2030FN TOSHIBA-TA2030FN_02 Datasheet
773Kb / 11P
   TV / FM System F / E (1.5V USE)
More results

유사한 설명 - TA2030FNG

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA2030FN TOSHIBA-TA2030FN_02 Datasheet
773Kb / 11P
   TV / FM System F / E (1.5V USE)
TA8182FN TOSHIBA-TA8182FN Datasheet
354Kb / 10P
   TV/FM SYSTEM F/E (1.5V USE)
TA2030FN TOSHIBA-TA2030FN Datasheet
339Kb / 10P
   TV/FM SYSTEM F/E (1.5V USE)
TA7765AF TOSHIBA-TA7765AF Datasheet
355Kb / 9P
   AM/FM IF SYSTEM (1.5V USE)
TS7792P TOSHIBA-TS7792P Datasheet
388Kb / 9P
   AM/FM 1 CHIP TUNER SYSTEM IC (1.5V USE)
logo
Tiger Electronic Co.,Lt...
TA7792 TGS-TA7792 Datasheet
476Kb / 9P
   AM/FM 1 CHIP TUNER SYSTEM IC (1.5V USE)
logo
Toshiba Semiconductor
TA7766AF TOSHIBA-TA7766AF Datasheet
358Kb / 9P
   FM PLL MPX (1.5V USE)
TA7371AF TOSHIBA-TA7371AF Datasheet
269Kb / 7P
   FM FRONT-END (1.5V USE)
TA2029FN TOSHIBA-TA2029FN Datasheet
546Kb / 14P
   FM F/EAM/FM IFPW IC FOR DIGITAL TUNING SYSTEM
TA7757P TOSHIBA-TA7757P Datasheet
607Kb / 9P
   FM/AM IF SYSTEM (3V USE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com