전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

TA4002F 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TA4002F
부품 상세설명  VHF~UHF Wide Band Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA4002F 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TA4002F_07 Datasheet HTML 1Page - Toshiba Semiconductor TA4002F_07 Datasheet HTML 2Page - Toshiba Semiconductor TA4002F_07 Datasheet HTML 3Page - Toshiba Semiconductor TA4002F_07 Datasheet HTML 4Page - Toshiba Semiconductor TA4002F_07 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TA4002F
2007-11-01
1
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4002F
VHF~UHF Wide Band Amplifier
Features
Band width: 1.3 GHz (typ.) (3dB down)
High gain: |S21|2 = 23dB (typ.) (f = 500 MHz)
50 Ω Input and output impedance
Small package
Pin Assignment (top view)
Marking
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Supply voltage
VCC
6
V
Total power dissipation
PD (Note 1)
300
mW
Operating temperature
Topr
−40~85
°C
Storage temperature
Tstg
−55~125
°C
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: When mounted glass epoxy of 2.5 cm
2
× 1.6 t
Weight: 0.013 g (typ.)


유사한 부품 번호 - TA4002F_07

제조업체부품명데이터시트부품 상세설명
Toshiba Semiconductor
Toshiba Semiconductor
TA4002F TOSHIBA-TA4002F Datasheet
139Kb / 4P
   VHF~UHF WIDE BAND AMPLIFIER
More results

유사한 설명 - TA4002F_07

제조업체부품명데이터시트부품 상세설명
Comset Semiconductor
Comset Semiconductor
BFX89 COMSET-BFX89 Datasheet
146Kb / 4P
   WIDE BAND VHF/UHF AMPLIFIER
Toshiba Semiconductor
Toshiba Semiconductor
TA4001F TOSHIBA-TA4001F_07 Datasheet
314Kb / 5P
   VHF~UHF Wide Band Amplifier
New Jersey Semi-Conductor Products, Inc.
New Jersey Semi-Conduct...
BFX89 NJSEMI-BFX89 Datasheet
78Kb / 2P
   WIDE BAND VHF/UHF AMPLIFIER
Toshiba Semiconductor
Toshiba Semiconductor
TA4001F TOSHIBA-TA4001F Datasheet
137Kb / 4P
   VHF UHF WIDE BAND AMPLIFIER
TA4002F TOSHIBA-TA4002F Datasheet
139Kb / 4P
   VHF~UHF WIDE BAND AMPLIFIER
TA4003F TOSHIBA-TA4003F Datasheet
168Kb / 5P
   VHF~UHF WIDE BAND AMPLIFIER
TA4004F TOSHIBA-TA4004F Datasheet
179Kb / 5P
   VHF~UHF WIDE BAND AMPLIFIER
New Jersey Semi-Conductor Products, Inc.
New Jersey Semi-Conduct...
BFY90 NJSEMI-BFY90 Datasheet
78Kb / 2P
   WIDE BAND VHF/UHF AMPLIFIER
STMicroelectronics
STMicroelectronics
BFX89 STMICROELECTRONICS-BFX89 Datasheet
96Kb / 4P
   WIDE BAND VHF/UHF AMPLIFIER
Hitachi Semiconductor
Hitachi Semiconductor
2SC5140 HITACHI-2SC5140 Datasheet
60Kb / 8P
   VHF / UHF wide band amplifier
More results


Html Pages

1  2  3  4  5 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com