전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA7259FG 데이터시트(PDF) 7 Page - Toshiba Semiconductor

부품명 TA7259FG
상세설명  3-PHASE BRUSHLESS DC MOTOR DRIVER IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA7259FG 데이터시트(HTML) 7 Page - Toshiba Semiconductor

Back Button TA7259FG Datasheet HTML 3Page - Toshiba Semiconductor TA7259FG Datasheet HTML 4Page - Toshiba Semiconductor TA7259FG Datasheet HTML 5Page - Toshiba Semiconductor TA7259FG Datasheet HTML 6Page - Toshiba Semiconductor TA7259FG Datasheet HTML 7Page - Toshiba Semiconductor TA7259FG Datasheet HTML 8Page - Toshiba Semiconductor TA7259FG Datasheet HTML 9Page - Toshiba Semiconductor TA7259FG Datasheet HTML 10Page - Toshiba Semiconductor TA7259FG Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
TA7259P/F/FG
2006-4-14
7
ABSOLUTE MAXIMUM RATINGS (Ta = 25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Supply Voltage
VCC
26
V
Output Current
IO
1.2
A
TA7259P
2.3
Power Dissipation
TA7259F/FG
PD(Note)
1.0
W
Operating Temperature
Topr
−30~75
°C
Storage Temperature
Tstg
−55~150
°C
Note:
IC only.
ELECTRICAL CHARACTERISTICS (Unless otherwise specified, VCC = 12 V, Ta = 25°C)
CHARACTERISTIC
SYMBOL
TEST
CIR−
CUIT
TEST CONDITION
MIN
TYP.
MAX
UNIT
ICC1
FRS open
2
4
7
ICC2
FRS = 5 V
2
5
9
Quiescent Current
ICC3
1
VCC = 22 V, FRS = GND
2
5
9
mA
Input Offset Voltage
VIO
1
40
mV
Residual Output Voltage
VOR
1
VIN − = VIN + = 7 V
0
10
mV
Voltage Gain
GV
1
15.0
Upper
VSAT1
2
1.0
1.5
Saturation Voltage
Lower
VSAT2
2
IL = 400 mA
0.4
1.0
V
Upper
IOC1
20
Cut−off Current
Lower
IOC2
VC = 20 V
20
µA
Position Sensing Input Sensitivity
VH
1
10
mA
Maximum Position Sensing Input
Voltage
VH MAX.
1
400
mVp−p
Position
CMRH
1
2.0
VCC − 2.5
Input Operating Voltage
Control
CMRC
1
2.0
VCC − 2.5
V
CW
VF
1
0
0.4
STOP
VS
1
2.5
3.0
3.5
Rotation Control Input
Voltage (FRS input)
CCW
VR
1
4.5
5.0
5.8
V


유사한 부품 번호 - TA7259FG

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA7259F TOSHIBA-TA7259F Datasheet
292Kb / 9P
   DC MOTOR DRIVER IC
More results

유사한 설명 - TA7259FG

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA8470AF TOSHIBA-TA8470AF_06 Datasheet
386Kb / 16P
   3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC
TA8466AF TOSHIBA-TA8466AF Datasheet
273Kb / 8P
   3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC
TA8470AF TOSHIBA-TA8470AF Datasheet
382Kb / 13P
   3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC
logo
ON Semiconductor
ENA2290 ONSEMI-ENA2290 Datasheet
413Kb / 20P
   3-phase Brushless DC Motor Driver
March, 2014
logo
New Japan Radio
NJU7364 NJRC-NJU7364 Datasheet
146Kb / 6P
   Single-phase DC Brushless Motor Driver IC
NJU7326 NJRC-NJU7326 Datasheet
69Kb / 3P
   Single-phase DC Brushless Motor Driver IC
NJU7328 NJRC-NJU7328 Datasheet
37Kb / 3P
   SINGLE PHASE DC BRUSHLESS MOTOR DRIVER IC
NJU7367 NJRC-NJU7367 Datasheet
81Kb / 7P
   Single-phase DC Brushless Motor Driver IC
NJU7367A NJRC-NJU7367A Datasheet
85Kb / 7P
   Single-phase DC Brushless Motor Driver IC
NJU7366 NJRC-NJU7366 Datasheet
75Kb / 6P
   Single-phase DC Brushless Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com