전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA7279P 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TA7279P
상세설명  Dual-Bridge Drivers (for Switching between Forward and Reverse Rotation) for DC Motors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA7279P 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TA7279P Datasheet HTML 1Page - Toshiba Semiconductor TA7279P Datasheet HTML 2Page - Toshiba Semiconductor TA7279P Datasheet HTML 3Page - Toshiba Semiconductor TA7279P Datasheet HTML 4Page - Toshiba Semiconductor TA7279P Datasheet HTML 5Page - Toshiba Semiconductor TA7279P Datasheet HTML 6Page - Toshiba Semiconductor TA7279P Datasheet HTML 7Page - Toshiba Semiconductor TA7279P Datasheet HTML 8Page - Toshiba Semiconductor TA7279P Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TA7279P/AP
2006-3-2
1
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA7279P,TA7279AP
Dual-Bridge Drivers (for Switching between Forward and Reverse Rotation) for DC Motors
The TA7279P and TA7279AP can control a DC motor in four
modes (forward rotation, reverse rotation, stop, and brake), using
their bridge driver best suited for switching between forward and
reverse rotation.
These ICs can deliver an output current of 1.0 A (AVE.) and 3.0 A
(PEAK). They can adjust the motor voltage easily because they
have a circuit configuration best suited for VCR front loading,
tape loading, and reel rotation as well as power supply pins
separately for two sections (output and control). In addition, they
can be connected directly to CMOS devices because their input
current is low.
Features
Wide range of operating voltage
: VCC (opr.) = 6 to 18 V (P, AP),
VS (opr.) = 0 to 16 V (P) / = 0 to 18 V (AP)
No malfunction occurs even if VCC is higher than VS or vice versa. However, observe Vref ≤ VS.
Output current up to 1.0 A (AVE.), 3.0 A (PEAK)
Built−in thermal shut down circuit
Built-in back electromotive force absorber diode
Built-in hysteresis circuit
Weight: 3.00 g (typ.)
The TA7279P/AP:
The TA7279P/AP is Sn plated product including Pb.
The following conditions apply to solderability:
*Solderability
1. Use of Sn-37Pb solder bath
*solder bath temperature = 230°C
*dipping time = 5 seconds
*number of times = once
*use of R-type flux
2. Use of Sn-3.0Ag-0.5Cu solder bath
*solder bath temperature = 245°C
*dipping time = 5 seconds
*the number of times = once
*use of R-type flux


유사한 부품 번호 - TA7279P

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA7279P TOSHIBA-TA7279P Datasheet
265Kb / 8P
   DUAL BRIDGE DRIVER
More results

유사한 설명 - TA7279P

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA7288P TOSHIBA-TA7288P_07 Datasheet
308Kb / 12P
   Sequential Dual-Bridge Driver (Driver for Switching between Forward and Reverse Rotation) for DC Motor
TA8440H TOSHIBA-TA8440H Datasheet
261Kb / 9P
   Full-bridge Driver (H-Switch) for DC Motor (Driver for Switching between Forward and Reverse Rotation)
TA7267P TOSHIBA-TA7267P Datasheet
398Kb / 13P
   Full-Bridge Driver (H-Swithch) for DC Motor (Driver for Switching between Forward and Reverse Rotation)
2006-3-2
TA7267BP TOSHIBA-TA7267BP_07 Datasheet
309Kb / 13P
   Full-Bridge Driver (H-Swithch) for DC Motor (Driver for Switching between Forward and Reverse Rotation)
TA7291AP TOSHIBA-TA7291AP Datasheet
311Kb / 14P
   Full-Bridge Driver for DC Motors (driver for controlling the forward and reverse rotations)
logo
Rohm
BD6212FP ROHM-BD6212FP_13 Datasheet
659Kb / 8P
   H-Bridge Motor Drivers For DC Brush Motors
logo
Toshiba Semiconductor
TB6552FN TOSHIBA-TB6552FN_07 Datasheet
238Kb / 14P
   DUAL-BRIDGE DRIVER IC FOR DC MOTORS
TB6552FN TOSHIBA-TB6552FN Datasheet
231Kb / 12P
   DUAL-BRIDGE DRIVER IC FOR DC MOTORS
TC78H600FNG TOSHIBA-TC78H600FNG Datasheet
482Kb / 23P
   DUAL-BRIDGE DRIVER IC FOR DC MOTORS
2012-09-05
logo
Allegro MicroSystems
3625 ALLEGRO-3625 Datasheet
145Kb / 8P
   POWERHALL SENSOR/DRIVERS FOR BRUSHLESS DC MOTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com