전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ESCC-0100 데이터시트(PDF) 3 Page - Astrodyne Corporation

부품명 ESCC-0100
상세설명  10W Ultraminiature Encapsulated Switching Power Supplies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ASTRODYNE [Astrodyne Corporation]
홈페이지  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ESCC-0100 데이터시트(HTML) 3 Page - Astrodyne Corporation

  ESCC-0100 Datasheet HTML 1Page - Astrodyne Corporation ESCC-0100 Datasheet HTML 2Page - Astrodyne Corporation ESCC-0100 Datasheet HTML 3Page - Astrodyne Corporation ESCC-0100 Datasheet HTML 4Page - Astrodyne Corporation ESCC-0100 Datasheet HTML 5Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
10W Ultraminiature Encapsulated Switching Power Supplies
E C A - 1 0 series
WWW.ASTRODYNE.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE EUROPE: 353 51 561060
ASTRODYNE PACIFIC: 886-2-26983458
INPUT SPECIFICATIONS
Input Voltage Range
90-264 VAC
Frequency Range
47-63 Hz
Inrush Current, typ:
20A@100V, 40A@200V Input *
OUTPUT SPECIFICATIONS
Voltage and Current
See Selection Chart
Load Regulation (20%-FL)
Singles: +/- 3%, Duals: +/- 3%
Line Regulation
Singles +/- 0.1~1%, typ
Duals +/- 0.3~1%, typ
Cross Regulation (Duals)
2%
Preset Accuracy
1%
DC Voltage Adjust (typ)
+/- 10% of FS (Primary)
Temperature Coefficient
+/-0.03%/°C
Ripple/Noise
100mV Pk-Pk, typ
Over Voltage Protection
Clamp, 130-150% *
Over Temp. Protection
Latching, Cool and Repower
Short Circuit Protection
Continuous, self-recovering
Hold Up Time
20 mS, typ
GENERAL SPECIFICATIONS
Input-Out Isolation
3KVAC, (4KVAC Medical)
I/P-Ground
2500VAC
O/P-Ground
1000VAC
Efficiency
75%~78%, typ
Switching Frequency
100Khz, (fixed, typical)
PHYSICAL SPECIFICATIONS
Size
PCB Mount
2.56L” x 1.77W” x 0.83H”
Chassis Mount
3.77L” x 2.16W” x 1.0H”
Case Material
Rynite, 94V-0 Rated
Construction
Encapsulated. Soft Pot
Weight PCB / CHA
4.6 oz (128g) / 8.5 oz (238g)
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature
0 to +70°C (See Derate)
Storage Temperature
-25 to +71°C *
Relative Humidity
0 to + 95%, non-cond *
EMC / EMI
FCC/A, VDE 0871/A , CISPRB
MTBF
(Mil Std 217, 25°C)
575,000 Hrs
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
All specifications are typical at nominal input, full load, and 25°C unless other-
wise noted
Astrodyne products are not authorized or warranteed for use
as critical components in life support systems, equipment used
in hazardous environments, nuclear controls systems, or other
mission-critical applications.


유사한 부품 번호 - ESCC-0100

제조업체부품명데이터시트상세설명
logo
Astrodyne Corporation
ESCC-1500 ASTRODYNE-ESCC-1500 Datasheet
763Kb / 5P
   15W Ultraminiature Encapsulated Switching Power Supplies
ESCC-1500DRL ASTRODYNE-ESCC-1500DRL Datasheet
763Kb / 5P
   15W Ultraminiature Encapsulated Switching Power Supplies
ESCC-1501 ASTRODYNE-ESCC-1501 Datasheet
763Kb / 5P
   15W Ultraminiature Encapsulated Switching Power Supplies
ESCC-1501DRL ASTRODYNE-ESCC-1501DRL Datasheet
763Kb / 5P
   15W Ultraminiature Encapsulated Switching Power Supplies
ESCC-1502 ASTRODYNE-ESCC-1502 Datasheet
763Kb / 5P
   15W Ultraminiature Encapsulated Switching Power Supplies
More results

유사한 설명 - ESCC-0100

제조업체부품명데이터시트상세설명
logo
Astrodyne Corporation
ECA10 ASTRODYNE-ECA10 Datasheet
777Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
MCA-10 ASTRODYNE-MCA-10 Datasheet
1Mb / 5P
   10W Ultraminiature Modular Switching Power Supplies
MCA10 ASTRODYNE-MCA10 Datasheet
1,000Kb / 6P
   10W Ultraminiature Modular Switching Power Supplies
ECA-5 ASTRODYNE-ECA-5 Datasheet
744Kb / 5P
   5W Ultraminiature Encapsulated Switching Power Supplies
ECA5 ASTRODYNE-ECA5 Datasheet
652Kb / 5P
   5W Ultraminiature Encapsulated Switching Power Supplies
ECA30 ASTRODYNE-ECA30 Datasheet
424Kb / 6P
   30W Ultraminiature Encapsulated Switching Power Supplies
ECA-15 ASTRODYNE-ECA-15 Datasheet
763Kb / 5P
   15W Ultraminiature Encapsulated Switching Power Supplies
EFM10 ASTRODYNE-EFM10 Datasheet
619Kb / 4P
   10W Ultraminiature Open Frame Switching Power Supplies
OFM10 ASTRODYNE-OFM10 Datasheet
711Kb / 4P
   10W Ultraminiature Open Frame Switching Power Supplies
ASM10 ASTRODYNE-ASM10_16 Datasheet
702Kb / 3P
   10W Ultraminiature Medical Grade Switching Power Supplies
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com