전자부품 데이터시트 검색엔진 |
|
SL1015002-B 데이터시트(PDF) 1 Page - AMETHERM Circuit Protection Thermistors |
|
SL1015002-B 데이터시트(HTML) 1 Page - AMETHERM Circuit Protection Thermistors |
|
1 / 1 page DATA SHEET Ametherm, Inc. 3111 N. Deer Run Road #4 Carson City, NV 89701 Telephone: (800) 808-2434 (775) 884-2434 Fax: (775) 884-0670 www.ametherm.com Part Number: SL10 15002 Ordering Different Lead Types: For example: to order an inside kinked lead use part number SL10 15002- A Electrical Specifications: Mechanical Specifications: CSA File Number: #CA118061 Revision Date: April 13, 2005 Inside Kinked Leads Use -A after Ametherm’s part # Outside Kinked Leads Use -B after Ametherm’s part # Resistance @ 25°C 15.0 Ω ± 20% Max Steady State Current Up to 65 °C 2.0 A Max Recommended Energy Rating (Joules) 17.0 J Actual Failure Point of Instantaneous Energy (Joules) 40.0 J Resistance @ 100% of Max Current 0.470 Ω Resistance @ 50% of Max Current 0.890 Ω Body Temperature @ 100% Current Rating 125 °C Dissipation Constant 12.0 mW/°C Thermal Time Constant 35 seconds Material Type “G” Max Recommended Capacitance @ 120VAC/240VAC 1100 µF/ 300µF D 10.0 ± 0.5 mm T 5.0 ± 0.5 mm Lead Diameter 0.8 ± 0.1 mm S 7.8 ± 1.0 mm L 12.7 ± 1.0 mm Straight Lead Coating Run Down 3.50 ± 0.3 mm B 5.5 ± 0.50 mm C 2.2 ± 0.3 mm L OUTSIDE KINKED LEADS S STRAIGHT LEADS B INSIDE KINKED LEADS S S D D D C T |
유사한 부품 번호 - SL1015002-B |
|
유사한 설명 - SL1015002-B |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |