전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA7289P 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TA7289P
상세설명  PWM STEPPING MOTOR DRIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA7289P 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TA7289P_06 Datasheet HTML 1Page - Toshiba Semiconductor TA7289P_06 Datasheet HTML 2Page - Toshiba Semiconductor TA7289P_06 Datasheet HTML 3Page - Toshiba Semiconductor TA7289P_06 Datasheet HTML 4Page - Toshiba Semiconductor TA7289P_06 Datasheet HTML 5Page - Toshiba Semiconductor TA7289P_06 Datasheet HTML 6Page - Toshiba Semiconductor TA7289P_06 Datasheet HTML 7Page - Toshiba Semiconductor TA7289P_06 Datasheet HTML 8Page - Toshiba Semiconductor TA7289P_06 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
TA7289P/F/FG
2006-3-2
1
TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
TA7289P,TA7289F/FG
PWM STEPPING MOTOR DRIVER
The TA7289P, TA7289F/FG are PWM solenoid driver designed
especially for use high efficiency stepping motor control.
It consist of 1.5A peak current drive capable output full bridge
driver, oscillation circuit for PWM switching, 4bit D−A for output
current control and TTL compatible input circuit.
FEATURES
Wide Range of Operating Voltage
: VCC (opr.) Min. = 6~27 V
High Current Capability: IO Max = 1.5 A (PEAK)
LS−TTL Compatible Control Inputs (IN A, IN B)
Few External Components Required.
Build−in 4bit DAC.
Weight
HDIP14−P−500−2.54A : 3.00g (Typ.)
HSOP20−P−450−1.00 : 0.79g (Typ.)
TA7289F/FG
The TA7289FG is a Pb-free product.
The TA7289P is Sn plated product including Pb.
The following conditions apply to solderability:
*Solderability
1. Use of Sn-37Pb solder bath
*solder bath temperature = 230°C
*dipping time = 5 seconds
*number of times = once
*use of R-type flux
2. Use of Sn-3.0Ag-0.5Cu solder bath
*solder bath temperature = 245°C
*dipping time = 5 seconds
*the number of times = once
*use of R-type flux


유사한 부품 번호 - TA7289P_06

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA7289P TOSHIBA-TA7289P Datasheet
552Kb / 15P
   PWM STEPPING MOTOR DRIVER
More results

유사한 설명 - TA7289P_06

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA7289P TOSHIBA-TA7289P Datasheet
552Kb / 15P
   PWM STEPPING MOTOR DRIVER
logo
Sanyo Semicon Device
LB11946 SANYO-LB11946 Datasheet
1Mb / 12P
   PWM Current Control Stepping Motor Driver
logo
Princeton Technology Co...
PT2463 PTC-PT2463 Datasheet
185Kb / 5P
   PWM Constant-Current Stepping Motor Driver
logo
Sanyo Semicon Device
LB1946 SANYO-LB1946_07 Datasheet
134Kb / 16P
   PWM Current Control Stepping Motor Driver
LB1845 SANYO-LB1845_12 Datasheet
177Kb / 9P
   PWM Current Controlling Stepping Motor Driver
LB1845 SANYO-LB1845_06 Datasheet
200Kb / 9P
   PWM Current Controlling Stepping Motor Driver
LB11946 SANYO-LB11946_09 Datasheet
132Kb / 14P
   PWM Current Control Stepping Motor Driver
LV8740V SANYO-LV8740V Datasheet
318Kb / 23P
   PWM Current Control Stepping Motor Driver
LB1945D SANYO-LB1945D_09 Datasheet
105Kb / 9P
   PWM Current Control Stepping Motor Driver
logo
ON Semiconductor
LV8727 ONSEMI-LV8727 Datasheet
327Kb / 23P
   PWM Current Control Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com