전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA7289P 데이터시트(PDF) 3 Page - Toshiba Semiconductor

부품명 TA7289P
상세설명  PWM STEPPING MOTOR DRIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA7289P 데이터시트(HTML) 3 Page - Toshiba Semiconductor

  TA7289P_06 Datasheet HTML 1Page - Toshiba Semiconductor TA7289P_06 Datasheet HTML 2Page - Toshiba Semiconductor TA7289P_06 Datasheet HTML 3Page - Toshiba Semiconductor TA7289P_06 Datasheet HTML 4Page - Toshiba Semiconductor TA7289P_06 Datasheet HTML 5Page - Toshiba Semiconductor TA7289P_06 Datasheet HTML 6Page - Toshiba Semiconductor TA7289P_06 Datasheet HTML 7Page - Toshiba Semiconductor TA7289P_06 Datasheet HTML 8Page - Toshiba Semiconductor TA7289P_06 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
TA7289P/F/FG
2006-3-2
3
PIN FUNCTION
PIN No.
P
F/FG
PIN
SYMBOL
FUNCTIONAL DESCRIPTION
1
20
Vref
NF voltage supply input terminal
2
2
IN B
Signal input terminal
3
3
IN A
Signal input terminal
Function
4
5
COSC
Internal oscillation frequency input terminal
5
7
NF
Output current detection terminal
6
9
OUT B
Output B terminal
7
10
VI
Comparator input terminal
8
12
OUT A
Output A terminal
9
14
GND
GND terminal
10
15
VCC
Power voltage supply terminal
11
16
2
0
D / A input terminal
12
17
2
1
D / A input terminal
13
18
2
2
D / A input terminal
14
19
2
3
D / A input terminal
FIN
FIN
GND
GND terminal
Note:
Pin (1), (4), (6), (8), (11), (13) of TA7289F/FG are all NC (Non−connection)
FUNCTION
IN A
IN B
OUT A
OUT B
MODE
L
L
OFF
OFF
STOP
H
L
H
L
CW / CCW
L
H
L
H
CCW / CW
H
H
OFF
OFF
STOP
INPUT CIRCUIT (IN A, IN B)
Input circuit is shown in Fig.1 IN A and IN B are TTL compatible “Low Active” type and have a hysteresis of 0.8
V Typ at Tj = 25°C.
Fig. 1
TA7289P / TA7289F/FG


유사한 부품 번호 - TA7289P_06

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA7289P TOSHIBA-TA7289P Datasheet
552Kb / 15P
   PWM STEPPING MOTOR DRIVER
More results

유사한 설명 - TA7289P_06

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA7289P TOSHIBA-TA7289P Datasheet
552Kb / 15P
   PWM STEPPING MOTOR DRIVER
logo
Sanyo Semicon Device
LB11946 SANYO-LB11946 Datasheet
1Mb / 12P
   PWM Current Control Stepping Motor Driver
logo
Princeton Technology Co...
PT2463 PTC-PT2463 Datasheet
185Kb / 5P
   PWM Constant-Current Stepping Motor Driver
logo
Sanyo Semicon Device
LB1946 SANYO-LB1946_07 Datasheet
134Kb / 16P
   PWM Current Control Stepping Motor Driver
LB1845 SANYO-LB1845_12 Datasheet
177Kb / 9P
   PWM Current Controlling Stepping Motor Driver
LB1845 SANYO-LB1845_06 Datasheet
200Kb / 9P
   PWM Current Controlling Stepping Motor Driver
LB11946 SANYO-LB11946_09 Datasheet
132Kb / 14P
   PWM Current Control Stepping Motor Driver
LV8740V SANYO-LV8740V Datasheet
318Kb / 23P
   PWM Current Control Stepping Motor Driver
LB1945D SANYO-LB1945D_09 Datasheet
105Kb / 9P
   PWM Current Control Stepping Motor Driver
logo
ON Semiconductor
LV8727 ONSEMI-LV8727 Datasheet
327Kb / 23P
   PWM Current Control Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com