전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PD-45A 데이터시트(PDF) 4 Page - Astrodyne Corporation

부품명 PD-45A
상세설명  45W Single Output Switching Power Supply
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ASTRODYNE [Astrodyne Corporation]
홈페이지  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

PD-45A 데이터시트(HTML) 4 Page - Astrodyne Corporation

  PD-45A Datasheet HTML 1Page - Astrodyne Corporation PD-45A Datasheet HTML 2Page - Astrodyne Corporation PD-45A Datasheet HTML 3Page - Astrodyne Corporation PD-45A Datasheet HTML 4Page - Astrodyne Corporation PD-45A Datasheet HTML 5Page - Astrodyne Corporation PD-45A Datasheet HTML 6Page - Astrodyne Corporation PD-45A Datasheet HTML 7Page - Astrodyne Corporation PD-45A Datasheet HTML 8Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
p D - 4 5 series
45W Dual Output Switching Power Supply
300 Myles standish Blvd., Taunton, MA 02780
ph: 1-800-823-8082
Fax: 508-823-8181
WWW.AsTRODYNE.COM
File�Name:PD-45-SPEC���2005-09-13
Unit:mm
fosc�:�65KHz
DC�Output�Connector�(CN2)�:�Molex�5273-06�or�equivalent
Pin�No.
1
2,3
4,5
6
Assignment
+V
+5V
COM
NC
Mating�Housing
Molex�5195
or�equivalent
Terminal
Molex�5194
or�equivalent
AC�Input�Connector�(CN1)�:�Molex�5277-02��or�equivalent
Pin�No.
1
2
Assignment
Mating�Housing
Molex�5195
Molex�5194
or�equivalent
or�equivalent
Terminal
Block�Diagram
Mechanical�Specification
Static�Characteristics�(A)
Output�Derating
AMBIENT�TEMPERATURE�(
)
(HORIZONTAL)
-10
0
10
20
30
40
50
60
20
40
60
80
100
INPUT�VOLTAGE�(V)�60Hz
60
80
100
120
140
160
180
200
220
240
260
300
250
200
150
100
50
25
Ta=25
12
6
8
7
11
10
9
4.8
5.0
5.2
4.4
4.6
4.2
4.0
O.V.P.
CONTROL
ING
COM
+5V
RECTIFIERS
&
FILTER
SWITCH-
POWER
FILTER
&
RECTIFIERS
O.L.P.
DETECTION
CIRCUIT
PWM
FILTER
&
RECTIFIERS
+V
FG
I/P
FILTER
EMI
AC/N
AC/L
FG
5.6
2
1
5
6
115.8
127
CN1
CN2
4
3
2
1
M1
M2
AC��FUSE
F4A/250V
P D - 4 5 series
45W�Dual�Output�Switching�Power�Supply
+12V
+5V
+12V
+5V


유사한 부품 번호 - PD-45A

제조업체부품명데이터시트상세설명
logo
Mean Well Enterprises C...
PD-45A MEANWELL-PD-45A Datasheet
338Kb / 2P
   45W Dual Output Switching Power Supply
logo
RSG Electronic Componen...
PD-45A RSG-PD-45A Datasheet
197Kb / 2P
   45W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
PD-45A MEANWELL-PD-45A Datasheet
341Kb / 2P
   45W Dual Output Switching Power Supply
logo
Astrodyne Corporation
PD-45A ASTRODYNE-PD-45A Datasheet
331Kb / 4P
   45W Dual Output Switching Power Supply
More results

유사한 설명 - PD-45A

제조업체부품명데이터시트상세설명
logo
Mean Well Enterprises C...
EPS-45S MEANWELL-EPS-45S Datasheet
96Kb / 4P
   45W Single Output Switching Power Supply
logo
Astrodyne Corporation
PS45 ASTRODYNE-PS45 Datasheet
322Kb / 4P
   45W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
PS-45 MEANWELL-PS-45_11 Datasheet
341Kb / 2P
   45W Single Output Switching Power Supply
PS-45 MEANWELL-PS-45 Datasheet
338Kb / 2P
   45W Single Output Switching Power Supply
logo
RSG Electronic Componen...
PS-45 RSG-PS-45 Datasheet
197Kb / 2P
   45W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
EPS-45 MEANWELL-EPS-45_12 Datasheet
1Mb / 3P
   45W Single Output Switching Power Supply
EPS-45-5-C MEANWELL-EPS-45-5-C Datasheet
1Mb / 4P
   45W Single Output Switching Power Supply
EPS-45 MEANWELL-EPS-45_11 Datasheet
583Kb / 3P
   45W Single Output Switching Power Supply
PSD-45 MEANWELL-PSD-45_11 Datasheet
450Kb / 2P
   45W DC-DC Single Output Switching Power Supply
PT-45_1109 MEANWELL-PT-45_1109 Datasheet
343Kb / 2P
   45W Triple Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com