전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SL0312001 데이터시트(PDF) 1 Page - AMETHERM Circuit Protection Thermistors

부품명 SL0312001
상세설명  3111 N. Deer Run Road #4 Carson City, NV 89701
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMETHERM [AMETHERM Circuit Protection Thermistors]
홈페이지  http://www.ametherm.com
Logo AMETHERM - AMETHERM Circuit Protection Thermistors

SL0312001 데이터시트(HTML) 1 Page - AMETHERM Circuit Protection Thermistors

  SL0312001 Datasheet HTML 1Page - AMETHERM Circuit Protection Thermistors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DATA SHEET
Ametherm, Inc. 3111 N. Deer Run Road #4 Carson City, NV 89701
Telephone: (800) 808-2434 (775) 884-2434
Fax: (775) 884-0670
www.ametherm.com
Part Number: SL03 12001
Electrical Specifications:
Mechanical Specifications:
Revision Date: March 19, 2003
Resistance @ 25°C
12.0
Ω ± 20%
Resistance @ 0°C/ Resistance @ 50°C
4.95
± 1%
Resistance @ 25°C/ Resistance @ 125°C
12.8
± 2%
Beta
2700
± 2%
Maximum Steady State Current
1.0 A
Maximum ON Resistance @ 1.0 A
0.70
Maximum Instantaneous Energy
2.0 J
Thermal Time Constant
7.0 Seconds
Dissipation Constant
3.0mW/°C
Material Type
“A”
Maximum Body Temperature @ SSI
158 °C
D
3.0 mm Max
T
3.0 mm Max
Lead Diameter
0.5 mm Nom
S
4.0 mm Nom
L
38.0 mm Min
Straight Leads
Standard
L
OUTSIDE
KINKED LEADS
S
STRAIGHT
LEADS
B
INSIDE
KINKED LEADS
S
S
D
D
D
C
T


유사한 부품 번호 - SL0312001

제조업체부품명데이터시트상세설명
logo
AMETHERM Circuit Protec...
SL0312101 AMETHERM-SL0312101 Datasheet
28Kb / 1P
   3111 N. Deer Run Road #4 Carson City, NV 89701
More results

유사한 설명 - SL0312001

제조업체부품명데이터시트상세설명
logo
AMETHERM Circuit Protec...
SL0350001 AMETHERM-SL0350001 Datasheet
57Kb / 1P
   3111 N. Deer Run Road #4 Carson City, NV 89701
SL0310101 AMETHERM-SL0310101 Datasheet
28Kb / 1P
   3111 N. Deer Run Road #4 Carson City, NV 89701
SL0320001 AMETHERM-SL0320001 Datasheet
29Kb / 1P
   3111 N. Deer Run Road #4 Carson City, NV 89701
SL0310001 AMETHERM-SL0310001 Datasheet
32Kb / 1P
   3111 N. Deer Run Road #4 Carson City, NV 89701
SL0340001 AMETHERM-SL0340001 Datasheet
28Kb / 1P
   3111 N. Deer Run Road #4 Carson City, NV 89701
SL0350101 AMETHERM-SL0350101 Datasheet
29Kb / 1P
   3111 N. Deer Run Road #4 Carson City, NV 89701
SL0312101 AMETHERM-SL0312101 Datasheet
28Kb / 1P
   3111 N. Deer Run Road #4 Carson City, NV 89701
SL0316001 AMETHERM-SL0316001 Datasheet
28Kb / 1P
   3111 N. Deer Run Road #4 Carson City, NV 89701
SL0322101 AMETHERM-SL0322101 Datasheet
29Kb / 1P
   3111 N. Deer Run Road #4 Carson City, NV 89701
logo
Honeywell Solid State E...
CTX-95 HONEYWELL-CTX-95 Datasheet
83Kb / 2P
   City Tie Expander
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com