전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA4805BF 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TA4805BF
상세설명  1 A Three-Terminal Low-Dropout Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA4805BF 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TA4805BF Datasheet HTML 1Page - Toshiba Semiconductor TA4805BF Datasheet HTML 2Page - Toshiba Semiconductor TA4805BF Datasheet HTML 3Page - Toshiba Semiconductor TA4805BF Datasheet HTML 4Page - Toshiba Semiconductor TA4805BF Datasheet HTML 5Page - Toshiba Semiconductor TA4805BF Datasheet HTML 6Page - Toshiba Semiconductor TA4805BF Datasheet HTML 7Page - Toshiba Semiconductor TA4805BF Datasheet HTML 8Page - Toshiba Semiconductor TA4805BF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TA48015,018,025,033,05,08,09BF
2007-06-25
1
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA48015BF,TA48018BF,TA48025BF,
TA48033BF,TA4805BF,TA4808BF,TA4809BF
1 A Three-Terminal Low-Dropout Voltage Regulator
The TA48***BF series consists of fixed-positive-output,
low-dropout regulators with an output current of 1 A (max) that
utilize V-PNP transistors for the output stage. In response to the
need for low-voltage and low-power dissipation devices for use in
consumer electronics and industrial appliances, the series offers
devices with low output voltages:1.5 V, 1.8 V, 2.5 V, 3.3 V, 5 V,
8 V, 9 V
Features
• Maximum output current: 1 A
• Low output voltage
: 1.5 / 1.8 / 2.5 / 3.3 / 5.0 / 8.0 / 9.0 V
• Output voltage accuracy: VOUT ± 3% (@Tj = 25°C)
• Low standby current: 850 μA (typ.) (@IOUT = 0 A)
• Low starting quiescent current
• Low-dropout voltage: VD = 0.5 V (max) (@IOUT = 0.5 A)
(1.1V only for TA48015BF)
• COUT (reference): 2.2uF(multi-layer ceramic type)
• Protection function: Over current protection / Thermal shutdown / SOA
• Package type: Surface-mount New PW-Mold
Pin Assignment
Marking
TA48***BF Series
Note:
The “***” part of each product number varies according to the output voltage of the product.
Be careful of static electricity when handling.
How to Order
Product No.
Package
Packing Type and Unit for Orders
TA48***BF (T6L1, NQ)
New PW-MOLD: Surface-mount
Tape (2000 pcs/reel)
Weight
HSOP3-P-2.30D : 0.36 g (typ.)
1
OUT
Marking side
3
2
GND
IN
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
Product No. (or abbreviation code)
1
2
48***BF
3


유사한 부품 번호 - TA4805BF

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA4805BF TOSHIBA-TA4805BF Datasheet
235Kb / 12P
   1 A Three-Terminal Low-Dropout Voltage Regulator
More results

유사한 설명 - TA4805BF

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA48015BF TOSHIBA-TA48015BF_09 Datasheet
235Kb / 12P
   1 A Three-Terminal Low-Dropout Voltage Regulator
logo
NEC
UPC2400A NEC-UPC2400A Datasheet
103Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29L00 NEC-UPC29L00 Datasheet
86Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
95Kb / 6P
   Low Dropout Voltage Three Terminal Regulator
logo
NEC
UPC29M00 NEC-UPC29M00 Datasheet
128Kb / 20P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29M33A NEC-UPC29M33A Datasheet
86Kb / 16P
   THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
669Kb / 6P
   Low Dropout Voltage Three Terminal Regulator
logo
NEC
UPC24A00 NEC-UPC24A00 Datasheet
69Kb / 7P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Toshiba Semiconductor
TA48M025F TOSHIBA-TA48M025F_07 Datasheet
350Kb / 12P
   Three-Terminal Low Dropout Voltage Regulator
TA78DL05AS TOSHIBA-TA78DL05AS Datasheet
182Kb / 9P
   Three-Terminal Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com