전자부품 데이터시트 검색엔진 |
|
TA4809BF 데이터시트(PDF) 5 Page - Toshiba Semiconductor |
|
TA4809BF 데이터시트(HTML) 5 Page - Toshiba Semiconductor |
5 / 11 page TA48015,018,025,033,05,08,09BF 2007-06-25 5 TA4805BF Electrical Characteristics (CIN = 0.33 μF, COUT = 2.2 μF, Tj = 25°C, unless otherwise specified) Characteristics Symbol Test Conditions Min Typ. Max Unit VIN = 7 V, IOUT = 0.5 A 4.85 5.00 5.15 Output voltage VOUT 6 V <= VIN <= 10 V, , 5 mA <= IOUT <= 1 A, 0°C <= Tj <= 125°C 4.8 5.0 5.2 V Line regulation Reg・line 6 V <= VIN <= 10 V, IOUT = 0.5 A ⎯ 10 20 mV Load regulation Reg・load VIN = 7 V, 5 mA <= IOUT <= 1 A ⎯ 4.2 20.0 mV 6 V <= VIN <= 10 V, IOUT = 0 A ⎯ 0.85 1.70 Quiescent current IB 6 V <= VIN <= 10 V, IOUT = 1 A ⎯ 10 20 mA VIN = 2.1 V, IOUT = 0 A ⎯ 2.5 4.2 Starting quiescent current IBstart VIN = 4.5 V, IOUT = 1 A ⎯ 18.0 28.5 mA Output n oise voltage VNO VIN = 7 V, IOUT = 50 mA, 10 Hz <= f <= 100 kHz ⎯ 150 ⎯ μVrms Ripple rejection R.R. 6 V <= VIN <= 10 V, IOUT = 50 mA, f = 120 Hz 48 60 ⎯ dB IOUT = 0.5 A ⎯ 0.32 0.50 Dropout voltage VD IOUT = 1 A ⎯ 0.69 ⎯ V Average temperature coefficient of output voltage TCVO VIN = 7 V, IOUT = 5 mA, 0°C <= Tj <= 125°C ⎯ 0.45 ⎯ mV/°C TA4808BF Electrical Characteristics (CIN = 0.33 μF, COUT = 2.2 μF, Tj = 25°C, unless otherwise specified) Characteristics Symbol Test Conditions Min Typ. Max Unit VIN = 10 V, IOUT = 0.5 A 7.76 8.00 8.24 Output voltage VOUT 9 V <= VIN <= 13 V, 5 mA <= IOUT <= 1 A, 0°C <= Tj <= 125°C 7.68 8.00 8.32 V Line regulation Reg・line 9 V <= VIN <= 13 V, IOUT = 0.5 A ⎯ 12.5 20.0 mV Load regulation Reg・load VIN = 10 V, 5 mA <= IOUT <= 1 A ⎯ 9.4 30.0 mV 9 V <= VIN <= 13 V, IOUT = 0 A ⎯ 0.9 1.7 Quiescent current IB 9 V <= VIN <= 13 V, IOUT = 1 A ⎯ 10 20 mA VIN = 2.1 V, IOUT = 0 A ⎯ 2.6 4.4 Starting quiescent current IBstart VIN = 7.2 V, IOUT = 1 A ⎯ 20.0 28.5 mA Output noise voltage VNO VIN = 10 V, IOUT = 50 mA, 10 Hz <= f <= 100 kHz ⎯ 225 ⎯ μVrms Ripple rejection R.R. 9 V <= VIN <= 13 V, IOUT = 50 mA, f = 120 Hz 45 56 ⎯ dB IOUT = 0.5 A ⎯ 0.32 0.50 Dropout voltage VD IOUT = 1 A ⎯ 0.69 ⎯ V Average temperature coefficient of output voltage TCVO VIN = 10 V, IOUT = 5 mA, 0°C <= Tj <= 125°C ⎯ 0.7 ⎯ mV/°C |
유사한 부품 번호 - TA4809BF |
|
유사한 설명 - TA4809BF |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |