전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA78033AF 데이터시트(PDF) 4 Page - Toshiba Semiconductor

부품명 TA78033AF
상세설명  1 A Three-Terminal Positive Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA78033AF 데이터시트(HTML) 4 Page - Toshiba Semiconductor

  TA78033AF Datasheet HTML 1Page - Toshiba Semiconductor TA78033AF Datasheet HTML 2Page - Toshiba Semiconductor TA78033AF Datasheet HTML 3Page - Toshiba Semiconductor TA78033AF Datasheet HTML 4Page - Toshiba Semiconductor TA78033AF Datasheet HTML 5Page - Toshiba Semiconductor TA78033AF Datasheet HTML 6Page - Toshiba Semiconductor TA78033AF Datasheet HTML 7Page - Toshiba Semiconductor TA78033AF Datasheet HTML 8Page - Toshiba Semiconductor TA78033AF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TA78033, 04, 05, 07, 08, 09AF
2006-11-06
4
TA7805AF
Electrical Characteristics
(CIN = 0.33 μF, COUT = 0.1 μF, Tj = 25°C, unless otherwise specified)
Characteristics
Symbol
Test Conditions
Min
Typ.
Max
Unit
VIN = 10 V, IOUT = 100 mA
4.8
5.0
5.2
Output voltage
VOUT
7.5V <= VIN <= 15 V, 5 mA <= I OUT <= 1 A,
4.75
5.00
5.25
V
Line regulation
Reg・line
7.5 V <= VIN <= 15 V, I OUT = 500 mA
10
50
mV
Load regulation
Reg・load
VIN = 10 V, 5 mA <= I OUT <= 1 A
10
50
mV
Quiescent current
I B
VIN = 10 V, IOUT = 5 mA,
3
8
mA
Quiescent current change
ΔI B
7.5 V <= VIN <= 15 V, I OUT = 5 mA
1.3
mA
Output noise voltage
VNO
VIN = 10 V, IOUT = 50 mA
10 Hz <= f <= 100 kHz
50
μVrms
Ripple rejection
R.R.
8 V <= VIN ≤ 15 V, I OUT = 50 mA
f = 120 Hz
64
dB
Dropout voltage
VD
I OUT = 1 A
2
V
Average temperature coefficient of
output voltage
TCVO
VIN = 10 V, IOUT = 5 mA,
0°C <= Tj <= 125°C
±0.5
mV/°C
TA7807AF
Electrical Characteristics
(CIN = 0.33 μF, COUT = 0.1 μF, Tj = 25°C, unless otherwise specified)
Characteristics
Symbol
Test Conditions
Min
Typ.
Max
Unit
VIN = 12 V, IOUT = 100 mA
6.72
7.00
7.28
Output voltage
VOUT
9.5 V <= VIN <= 16 V, 5 mA <= I OUT <= 1 A,
6.65
7.00
7.35
V
Line regulation
Reg・line
9.5 V <= VIN <= 16 V, I OUT = 500 mA
15
50
mV
Load regulation
Reg・load
VIN = 12 V, 5 mA <= I OUT <= 1 A
15
50
mV
Quiescent current
I B
VIN = 12 V, IOUT = 5 mA,
3
8
mA
Quiescent current change
ΔIB
9.5 V <= VIN <= 16 V, I OUT = 5 mA
1.3
mA
Output noise voltage
VNO
VIN = 12 V, IOUT = 50 mA
10 Hz <= f <= 100 kHz
60
μVrms
Ripple rejection
R.R.
10 V <= VIN ≤ 16 V, I OUT = 50 mA
f = 120 Hz
60
dB
Dropout voltage
VD
I OUT = 1 A
2
V
Average temperature coefficient of
output voltage
TCVO
VIN = 12 V, IOUT = 5 mA,
0°C <= Tj <= 125°C
±0.7
mV/°C


유사한 부품 번호 - TA78033AF

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA78005AP TOSHIBA-TA78005AP Datasheet
961Kb / 18P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
TA78006AP TOSHIBA-TA78006AP Datasheet
961Kb / 18P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
TA78007AP TOSHIBA-TA78007AP Datasheet
961Kb / 18P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
TA78008AP TOSHIBA-TA78008AP Datasheet
961Kb / 18P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
TA78009AP TOSHIBA-TA78009AP Datasheet
961Kb / 18P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
More results

유사한 설명 - TA78033AF

제조업체부품명데이터시트상세설명
logo
Jiangsu Changjiang Elec...
CJ7806-TO-220 JIANGSU-CJ7806-TO-220 Datasheet
187Kb / 2P
   Three-terminal positive voltage regulator
CJ7915-TO-220 JIANGSU-CJ7915-TO-220 Datasheet
127Kb / 2P
   Three-terminal positive voltage regulator
CJ78L05-SOT-23-3L JIANGSU-CJ78L05-SOT-23-3L Datasheet
136Kb / 2P
   Three-terminal positive voltage regulator
CJ78L09-TO-92 JIANGSU-CJ78L09-TO-92 Datasheet
110Kb / 2P
   Three-terminal positive voltage regulator
CJ78L18 JIANGSU-CJ78L18 Datasheet
103Kb / 1P
   Three-terminal positive voltage regulator
CJ7806F-TO-220 JIANGSU-CJ7806F-TO-220 Datasheet
117Kb / 1P
   Three-terminal positive voltage regulator
CJ7918-TO-220 JIANGSU-CJ7918-TO-220 Datasheet
80Kb / 1P
   Three-terminal positive voltage regulator
logo
SHENZHEN YONGERJIA INDU...
WEJ78M05-TO-252 WINNERJOIN-WEJ78M05-TO-252 Datasheet
80Kb / 1P
   Three-terminal positive voltage regulator
logo
Shenzhen Luguang Electr...
LGE78D05 LUGUANG-LGE78D05 Datasheet
263Kb / 2P
   Three-terminal positive voltage regulator
logo
Jiangsu Changjiang Elec...
CJ78M09 JIANGSU-CJ78M09 Datasheet
2Mb / 4P
   Three-terminal positive voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com