전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA76432S 데이터시트(PDF) 7 Page - Toshiba Semiconductor

부품명 TA76432S
상세설명  1.26-V Adjustable High-Precision Shunt Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA76432S 데이터시트(HTML) 7 Page - Toshiba Semiconductor

Back Button TA76432S Datasheet HTML 3Page - Toshiba Semiconductor TA76432S Datasheet HTML 4Page - Toshiba Semiconductor TA76432S Datasheet HTML 5Page - Toshiba Semiconductor TA76432S Datasheet HTML 6Page - Toshiba Semiconductor TA76432S Datasheet HTML 7Page - Toshiba Semiconductor TA76432S Datasheet HTML 8Page - Toshiba Semiconductor TA76432S Datasheet HTML 9Page - Toshiba Semiconductor TA76432S Datasheet HTML 10Page - Toshiba Semiconductor TA76432S Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TA76432FT/FC/F/FR/S
2006-11-06
7
Cathode voltage VKA (V)
ΔVREF – VKA
Ambient temperature Ta (°C)
IREF – Ta
Frequency f (Hz)
ZKA – f
Frequency f (Hz)
AV – f
Time t (
μs)
Pulse response
−10
−2
−8
−6
−4
0
5
10
15
20
0
Input
VKA
IK
VREF
IK = 5 mA
Ta
= 25°C
0.0
4.0
1.0
2.0
3.0
−40
0
40
80
120
160
IK = 5 mA
Input
VKA
IK
IREF
10 k
100 k
1 M
1 k
0.3
50
5
0.5
0.1
1
3
10
30
100
eo
IK
220
Ω
RS
GND
ei
S
R
i
e
o
e
KA
Z
KA
Z
S
R
i
e
o
e
KA
Z
S
R
KA
Z
KA
Z
S
R
i
e
o
e
=
=
+
=
Ta
= 25°C
VKA = VREF
0.5 mA ≦
−IK ≦ 15 mA
10 M
1 M
100 k
1 k
−10
0
10
10 k
20
30
40
50
60
IK = 5 mA
Ta
= 25°C
IK
10
μF
VIN
VOUT
GND
1.5
0
0.5
0
5
1.0
0
1
2
3
5
6
4
Input
Output
Output
220
Ω
GND
Pulse
Generator
f
= 100 kHz
Input
monitor
Ambient temperature Ta (°C)
VREF – Ta
−80
−40
0
40
120
160
80
1.27
1.24
1.25
1.26
1.28
1.29
Input
VKA
IK
VREF
VKA = VREF
IK = 5 mA


유사한 부품 번호 - TA76432S

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA76432S TOSHIBA-TA76432S Datasheet
248Kb / 12P
   1.26-V Adjustable High-Precision Shunt Regulators
More results

유사한 설명 - TA76432S

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA76432FC TOSHIBA-TA76432FC Datasheet
248Kb / 12P
   1.26-V Adjustable High-Precision Shunt Regulators
TA76432AFT TOSHIBA-TA76432AFT Datasheet
257Kb / 11P
   1.26-V Adjustable High-Precision Shunt Regulators
TA76L431FB TOSHIBA-TA76L431FB Datasheet
202Kb / 8P
   2.495 V Adjustable High-Precision Shunt Regulators
TA76L431FT TOSHIBA-TA76L431FT Datasheet
253Kb / 9P
   2.49-V Adjustable High-Precision Shunt Regulators
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
   Adjustable Precision Shunt Regulators
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
   Adjustable Precision Shunt Regulators
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com