전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA7808AF 데이터시트(PDF) 8 Page - Toshiba Semiconductor

부품명 TA7808AF
상세설명  1 A Three-Terminal Positive Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA7808AF 데이터시트(HTML) 8 Page - Toshiba Semiconductor

Back Button TA7808AF Datasheet HTML 2Page - Toshiba Semiconductor TA7808AF Datasheet HTML 3Page - Toshiba Semiconductor TA7808AF Datasheet HTML 4Page - Toshiba Semiconductor TA7808AF Datasheet HTML 5Page - Toshiba Semiconductor TA7808AF Datasheet HTML 6Page - Toshiba Semiconductor TA7808AF Datasheet HTML 7Page - Toshiba Semiconductor TA7808AF Datasheet HTML 8Page - Toshiba Semiconductor TA7808AF Datasheet HTML 9Page - Toshiba Semiconductor TA7808AF Datasheet HTML 10Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TA78033, 04, 05, 07, 08, 09AF
2006-11-06
8
接合部温度
Tj (°C)
I B – Tj
6
5
3
1
0
4
−50
150
0
50
TA7805AF:
VIN = 10 V
IOUT = 0 A
100
2
接合部温度
Tj (°C)
I B – Tj
−50
150
0
50
100
TA7809AF:
VIN = 14 V
IOUT = 0 A
6
5
3
1
0
4
2
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0
5
10
15
20
入力電圧 VIN (V)
TA7805LS:
IOUT=0A,
Tj=25℃
I B – VIN
入力電圧
VIN (V)
TA7805AF:
IOUT=0A,
Tj=25℃
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0
5
10
15
20
入力電圧 VIN (V)
TA7809LS:
IOUT=0A,
Tj=25℃
I B – VIN
入力電圧
VIN (V)
TA7809AF:
IOUT=0A,
Tj=25℃
Input voltage VIN (V)
Input voltage VIN (V)
Junction temperature Tj (°C)
Junction temperature Tj (°C)
接合部温度
Tj (°C)
VD – Tj
−50
150
0
50
100
TA78xxAF
IOUT = 1 A
0.2A
0A
0
0.5
3.0
1.0
2.0
2.5
1.5
Junction temperature Tj (°C)
0
0.5
3.0
1.0
2.0
2.5
出力電流
IOUT (A)
VD – I OUT
0.6
Tj =
−40 °C
125
0
1.0
0.2
0.4
0.8
1.5
25
TA78xxAF
85
Output current IOUT (A)
6
5
3
1
0
4
2
6
5
3
1
0
4
2


유사한 부품 번호 - TA7808AF

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA7808F TOSHIBA-TA7808F Datasheet
314Kb / 18P
   Three Terminal Positive Voltage Regulators
TA7808F TOSHIBA-TA7808F Datasheet
659Kb / 18P
   5 V, 5.7 V, 6 V, 7 V, 8 V, 9 V, 10 V, 12 V, 15 V, 18 V, 20 V, 24 V Three Terminal Positive Voltage Regulators
TA7808S TOSHIBA-TA7808S Datasheet
700Kb / 20P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
TA7808SB TOSHIBA-TA7808SB Datasheet
662Kb / 15P
   5 V, 5.7 V, 6 V, 7 V, 8 V, 9 V, 10 V, 12 V, 15 V, 18 V, 20 V, 24 V Three-Terminal Positive Voltage Regulators
More results

유사한 설명 - TA7808AF

제조업체부품명데이터시트상세설명
logo
Jiangsu Changjiang Elec...
CJ7806-TO-220 JIANGSU-CJ7806-TO-220 Datasheet
187Kb / 2P
   Three-terminal positive voltage regulator
CJ7915-TO-220 JIANGSU-CJ7915-TO-220 Datasheet
127Kb / 2P
   Three-terminal positive voltage regulator
CJ78L05-SOT-23-3L JIANGSU-CJ78L05-SOT-23-3L Datasheet
136Kb / 2P
   Three-terminal positive voltage regulator
CJ78L09-TO-92 JIANGSU-CJ78L09-TO-92 Datasheet
110Kb / 2P
   Three-terminal positive voltage regulator
CJ78L18 JIANGSU-CJ78L18 Datasheet
103Kb / 1P
   Three-terminal positive voltage regulator
CJ7806F-TO-220 JIANGSU-CJ7806F-TO-220 Datasheet
117Kb / 1P
   Three-terminal positive voltage regulator
CJ7918-TO-220 JIANGSU-CJ7918-TO-220 Datasheet
80Kb / 1P
   Three-terminal positive voltage regulator
logo
SHENZHEN YONGERJIA INDU...
WEJ78M05-TO-252 WINNERJOIN-WEJ78M05-TO-252 Datasheet
80Kb / 1P
   Three-terminal positive voltage regulator
logo
Shenzhen Luguang Electr...
LGE78D05 LUGUANG-LGE78D05 Datasheet
263Kb / 2P
   Three-terminal positive voltage regulator
logo
Jiangsu Changjiang Elec...
CJ78M09 JIANGSU-CJ78M09 Datasheet
2Mb / 4P
   Three-terminal positive voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com