전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD-100D-24 데이터시트(PDF) 2 Page - Astrodyne Corporation

부품명 SD-100D-24
상세설명  100W Single Output DC-DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ASTRODYNE [Astrodyne Corporation]
홈페이지  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

SD-100D-24 데이터시트(HTML) 2 Page - Astrodyne Corporation

  SD-100D-24 Datasheet HTML 1Page - Astrodyne Corporation SD-100D-24 Datasheet HTML 2Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
s d - 1 0 0 series
100W Single Output DC-DC Converter
300 Myles standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.AsTROdYNE.COM
Mechanical�Specification
Derating�Curve
Static�Characteristics(SD-100D-24V)
File�Name:SD-100-SPEC���2005-05-10
Case�No.�902�����Unit:mm
AMBIENT�TEMPERATURE�(
)
INPUT�VOLTAGE�(V)
55
60
65
70
75
80
90
100
110
120
130
350
32
300
28
250
24
200
20
150
16
100
12
50
8
Ta=25
3.5
197
6.5
190
22
157
4.5
7
6
5
4
3
2
1
120
199
57.5
4-
M
3
3-M
3
(HORIZONTAL)
(VERTICAL)
-10
-10
0
0
10
20
30
40
50
45
60
55
20
40
60
80
100
SD-100C,D-5,12
SD-100B-5,12,24
SD-100C,D-24
Terminal�Pin.�No Assignment
SD-100B,C
SD-100D
Pin�No.
Pin�No.
Pin�No.
Pin�No.
1,2
1
1,2
4,5
3
2
6,7
Assignment
Assignment
Assignment
Assignment
DC�OUTPUT -V
DC�OUTPUT +V
FG
INPUT
DC�INPUT V+
AC/DC�INPUT
DC�INPUT V-
100W�Single�Output�DC-DC�Converter
S D - 1 0 0 series


유사한 부품 번호 - SD-100D-24

제조업체부품명데이터시트상세설명
logo
Mean Well Enterprises C...
SD-100D-24 MEANWELL-SD-100D-24 Datasheet
374Kb / 2P
   100W Single Output DC-DC Converter
SD-100D-24 MEANWELL-SD-100D-24 Datasheet
376Kb / 2P
   100W Single Output DC-DC Converter
SD-100D-24 MEANWELL-SD-100D-24 Datasheet
375Kb / 2P
   100W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD-100D-24 ASTRODYNE-SD-100D-24 Datasheet
672Kb / 2P
   100W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
SD-100D-24 MEANWELL-SD-100D-24 Datasheet
570Kb / 3P
   100W Single Output DC-DC Converter
More results

유사한 설명 - SD-100D-24

제조업체부품명데이터시트상세설명
logo
Mean Well Enterprises C...
SD-100 MEANWELL-SD-100_11 Datasheet
375Kb / 2P
   100W Single Output DC-DC Converter
SD-100 MEANWELL-SD-100 Datasheet
374Kb / 2P
   100W Single Output DC-DC Converter
SD-100 MEANWELL-SD-100_10 Datasheet
376Kb / 2P
   100W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD100 ASTRODYNE-SD100 Datasheet
672Kb / 2P
   100W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
SD-100 MEANWELL-SD-100_V01 Datasheet
570Kb / 3P
   100W Single Output DC-DC Converter
RSD-100 MEANWELL-RSD-100_12 Datasheet
282Kb / 2P
   100W Railway Single Output DC-DC Converter
RSD-100 MEANWELL-RSD-100 Datasheet
259Kb / 2P
   100W Railway Single Output DC-DC Converter
MHB100 MEANWELL-MHB100 Datasheet
842Kb / 6P
   100W DC-DC Half-Brick Regulated Single Output Converter
logo
Wall Industries,Inc.
SP24S12-100 WALL-SP24S12-100 Datasheet
254Kb / 7P
   100W DC-DC Converter
SP48S48-100 WALL-SP48S48-100 Datasheet
244Kb / 7P
   100W DC-DC Converter
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com