전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC7MA2541FK 데이터시트(PDF) 5 Page - Toshiba Semiconductor

부품명 TC7MA2541FK
상세설명  CMOS Digital Integrated Circuit Silicon Monolithic Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MA2541FK 데이터시트(HTML) 5 Page - Toshiba Semiconductor

  TC7MA2541FK_07 Datasheet HTML 1Page - Toshiba Semiconductor TC7MA2541FK_07 Datasheet HTML 2Page - Toshiba Semiconductor TC7MA2541FK_07 Datasheet HTML 3Page - Toshiba Semiconductor TC7MA2541FK_07 Datasheet HTML 4Page - Toshiba Semiconductor TC7MA2541FK_07 Datasheet HTML 5Page - Toshiba Semiconductor TC7MA2541FK_07 Datasheet HTML 6Page - Toshiba Semiconductor TC7MA2541FK_07 Datasheet HTML 7Page - Toshiba Semiconductor TC7MA2541FK_07 Datasheet HTML 8Page - Toshiba Semiconductor TC7MA2541FK_07 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TC7MA2541FK
2007-10-19
5
AC Characteristics (Ta = −40~85°C, Input: tr = tf = 2.0 ns, CL = 30 pF, RL = 500 Ω)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
1.8
1.5
9.8
2.5
± 0.2
0.8
5.6
Propagation delay time
tpLH
tpHL
Figure 1, Figure 2
3.3
± 0.3
0.6
4.4
ns
1.8
1.5
9.8
2.5
± 0.2
0.8
6.5
3-state output enable time
tpZL
tpZH
Figure 1, Figure 3
3.3
± 0.3
0.6
5.0
ns
1.8
1.5
7.7
2.5
± 0.2
0.8
4.3
3-state output disable time
tpLZ
tpHZ
Figure 1, Figure 3
3.3
± 0.3
0.6
3.9
ns
1.8
0.5
2.5
± 0.2
0.5
Output to output skew
tosLH
tosHL
(Note)
3.3
± 0.3
0.5
ns
For CL = 50 pF, add approximately 300 ps to the AC maximum specification.
Note: This parameter is guaranteed by design.
(tosLH = |tpLHm − tpLHn|, tosHL = |tpHLm − tpHLn|)
Dynamic Switching Characteristics (Ta = 25°C, Input: tr = tf = 2.0 ns, CL = 30 pF)
Characteristics
Symbol
Test Condition
VCC (V)
Typ.
Unit
VIH = 1.8 V, VIL = 0 V
(Note)
1.8
0.15
VIH = 2.5 V, VIL = 0 V
(Note)
2.5
0.25
Quiet output maximum dynamic VOL
VOLP
VIH = 3.3 V, VIL = 0 V
(Note)
3.3
0.35
V
VIH = 1.8 V, VIL = 0 V
(Note)
1.8
0.15
VIH = 2.5 V, VIL = 0 V
(Note)
2.5
0.25
Quiet output minimum dynamic VOL
VOLV
VIH = 3.3 V, VIL = 0 V
(Note)
3.3
0.35
V
VIH = 1.8 V, VIL = 0 V
(Note)
1.8
1.55
VIH = 2.5 V, VIL = 0 V
(Note)
2.5
2.05
Quiet output minimum dynamic VOH
VOHV
VIH = 3.3 V, VIL = 0 V
(Note)
3.3
2.65
V
Note: This parameter is guaranteed by design.
Capacitive Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
VCC (V)
Typ.
Unit
Input capacitance
CIN
1.8, 2.5, 3.3
6
pF
Output capacitance
CO
1.8, 2.5, 3.3
7
pF
Power dissipation capacitance
CPD
fIN = 10 MHz
(Note)
1.8, 2.5, 3.3
20
pF
Note: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC/8 (per bit)


유사한 부품 번호 - TC7MA2541FK_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7MA2541FK TOSHIBA-TC7MA2541FK Datasheet
315Kb / 8P
   LOW-VOLTAGE OCTAL BUS BUFFER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results

유사한 설명 - TC7MA2541FK_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7MA2244FK TOSHIBA-TC7MA2244FK_07 Datasheet
220Kb / 9P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC74VCX541FT TOSHIBA-TC74VCX541FT_07 Datasheet
286Kb / 13P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC74VCX2244FT TOSHIBA-TC74VCX2244FT_07 Datasheet
244Kb / 10P
   Low-Voltage Octal Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC7MA244FK TOSHIBA-TC7MA244FK_07 Datasheet
226Kb / 11P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC7MA541FK TOSHIBA-TC7MA541FK_07 Datasheet
225Kb / 10P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC74VCX244FT TOSHIBA-TC74VCX244FT_07 Datasheet
263Kb / 12P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC74VCX2541FT TOSHIBA-TC74VCX2541FT_07 Datasheet
272Kb / 12P
   Low-Voltage Octal Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC7MAR2245FK TOSHIBA-TC7MAR2245FK Datasheet
225Kb / 10P
   Low-Voltage Octal Bus Transceiver with 3.6 V Tolerant Inputs and Outputs
TC74VCX245FT TOSHIBA-TC74VCX245FT_07 Datasheet
275Kb / 13P
   Low-Voltage Octal Bus Transceiver with 3.6 V Tolerant Inputs and Outputs
TC7MA245FK TOSHIBA-TC7MA245FK_07 Datasheet
239Kb / 11P
   Low-Voltage Octal Bus Transceiver with 3.6 V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com