전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC7MA2541FK 데이터시트(PDF) 3 Page - Toshiba Semiconductor

부품명 TC7MA2541FK
상세설명  CMOS Digital Integrated Circuit Silicon Monolithic Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MA2541FK 데이터시트(HTML) 3 Page - Toshiba Semiconductor

  TC7MA2541FK_07 Datasheet HTML 1Page - Toshiba Semiconductor TC7MA2541FK_07 Datasheet HTML 2Page - Toshiba Semiconductor TC7MA2541FK_07 Datasheet HTML 3Page - Toshiba Semiconductor TC7MA2541FK_07 Datasheet HTML 4Page - Toshiba Semiconductor TC7MA2541FK_07 Datasheet HTML 5Page - Toshiba Semiconductor TC7MA2541FK_07 Datasheet HTML 6Page - Toshiba Semiconductor TC7MA2541FK_07 Datasheet HTML 7Page - Toshiba Semiconductor TC7MA2541FK_07 Datasheet HTML 8Page - Toshiba Semiconductor TC7MA2541FK_07 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TC7MA2541FK
2007-10-19
3
Operating Ranges (Note 1)
Characteristics
Symbol
Rating
Unit
1.8~3.6
Supply voltage
VCC
1.2~3.6 (Note 2)
V
Input voltage
VIN
0.3~3.6
V
0~3.6
(Note 3)
Output voltage
VOUT
0~VCC (Note 4)
V
±12
(Note 5)
±8
(Note 6)
Output current
IOH/IOL
±4
(Note 7)
mA
Operating temperature
Topr
40~85
°C
Input rise and fall time
dt/dv
0~10
(Note 8)
ns/V
Note 1: The operating ranges must be maintained to ensure the normal operation of the device.
Unused inputs must be tied to either VCC or GND.
Note 2: Data retention only
Note 3: Off-state
Note 4: High or low state
Note 5: VCC = 3.0~3.6 V
Note 6: VCC = 2.3~2.7 V
Note 7: VCC = 1.8 V
Note 8: VIN = 0.8~2.0 V, VCC = 3.0 V
Electrical Characteristics
DC Characteristics (Ta = −40~85°C, 2.7 V < VCC <= 3.6 V)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
High level
VIH
2.7~3.6
2.0
Input voltage
Low level
VIL
2.7~3.6
0.8
V
IOH = −100 μA
2.7~3.6
VCC
0.2
IOH = −6 mA
2.7
2.2
IOH = −8 mA
3.0
2.4
High level
VOH
VIN = VIH or VIL
IOH = −12 mA
3.0
2.2
IOL = 100 μA
2.7~3.6
0.2
IOL = 6 mA
2.7
0.4
IOL = 8 mA
3.0
0.55
Output voltage
Low level
VOL
VIN = VIH or VIL
IOL = 12 mA
3.0
0.8
V
Input leakage current
IIN
VIN = 0~3.6 V
2.7~3.6
±5.0
μA
3-state output off-state current
IOZ
VIN = VIH or VIL
VOUT = 0~3.6 V
2.7~3.6
±10.0
μA
Power off leakage current
IOFF
VIN, VOUT = 0~3.6 V
0
10.0
μA
VIN = VCC or GND
2.7~3.6
20.0
ICC
VCC <= (VIN, VOUT) <= 3.6 V
2.7~3.6
±20.0
Quiescent supply current
ΔICC
VIH = VCC 0.6 V (per input)
2.7~3.6
750
μA


유사한 부품 번호 - TC7MA2541FK_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7MA2541FK TOSHIBA-TC7MA2541FK Datasheet
315Kb / 8P
   LOW-VOLTAGE OCTAL BUS BUFFER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results

유사한 설명 - TC7MA2541FK_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7MA2244FK TOSHIBA-TC7MA2244FK_07 Datasheet
220Kb / 9P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC74VCX541FT TOSHIBA-TC74VCX541FT_07 Datasheet
286Kb / 13P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC74VCX2244FT TOSHIBA-TC74VCX2244FT_07 Datasheet
244Kb / 10P
   Low-Voltage Octal Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC7MA244FK TOSHIBA-TC7MA244FK_07 Datasheet
226Kb / 11P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC7MA541FK TOSHIBA-TC7MA541FK_07 Datasheet
225Kb / 10P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC74VCX244FT TOSHIBA-TC74VCX244FT_07 Datasheet
263Kb / 12P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC74VCX2541FT TOSHIBA-TC74VCX2541FT_07 Datasheet
272Kb / 12P
   Low-Voltage Octal Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC7MAR2245FK TOSHIBA-TC7MAR2245FK Datasheet
225Kb / 10P
   Low-Voltage Octal Bus Transceiver with 3.6 V Tolerant Inputs and Outputs
TC74VCX245FT TOSHIBA-TC74VCX245FT_07 Datasheet
275Kb / 13P
   Low-Voltage Octal Bus Transceiver with 3.6 V Tolerant Inputs and Outputs
TC7MA245FK TOSHIBA-TC7MA245FK_07 Datasheet
239Kb / 11P
   Low-Voltage Octal Bus Transceiver with 3.6 V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com