전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC7MAR2245FK 데이터시트(PDF) 2 Page - Toshiba Semiconductor

부품명 TC7MAR2245FK
상세설명  Low-Voltage Octal Bus Transceiver with 3.6 V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MAR2245FK 데이터시트(HTML) 2 Page - Toshiba Semiconductor

  TC7MAR2245FK Datasheet HTML 1Page - Toshiba Semiconductor TC7MAR2245FK Datasheet HTML 2Page - Toshiba Semiconductor TC7MAR2245FK Datasheet HTML 3Page - Toshiba Semiconductor TC7MAR2245FK Datasheet HTML 4Page - Toshiba Semiconductor TC7MAR2245FK Datasheet HTML 5Page - Toshiba Semiconductor TC7MAR2245FK Datasheet HTML 6Page - Toshiba Semiconductor TC7MAR2245FK Datasheet HTML 7Page - Toshiba Semiconductor TC7MAR2245FK Datasheet HTML 8Page - Toshiba Semiconductor TC7MAR2245FK Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TC7MAR2245FK
2007-10-19
2
Pin Assignment (top view)
IEC Logic Symbol
Truth Table
Inputs
Function
OE
DIR
Outputs
A-Bus
B-Bus
L
L
A
= B
Output
Input
L
H
B
= A
Input
Output
H
X
Z
Z
X: Don’t care
Z: High impedance
VCC
20
OE
B1
B2
B3
B4
19
18
17
16
15
14
DIR
1
2
3
4
5
6
7
A1
A2
A3
A4
A5
A6
B5
8
9
10
A7
A8
GND
13
12
11
B6
B7
B8
19
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
DIR
A1
A2
A3
A4
A5
A6
A7
A8
B1
B2
B3
B4
B5
B6
B7
B8
G3
3 EN 1 [BA]
3 EN 2 [AB]
1
2
OE


유사한 부품 번호 - TC7MAR2245FK

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7MA138FK TOSHIBA-TC7MA138FK Datasheet
147Kb / 9P
   Low Voltage 3-to-8 Line Decoder with 3.6 V Tolerant Inputs and Outputs
TC7MA138FK TOSHIBA-TC7MA138FK Datasheet
224Kb / 10P
   Low Voltage 3-to-8 Line Decoder with 3.6 V Tolerant Inputs and Outputs
TC7MA138FK TOSHIBA-TC7MA138FK_07 Datasheet
224Kb / 10P
   Low Voltage 3-to-8 Line Decoder with 3.6 V Tolerant Inputs and Outputs
TC7MA157FK TOSHIBA-TC7MA157FK Datasheet
173Kb / 11P
   Low Voltage Quad 2-Channel Multiplexer with 3.6 V Tolerant Inputs and Outputs
TC7MA157FK TOSHIBA-TC7MA157FK Datasheet
223Kb / 11P
   Low Voltage Quad 2-Channel Multiplexer with 3.6 V Tolerant Inputs and Outputs
More results

유사한 설명 - TC7MAR2245FK

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74VCX245FT TOSHIBA-TC74VCX245FT_07 Datasheet
275Kb / 13P
   Low-Voltage Octal Bus Transceiver with 3.6 V Tolerant Inputs and Outputs
TC7MA245FK TOSHIBA-TC7MA245FK_07 Datasheet
239Kb / 11P
   Low-Voltage Octal Bus Transceiver with 3.6 V Tolerant Inputs and Outputs
TC74VCXR2245FT TOSHIBA-TC74VCXR2245FT_07 Datasheet
260Kb / 11P
   Low-Voltage Octal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC7MA2244FK TOSHIBA-TC7MA2244FK_07 Datasheet
220Kb / 9P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC74VCX541FT TOSHIBA-TC74VCX541FT_07 Datasheet
286Kb / 13P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC74VCX2244FT TOSHIBA-TC74VCX2244FT_07 Datasheet
244Kb / 10P
   Low-Voltage Octal Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC7MA244FK TOSHIBA-TC7MA244FK_07 Datasheet
226Kb / 11P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC7MA541FK TOSHIBA-TC7MA541FK_07 Datasheet
225Kb / 10P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC74VCX244FT TOSHIBA-TC74VCX244FT_07 Datasheet
263Kb / 12P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC74VCX2541FT TOSHIBA-TC74VCX2541FT_07 Datasheet
272Kb / 12P
   Low-Voltage Octal Bus Buffer with 3.6-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com