전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC7MET541AFK 데이터시트(PDF) 4 Page - Toshiba Semiconductor

부품명 TC7MET541AFK
상세설명  Octal Bus Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MET541AFK 데이터시트(HTML) 4 Page - Toshiba Semiconductor

  TC7MET541AFK Datasheet HTML 1Page - Toshiba Semiconductor TC7MET541AFK Datasheet HTML 2Page - Toshiba Semiconductor TC7MET541AFK Datasheet HTML 3Page - Toshiba Semiconductor TC7MET541AFK Datasheet HTML 4Page - Toshiba Semiconductor TC7MET541AFK Datasheet HTML 5Page - Toshiba Semiconductor TC7MET541AFK Datasheet HTML 6Page - Toshiba Semiconductor TC7MET541AFK Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TC7MET540,541AFK
2007-10-19
4
Electrical Characteristics
DC Characteristics
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
High level
VIH
4.5~5.5
2.0
2.0
Input voltage
low level
VIL
4.5~5.5
0.8
0.8
V
IOH = −50 μA
4.5
4.4
4.5
4.4
High level
VOH
VIN = VIH
or VIL
IOH = −8 mA
4.5
3.94
3.80
IOL = 50 μA
4.5
0
0.1
0.1
Output voltage
low level
VOL
VIN = VIH
or VIL
IOL = 8 mA
4.5
0.36
0.44
V
3-state output off-state current
IOZ
VIN = VIH or VIL
VOUT = VCC or GND
5.5
±0.25
±2.50
μA
Input leakage current
IIN
VIN = 5.5 V or GND
0~5.5
±0.1
±1.0
μA
ICC
VIN = VCC or GND
5.5
4.0
40.0
μA
Quiescent supply current
ICCT
Per input: VIN = 3.4 V
Other input: VCC or GND
5.5
1.35
1.50
mA
Output leakage current
IOPD
VOUT = 5.5 V
0
0.5
5.0
μA
AC Electrical Characteristics (Input: tr = tf = 3 ns)
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
Test Condition
VCC (V) CL (pF)
Min
Typ.
Max
Min
Max
Unit
15
5.4
7.4
1.0
8.5
Propagation delay time
(TC7MET540AFK)
tpLH
tpHL
5.0
± 0.5
50
5.9
8.4
1.0
9.5
ns
15
5.0
6.9
1.0
8.0
Propagation delay time
(TC7MET541AFK)
tpLH
tpHL
5.0
± 0.5
50
5.5
7.9
1.0
9.0
ns
15
8.3
11.3
1.0
13.0
3-state output enable time
tpZL
tpZH
RL = 1 kΩ
5.0
± 0.5
50
8.8
12.3
1.0
14.0
ns
3-state output disable time
tpLZ
tpHZ
RL = 1 kΩ
5.0
± 0.5
50
9.4
11.9
1.0
13.5
ns
Output to output skew
tosLH
tosHL
(Note 1) 5.0
± 0.5
50
1.0
1.0
ns
Input capacitance
CIN
4
10
10
pF
Output capacitance
COUT
9
pF
Power dissipation
capacitance
CPD
(Note 2)
19
pF
Note 1: Parameter guaranteed by design.
tosLH = |tpLHm − tpLHn|, tosHL = |tpHLm − tpHLn|
Note 2: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC/8 (per bit)


유사한 부품 번호 - TC7MET541AFK

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7MET541AFK TOSHIBA-TC7MET541AFK Datasheet
142Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results

유사한 설명 - TC7MET541AFK

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74VHCT240AF TOSHIBA-TC74VHCT240AF_07 Datasheet
221Kb / 9P
   Octal Bus Buffer
logo
ON Semiconductor
MC74VHC244 ONSEMI-MC74VHC244_11 Datasheet
145Kb / 8P
   Octal Bus Buffer
May, 2011 ??Rev. 8
MC74VHC244 ONSEMI-MC74VHC244 Datasheet
217Kb / 8P
   Octal Bus Buffer
March, 2006 -- Rev. 7
MC74VHCT540A ONSEMI-MC74VHCT540A_06 Datasheet
164Kb / 7P
   Octal Bus Buffer
March, 2006 ??Rev. 4
MC74VHCT541A ONSEMI-MC74VHCT541A_06 Datasheet
104Kb / 6P
   Octal Bus Buffer
January, 2006 ??Rev. 4
logo
Motorola, Inc
MC74VHC244 MOTOROLA-MC74VHC244 Datasheet
165Kb / 6P
   Octal Bus Buffer
MC74VHC540 MOTOROLA-MC74VHC540 Datasheet
168Kb / 6P
   Octal Bus Buffer
logo
Toshiba Semiconductor
TC74ACT240P TOSHIBA-TC74ACT240P Datasheet
273Kb / 6P
   OCTAL BUS BUFFER
logo
ON Semiconductor
MC74VHC541 ONSEMI-MC74VHC541 Datasheet
106Kb / 6P
   Octal Bus Buffer
April, 2006 ??Rev. 5
MC74LVX240 ONSEMI-MC74LVX240_14 Datasheet
134Kb / 7P
   Octal Bus Buffer
February, 2014 ??Rev. 4
MC74LVX541 ONSEMI-MC74LVX541_14 Datasheet
117Kb / 7P
   Octal Bus Buffer
August, 2014 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com