전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC7MET541AFK 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TC7MET541AFK
상세설명  Octal Bus Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MET541AFK 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TC7MET541AFK Datasheet HTML 1Page - Toshiba Semiconductor TC7MET541AFK Datasheet HTML 2Page - Toshiba Semiconductor TC7MET541AFK Datasheet HTML 3Page - Toshiba Semiconductor TC7MET541AFK Datasheet HTML 4Page - Toshiba Semiconductor TC7MET541AFK Datasheet HTML 5Page - Toshiba Semiconductor TC7MET541AFK Datasheet HTML 6Page - Toshiba Semiconductor TC7MET541AFK Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TC7MET540,541AFK
2007-10-19
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7MET540AFK,TC7MET541AFK
Octal Bus Buffer
TC7MET540AFK Inverted, 3-State Outputs
TC7MET541AFK Non-Inverted, 3-State Outputs
The TC7MET540AFK and 541AFK are advanced high speed
CMOS octal bus buffers fabricated with silicon gate C2MOS
technology. They achieve the high speed operation similar to
equivalent bipolar schottky TTL while maintaining the CMOS
low power dissipation.
The TC7MET540AFK is an inverting type and, the
TC7MET541AFK is a non-inverting type.
When either G1 or G2 are high , the terminal outputs are in
the high-impedance state.
The input voltage are compatible with TTL output voltage.
These devices may be used as a level converter for interfacing
3.3 V to 5 V system.
Input protection and output circuit ensure that 0 to 5.5 V can be applied to the input and output (Note) pins
without regard to the supply voltage. These structure prevents device destruction due to mismatched supply and
input/output voltages such as battery back up, hot board insertion, etc.
Note: VCC = 0 V
Features
• High speed: tpd = 5.4 ns (typ.) (VCC = 5 V)
• Low power dissipation: ICC = 4 μA (max) (Ta = 25°C)
• Compatible with TTL outputs: VIL = 0.8 V (max)
VIH = 2.0 V (min)
• Power down protection is provided on all inputs and outputs.
• Balanced propagation delays: tpLH ≈ tpHL
• Low noise: VOLP = 1.5 V (max)
• Pin and function compatible with the 74 series (74AC/HC/F/ALS/LS etc.) 540/541 type.
Weight: 0.03 g (typ.)


유사한 부품 번호 - TC7MET541AFK

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7MET541AFK TOSHIBA-TC7MET541AFK Datasheet
142Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results

유사한 설명 - TC7MET541AFK

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74VHCT240AF TOSHIBA-TC74VHCT240AF_07 Datasheet
221Kb / 9P
   Octal Bus Buffer
logo
ON Semiconductor
MC74VHC244 ONSEMI-MC74VHC244_11 Datasheet
145Kb / 8P
   Octal Bus Buffer
May, 2011 ??Rev. 8
MC74VHC244 ONSEMI-MC74VHC244 Datasheet
217Kb / 8P
   Octal Bus Buffer
March, 2006 -- Rev. 7
MC74VHCT540A ONSEMI-MC74VHCT540A_06 Datasheet
164Kb / 7P
   Octal Bus Buffer
March, 2006 ??Rev. 4
MC74VHCT541A ONSEMI-MC74VHCT541A_06 Datasheet
104Kb / 6P
   Octal Bus Buffer
January, 2006 ??Rev. 4
logo
Motorola, Inc
MC74VHC244 MOTOROLA-MC74VHC244 Datasheet
165Kb / 6P
   Octal Bus Buffer
MC74VHC540 MOTOROLA-MC74VHC540 Datasheet
168Kb / 6P
   Octal Bus Buffer
logo
Toshiba Semiconductor
TC74ACT240P TOSHIBA-TC74ACT240P Datasheet
273Kb / 6P
   OCTAL BUS BUFFER
logo
ON Semiconductor
MC74VHC541 ONSEMI-MC74VHC541 Datasheet
106Kb / 6P
   Octal Bus Buffer
April, 2006 ??Rev. 5
MC74LVX240 ONSEMI-MC74LVX240_14 Datasheet
134Kb / 7P
   Octal Bus Buffer
February, 2014 ??Rev. 4
MC74LVX541 ONSEMI-MC74LVX541_14 Datasheet
117Kb / 7P
   Octal Bus Buffer
August, 2014 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com