전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC7MP245FTG 데이터시트(PDF) 6 Page - Toshiba Semiconductor

부품명 TC7MP245FTG
상세설명  Low-Voltage/Low-Power Octal Bus Transceiver with Bus-hold
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MP245FTG 데이터시트(HTML) 6 Page - Toshiba Semiconductor

Back Button TC7MP245FTG Datasheet HTML 2Page - Toshiba Semiconductor TC7MP245FTG Datasheet HTML 3Page - Toshiba Semiconductor TC7MP245FTG Datasheet HTML 4Page - Toshiba Semiconductor TC7MP245FTG Datasheet HTML 5Page - Toshiba Semiconductor TC7MP245FTG Datasheet HTML 6Page - Toshiba Semiconductor TC7MP245FTG Datasheet HTML 7Page - Toshiba Semiconductor TC7MP245FTG Datasheet HTML 8Page - Toshiba Semiconductor TC7MP245FTG Datasheet HTML 9Page - Toshiba Semiconductor TC7MP245FTG Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TC7MP245FK/FTG
2007-10-19
6
DC Characteristics (Ta=-40 to 85℃, 1.65V≦Vcc<2.3V)
Parameter
Symbol
Test Condition
Vcc(V)
Min
Max
Unit
H-level
VIH
-
1.65 to 2.3
Vcc×0.7
-
DC input
voltage
L-level
VIL
-
1.65 to 2.3
-
Vcc×0.2
V
IOHA=-100uA
1.65
Vcc-0.2
-
H-level
V0HA
VIN=
VIH
IOHA=-2mA
1.65
1.3
-
Output voltage
(A bus)
L-level
V0LA
VIN=
VIL
IOLA=2mA
1.65
-
0.2
V
IOHB=-100uA
1.65
Vcc-0.2
-
H-level
V0HB
VIN=
VIH
IOHB=-4mA
1.65
1.3
-
Output voltage
(B bus)
L-level
V0LB
VIN=
VIL
IOLB=4mA
1.65
-
0.2
V
Input leakage current(DIR,/OE)
IIN
VIN=0 to 3.6V
1.65 to 2.3
-
±5.0
μA
Power off leakage current
IOFF
A,DIR,/OE=0 to 3.6V
0
-
5.0
μA
IOZA
VINA=VIH or VIL
Vout=0 to 3.6V
1.65 to 2.3
-
±5.0
μA
3-state output off-state current
IOZB
VINB=VIH or VIL
Vout=0 or VCC
1.65 to 2.3
-
±5.0
μA
Quiescent supply current
ICC
VIN=VCC or GND
1.65 to 2.3
-
5.0
μA
VIN=0.33V
20
-
Bushold input minimum drive hold
current
II(HOLD)
VIN=1.16V
1.65
-20
-
μA
VIN= “L””H”
-
300
Bushold input over-drive current
to change state
(Note)
II(OD)
VIN= “H””L”
1.95
-
-300
μA
Note: It is a necessary electric current to change the input in "L" or "H".


유사한 부품 번호 - TC7MP245FTG

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7MP01FK TOSHIBA-TC7MP01FK Datasheet
219Kb / 9P
   Low-Voltage Triple Gate(6-input AND 4-input OR inverter)
TC7MP3125FK TOSHIBA-TC7MP3125FK Datasheet
332Kb / 23P
   Low Voltage/Low Power 2-Bit 횞 2 Dual Supply Bus Transceiver
TC7MP3125FT TOSHIBA-TC7MP3125FT Datasheet
342Kb / 34P
   CMOS Digital Integrated Circuits Silicon Monolithic
2022-07-08 Rev.5.0
TC7MP3125FTG TOSHIBA-TC7MP3125FTG Datasheet
332Kb / 23P
   Low Voltage/Low Power 2-Bit 횞 2 Dual Supply Bus Transceiver
TC7MP3245FTG TOSHIBA-TC7MP3245FTG Datasheet
294Kb / 22P
   Low Voltage/Low Power 4-Bit 횞 2 Dual Supply Bus Transceiver
More results

유사한 설명 - TC7MP245FTG

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
74LVCH245A DIODES-74LVCH245A Datasheet
469Kb / 10P
   OCTAL BUS TRANSCEIVER WITH BUS HOLD / 3 STATE OUTPUTS
logo
STMicroelectronics
74LVQ245 STMICROELECTRONICS-74LVQ245_04 Datasheet
279Kb / 12P
   LOW VOLTAGE CMOS OCTAL BUS TRANSCEIVER WITH (3-STATE)
74LVQ245 STMICROELECTRONICS-74LVQ245 Datasheet
67Kb / 8P
   LOW VOLTAGE CMOS OCTAL BUS TRANSCEIVER 3-STATE
logo
Toshiba Semiconductor
TC7MBL3245BFT TOSHIBA-TC7MBL3245BFT Datasheet
269Kb / 8P
   Octal Low Voltage Bus Switch
logo
Integrated Device Techn...
IDT74CBTLV3245 IDT-IDT74CBTLV3245 Datasheet
140Kb / 5P
   LOW-VOLTAGE OCTAL BUS SWITCH
logo
Renesas Technology Corp
74CBTLV3245 RENESAS-74CBTLV3245 Datasheet
264Kb / 6P
   LOW-VOLTAGE OCTAL BUS SWITCH
MAY 2019
logo
Integrated Device Techn...
IDT74CBTLV3244 IDT-IDT74CBTLV3244_14 Datasheet
97Kb / 5P
   LOW-VOLTAGE OCTAL BUS SWITCH
IDT74CBTLV3245 IDT-IDT74CBTLV3245_14 Datasheet
95Kb / 5P
   LOW-VOLTAGE OCTAL BUS SWITCH
IDT74CBTLV3244 IDT-IDT74CBTLV3244 Datasheet
136Kb / 5P
   LOW-VOLTAGE OCTAL BUS SWITCH
logo
Toshiba Semiconductor
TC7MBL3244AFT TOSHIBA-TC7MBL3244AFT Datasheet
185Kb / 7P
   Octal Low Voltage Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com