전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC7MPN3125FTG 데이터시트(PDF) 4 Page - Toshiba Semiconductor

부품명 TC7MPN3125FTG
상세설명  Low Voltage/Low Power 2-Bit 횞 2 Dual Supply Bus Transceiver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MPN3125FTG 데이터시트(HTML) 4 Page - Toshiba Semiconductor

  TC7MPN3125FTG Datasheet HTML 1Page - Toshiba Semiconductor TC7MPN3125FTG Datasheet HTML 2Page - Toshiba Semiconductor TC7MPN3125FTG Datasheet HTML 3Page - Toshiba Semiconductor TC7MPN3125FTG Datasheet HTML 4Page - Toshiba Semiconductor TC7MPN3125FTG Datasheet HTML 5Page - Toshiba Semiconductor TC7MPN3125FTG Datasheet HTML 6Page - Toshiba Semiconductor TC7MPN3125FTG Datasheet HTML 7Page - Toshiba Semiconductor TC7MPN3125FTG Datasheet HTML 8Page - Toshiba Semiconductor TC7MPN3125FTG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TC7MPN3125FTG
2007-10-19
4
Absolute Maximum Ratings (Note 1)
Characteristics
Symbol
Rating
Unit
VCCA
0.5 to 4.6
Power supply voltage
(Note 2)
VCCB
0.5 to 4.6
V
DC input voltage
(DIR,
OE )
VIN
0.5 to 4.6
V
0.5 to 4.6 (Note 3)
VI/OA
0.5 to VCCA + 0.5 (Note 4)
0.5 to 4.6 (Note 3)
DC bus I/O voltage
VI/OB
0.5 to VCCB + 0.5 (Note 4)
V
Input diode current
IIK
50
mA
Output diode current
II/OK
±50
(Note 5)
mA
IOUTA
±25
DC output current
IOUTB
±6
mA
ICCA
±50
DC VCC/ground current per supply pin
ICCB
±50
mA
Power dissipation
PD
180
mW
Storage temperature
Tstg
65 to 150
°C
Note 1: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or
even destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 2: Don’t supply a voltage to VCCB pin when VCCA is in the OFF state.
Note 3: Output in OFF state
Note 4: High or Low stats. IOUT absolute maximum rating must be observed.
Note 5: VOUT < GND, VOUT > VCC


유사한 부품 번호 - TC7MPN3125FTG

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7MPN3125FT TOSHIBA-TC7MPN3125FT Datasheet
377Kb / 34P
   CMOS Digital Integrated Circuits Silicon Monolithic
2022-07-07 Rev.6.0
More results

유사한 설명 - TC7MPN3125FTG

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7MP3125FK TOSHIBA-TC7MP3125FK Datasheet
332Kb / 23P
   Low Voltage/Low Power 2-Bit 횞 2 Dual Supply Bus Transceiver
TC7MP3245FTG TOSHIBA-TC7MP3245FTG Datasheet
294Kb / 22P
   Low Voltage/Low Power 4-Bit 횞 2 Dual Supply Bus Transceiver
TC7MPN3245FTG TOSHIBA-TC7MPN3245FTG Datasheet
294Kb / 22P
   Low Voltage/Low Power 4-Bit 횞 2 Dual Supply Bus Transceiver
TC7MPH3125FK TOSHIBA-TC7MPH3125FK Datasheet
343Kb / 23P
   Low Voltage/Low Power 2-Bit 횞 2 Dual Supply Bus Transceiver with Bushold
TC7MPH3245FTG TOSHIBA-TC7MPH3245FTG Datasheet
318Kb / 22P
   Low Voltage/Low Power 4-Bit 횞 2 Dual Supply Bus Transceiver with Bushold
TC7WPB9306FC TOSHIBA-TC7WPB9306FC Datasheet
372Kb / 13P
   Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
TC7MPS3125FTG TOSHIBA-TC7MPS3125FTG Datasheet
306Kb / 22P
   Low Voltage/Low Power 1 3-Bit Dual Supply Bus Transceiver
TC7MPS3125FK TOSHIBA-TC7MPS3125FK Datasheet
322Kb / 23P
   Low Voltage/Low Power 1 3-Bit Dual Supply Bus Transceiver
2011-07-21
logo
ON Semiconductor
FXLA102 ONSEMI-FXLA102 Datasheet
623Kb / 17P
   Low-Voltage Dual-Supply 2-Bit Voltage Translator
October-2017, Rev. 2
logo
Toshiba Semiconductor
TC7WPN3125FK TOSHIBA-TC7WPN3125FK Datasheet
252Kb / 12P
   Digital Integrated Circuit Silicon Monolithic Low Voltage/Low Power 2-Bit Dual Supply Bus Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com