전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC7MZ540FK 데이터시트(PDF) 5 Page - Toshiba Semiconductor

부품명 TC7MZ540FK
상세설명  Low Voltage Octal Bus Buffer (inverted) with 5 V Tolerant Inputs and Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MZ540FK 데이터시트(HTML) 5 Page - Toshiba Semiconductor

  TC7MZ540FK_07 Datasheet HTML 1Page - Toshiba Semiconductor TC7MZ540FK_07 Datasheet HTML 2Page - Toshiba Semiconductor TC7MZ540FK_07 Datasheet HTML 3Page - Toshiba Semiconductor TC7MZ540FK_07 Datasheet HTML 4Page - Toshiba Semiconductor TC7MZ540FK_07 Datasheet HTML 5Page - Toshiba Semiconductor TC7MZ540FK_07 Datasheet HTML 6Page - Toshiba Semiconductor TC7MZ540FK_07 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TC7MZ540FK
2007-10-19
5
AC Test Circuit
AC Waveform
Parameter
Switch
tpLH, tpHL
Open
tpLZ, tpZL
6.0 V
tpHZ, tpZH
GND
Open
6.0 V
GND
Switch
Output
Measure
CL = 50 pF
RL = 500 Ω
Figure 1
Figure 2 tpLH, tpHL
90%
10%
Input
(A)
GND
2.7 V
tf 2.5 ns
tr 2.5 ns
1.5 V
Output
( Y)
VOL
VOH
1.5 V
tpLH
tpHL
Figure 3 tpLZ, tpHZ, tpZL, tpZH
90%
10%
VOL
3.0 V
GND
2.7 V
1.5 V
tpHZ
tpZH
1.5 V
GND
VOH
Outputs
enabled
1.5 V
tpLZ
tpZL
VOH − 0.3 V
Outputs
disabled
Outputs
enabled
Output Enable
(
OE )
Output ( Y)
Low to Off to Low
Output ( Y)
High to Off to High
VOL +
0.3 V
tf 2.5 ns
tr 2.5 ns


유사한 부품 번호 - TC7MZ540FK_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7MZ540FK TOSHIBA-TC7MZ540FK Datasheet
233Kb / 6P
   LOW-VOLTAGE OCTAL BUS BUFFER (INVERTED) WITH 5V TOLERANT INPUTS AND OUTPUTS
More results

유사한 설명 - TC7MZ540FK_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7MZ240FK TOSHIBA-TC7MZ240FK_07 Datasheet
185Kb / 7P
   Low Voltage Octal Bus Buffer (inverted) with 5 V Tolerant Inputs and Outputs
TC74LCX540F TOSHIBA-TC74LCX540F_10 Datasheet
230Kb / 11P
   Low-Voltage Octal Bus Buffer (inverted) with 5-V Tolerant Inputs and Outputs
TC74LCX240F TOSHIBA-TC74LCX240F Datasheet
193Kb / 9P
   Low-Voltage Octal Bus Buffer (inverted) with 5-V Tolerant Inputs and Outputs
TC74LCX540F TOSHIBA-TC74LCX540F_07 Datasheet
246Kb / 10P
   Low-Voltage Octal Bus Buffer (inverted) with 5-V Tolerant Inputs and Outputs
TC74LCX240F TOSHIBA-TC74LCX240F_10 Datasheet
230Kb / 11P
   Low-Voltage Octal Bus Buffer (inverted) with 5-V Tolerant Inputs and Outputs
TC74LCX240F TOSHIBA-TC74LCX240F_07 Datasheet
243Kb / 9P
   Low-Voltage Octal Bus Buffer (inverted) with 5-V Tolerant Inputs and Outputs
TC7MZ240FK TOSHIBA-TC7MZ240FK Datasheet
230Kb / 6P
   LOW-VOLTAGE OCTAL BUS BUFFER (INVERTED) WITH 5V TOLERANT INPUTS AND OUTPUTS
TC7MZ540FK TOSHIBA-TC7MZ540FK Datasheet
233Kb / 6P
   LOW-VOLTAGE OCTAL BUS BUFFER (INVERTED) WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCXZ240FT TOSHIBA-TC74LCXZ240FT Datasheet
238Kb / 9P
   Low Voltage Octal Bus Buffer with 5 V Tolerant Inputs and Outputs
2011-05-24
TC7MZ541FK TOSHIBA-TC7MZ541FK_07 Datasheet
186Kb / 7P
   Low Voltage Octal Bus Buffer with 5 V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com