전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC7MZ541FK 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TC7MZ541FK
상세설명  Low Voltage Octal Bus Buffer with 5 V Tolerant Inputs and Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MZ541FK 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TC7MZ541FK_07 Datasheet HTML 1Page - Toshiba Semiconductor TC7MZ541FK_07 Datasheet HTML 2Page - Toshiba Semiconductor TC7MZ541FK_07 Datasheet HTML 3Page - Toshiba Semiconductor TC7MZ541FK_07 Datasheet HTML 4Page - Toshiba Semiconductor TC7MZ541FK_07 Datasheet HTML 5Page - Toshiba Semiconductor TC7MZ541FK_07 Datasheet HTML 6Page - Toshiba Semiconductor TC7MZ541FK_07 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TC7MZ541FK
2007-10-19
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7MZ541FK
Low Voltage Octal Bus Buffer with 5 V Tolerant Inputs and Outputs
The TC7MZ541FK is a high performance CMOS octal bus
buffer. Designed for use in 3.3 V systems, it achieves high speed
operation while maintaining the CMOS low power dissipation.
The device is designed for low-voltage (3.3 V) VCC applications,
but it could be used to interface to 5 V supply environment for
both inputs and outputs.
The TC7MZ541FK is a non-inverting 3-state buffer having two
active-low output enables. When either OE1 or OE2 are high, the
terminal outputs are in the high-impedance state. This device is
designed to be used with 3-state memory address drivers, etc.
All inputs are equipped with protection circuits against static
discharge.
Features
• Low voltage operation: VCC = 2.0~3.6 V
• High speed operation: tpd = 6.5 ns (max) (VCC = 3.0~3.6 V)
• Output current: |IOH|/IOL = 24 mA (min) (VCC = 3.0 V)
• Latch-up performance: −500 mA
• Package: VSSOP (US20)
• Power down protection is provided on all inputs and outputs.
• Pin and function compatible with the 74 series (74AC/VHC/HC/F/ALS/LS etc.) 541 type.
Weight: 0.03 g (typ.)


유사한 부품 번호 - TC7MZ541FK_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7MZ541FK TOSHIBA-TC7MZ541FK Datasheet
240Kb / 6P
   LOW-VOLTAGE OCTAL BUS BUFFER WITH 5V TOLERANT INPUTS AND OUTPUTS
More results

유사한 설명 - TC7MZ541FK_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74LCXZ240FT TOSHIBA-TC74LCXZ240FT Datasheet
238Kb / 9P
   Low Voltage Octal Bus Buffer with 5 V Tolerant Inputs and Outputs
2011-05-24
TC74LCXZ244FT TOSHIBA-TC74LCXZ244FT Datasheet
228Kb / 9P
   Low Voltage Octal Bus Buffer with 5 V Tolerant Inputs and Outputs
2011-05-24
TC74LCX541F TOSHIBA-TC74LCX541F_07 Datasheet
245Kb / 10P
   Low-Voltage Octal Bus Buffer with 5-V Tolerant Inputs and Outputs
TC74LCX244F TOSHIBA-TC74LCX244F_10 Datasheet
225Kb / 11P
   Low-Voltage Octal Bus Buffer with 5-V Tolerant Inputs and Outputs
TC74LCXZA240FT TOSHIBA-TC74LCXZA240FT Datasheet
233Kb / 9P
   Low Voltage Octal Bus Buffer with 5 V Tolerant Inputs and Outputs
2014-03-01
TC74LCXZA244FT TOSHIBA-TC74LCXZA244FT Datasheet
227Kb / 9P
   Low Voltage Octal Bus Buffer with 5 V Tolerant Inputs and Outputs
2011-05-24
TC74LCX541F TOSHIBA-TC74LCX541F_11 Datasheet
237Kb / 11P
   Low-Voltage Octal Bus Buffer with 5-V Tolerant Inputs and Outputs
TC7MZ244FK TOSHIBA-TC7MZ244FK_07 Datasheet
184Kb / 7P
   Low Voltage Octal Bus Buffer with 5 V Tolerant Inputs and Outputs
TC74LCX244F TOSHIBA-TC74LCX244F_07 Datasheet
242Kb / 9P
   Low-Voltage Octal Bus Buffer with 5-V Tolerant Inputs and Outputs
TC7MZ540FK TOSHIBA-TC7MZ540FK_07 Datasheet
186Kb / 7P
   Low Voltage Octal Bus Buffer (inverted) with 5 V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com