전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC7MZ541FK 데이터시트(PDF) 3 Page - Toshiba Semiconductor

부품명 TC7MZ541FK
상세설명  Low Voltage Octal Bus Buffer with 5 V Tolerant Inputs and Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MZ541FK 데이터시트(HTML) 3 Page - Toshiba Semiconductor

  TC7MZ541FK_07 Datasheet HTML 1Page - Toshiba Semiconductor TC7MZ541FK_07 Datasheet HTML 2Page - Toshiba Semiconductor TC7MZ541FK_07 Datasheet HTML 3Page - Toshiba Semiconductor TC7MZ541FK_07 Datasheet HTML 4Page - Toshiba Semiconductor TC7MZ541FK_07 Datasheet HTML 5Page - Toshiba Semiconductor TC7MZ541FK_07 Datasheet HTML 6Page - Toshiba Semiconductor TC7MZ541FK_07 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TC7MZ541FK
2007-10-19
3
Operating Ranges (Note 1)
Characteristics
Symbol
Rating
Unit
2.0~3.6
Supply voltage
VCC
1.5~3.6 (Note 2)
V
Input voltage
VIN
0~5.5
V
0~5.5
(Note 3)
Output voltage
VOUT
0~VCC (Note 4)
V
±24
(Note 5)
Output current
IOH/IOL
±12
(Note 6)
mA
Operating temperature
Topr
40~85
°C
Input rise and fall time
dt/dv
0~10
(Note 7)
ns/V
Note 1: The operating ranges must be maintained to ensure the normal operation of the device.
Unused inputs must be tied to either VCC or GND.
Note 2: Data retention only
Note 3: Output in off-state
Note 4: High or low state
Note 5: VCC = 3.0~3.6 V
Note 6: VCC = 2.7~3.0 V
Note 7: VIN = 0.8~2.0 V, VCC = 3.0 V
Electrical Characteristics
DC Characteristics (Ta = −40~85°C)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
High level
VIH
2.7~3.6
2.0
Input voltage
Low level
VIL
2.7~3.6
0.8
V
IOH = −100 μA
2.7~3.6
VCC
0.2
IOH = −12 mA
2.7
2.2
IOH = −18 mA
3.0
2.4
High level
VOH
VIN = VIH or VIL
IOH = −24 mA
3.0
2.2
IOL = 100 μA
2.7~3.6
0.2
IOL = 12 mA
2.7
0.4
IOL = 16 mA
3.0
0.4
Output voltage
Low level
VOL
VIN = VIH or VIL
IOL = 24 mA
3.0
0.55
V
Input leakage current
IIN
VIN = 0~5.5 V
2.7~3.6
±5.0
μA
3-state output off-state current
IOZ
VIN = VIH or VIL
VOUT = 0~5.5 V
2.7~3.6
±5.0
μA
Power off leakage current
IOFF
VIN/VOUT = 5.5 V
0
10.0
μA
VIN = VCC or GND
2.7~3.6
10.0
Quiescent supply current
ICC
VIN/VOUT = 3.6~5.5 V
2.7~3.6
±10.0
Increase in ICC per input
ΔICC
VIH = VCC 0.6 V
2.7~3.6
500
μA


유사한 부품 번호 - TC7MZ541FK_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7MZ541FK TOSHIBA-TC7MZ541FK Datasheet
240Kb / 6P
   LOW-VOLTAGE OCTAL BUS BUFFER WITH 5V TOLERANT INPUTS AND OUTPUTS
More results

유사한 설명 - TC7MZ541FK_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74LCXZ240FT TOSHIBA-TC74LCXZ240FT Datasheet
238Kb / 9P
   Low Voltage Octal Bus Buffer with 5 V Tolerant Inputs and Outputs
2011-05-24
TC74LCXZ244FT TOSHIBA-TC74LCXZ244FT Datasheet
228Kb / 9P
   Low Voltage Octal Bus Buffer with 5 V Tolerant Inputs and Outputs
2011-05-24
TC74LCX541F TOSHIBA-TC74LCX541F_07 Datasheet
245Kb / 10P
   Low-Voltage Octal Bus Buffer with 5-V Tolerant Inputs and Outputs
TC74LCX244F TOSHIBA-TC74LCX244F_10 Datasheet
225Kb / 11P
   Low-Voltage Octal Bus Buffer with 5-V Tolerant Inputs and Outputs
TC74LCXZA240FT TOSHIBA-TC74LCXZA240FT Datasheet
233Kb / 9P
   Low Voltage Octal Bus Buffer with 5 V Tolerant Inputs and Outputs
2014-03-01
TC74LCXZA244FT TOSHIBA-TC74LCXZA244FT Datasheet
227Kb / 9P
   Low Voltage Octal Bus Buffer with 5 V Tolerant Inputs and Outputs
2011-05-24
TC74LCX541F TOSHIBA-TC74LCX541F_11 Datasheet
237Kb / 11P
   Low-Voltage Octal Bus Buffer with 5-V Tolerant Inputs and Outputs
TC7MZ244FK TOSHIBA-TC7MZ244FK_07 Datasheet
184Kb / 7P
   Low Voltage Octal Bus Buffer with 5 V Tolerant Inputs and Outputs
TC74LCX244F TOSHIBA-TC74LCX244F_07 Datasheet
242Kb / 9P
   Low-Voltage Octal Bus Buffer with 5-V Tolerant Inputs and Outputs
TC7MZ540FK TOSHIBA-TC7MZ540FK_07 Datasheet
186Kb / 7P
   Low Voltage Octal Bus Buffer (inverted) with 5 V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com