전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC7PB54FC 데이터시트(PDF) 5 Page - Toshiba Semiconductor

부품명 TC7PB54FC
상세설명  Single 1-of-3 Demultiplexer with N-channel pull-down MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7PB54FC 데이터시트(HTML) 5 Page - Toshiba Semiconductor

  TC7PB54FC Datasheet HTML 1Page - Toshiba Semiconductor TC7PB54FC Datasheet HTML 2Page - Toshiba Semiconductor TC7PB54FC Datasheet HTML 3Page - Toshiba Semiconductor TC7PB54FC Datasheet HTML 4Page - Toshiba Semiconductor TC7PB54FC Datasheet HTML 5Page - Toshiba Semiconductor TC7PB54FC Datasheet HTML 6Page - Toshiba Semiconductor TC7PB54FC Datasheet HTML 7Page - Toshiba Semiconductor TC7PB54FC Datasheet HTML 8Page - Toshiba Semiconductor TC7PB54FC Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TC7PB54FC/FK
2007-10-19
5
0
3
6
9
12
15
18
21
24
27
30
00.5
11.522.5
33.5
Vis(V)
Ta=25℃
Vcc = 2.7V
Iis = 3mA
Ta=85℃
Ta=-40℃
RON − VIN Characteristic Curves VCC = 2.7 V, Iis = 3 mA, Ta = −40/25/85°C
Meanings of Symbols
Symbol
Description
IIN
Leakage current when voltage is applied to the A pin
IIZ
Leakage current when voltage of 0 to VCC is applied between the COM and Ch pins
IIK
Leakage current when voltage of VCC to VCC + 0.3 V is applied between the COM and Ch pins
RON
Resistance between the COM and Ch pins
VIS
Reference voltage for measuring Ron
IIS
Reference current for measuring Ron
R
Resistance of the N-channel MOS used to fixed the logical state
IL
Reference current drawn from the N-channel MOS used to fixed the logical state


유사한 부품 번호 - TC7PB54FC

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7PB53TU TOSHIBA-TC7PB53TU Datasheet
170Kb / 7P
   Single 1-of-2 Demultiplexer with N-channel pull-down MOSFET
More results

유사한 설명 - TC7PB54FC

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7PB53TU TOSHIBA-TC7PB53TU Datasheet
170Kb / 7P
   Single 1-of-2 Demultiplexer with N-channel pull-down MOSFET
logo
Texas Instruments
SN74LVC1G18 TI-SN74LVC1G18_07 Datasheet
497Kb / 13P
[Old version datasheet]   1-OF-2 NONINVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
SN74LVC1G18 TI1-SN74LVC1G18_15 Datasheet
1Mb / 23P
[Old version datasheet]   1-OF-2 NONINVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
SN74LVC1G18 TI-SN74LVC1G18 Datasheet
332Kb / 13P
[Old version datasheet]   1-OF-2 NONINVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
74CBT16214DGGRE4 TI-74CBT16214DGGRE4 Datasheet
298Kb / 10P
[Old version datasheet]   12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBT16214 TI-SN74CBT16214 Datasheet
78Kb / 5P
[Old version datasheet]   12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBT16214 TI-SN74CBT16214_08 Datasheet
313Kb / 10P
[Old version datasheet]   12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBT16214 TI-SN74CBT16214_07 Datasheet
283Kb / 10P
[Old version datasheet]   12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74LVC1G18 UTC-U74LVC1G18 Datasheet
230Kb / 7P
   1-OF-2 NON-INVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
logo
NXP Semiconductors
74LVC1G18 PHILIPS-74LVC1G18 Datasheet
77Kb / 14P
   1-of-2 non-inverting demultiplexer with 3-state deselected output
2003 Jul 25
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com