전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC7SA32F 데이터시트(PDF) 4 Page - Toshiba Semiconductor

부품명 TC7SA32F
상세설명  2-Input OR Gate
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SA32F 데이터시트(HTML) 4 Page - Toshiba Semiconductor

  TC7SA32F Datasheet HTML 1Page - Toshiba Semiconductor TC7SA32F Datasheet HTML 2Page - Toshiba Semiconductor TC7SA32F Datasheet HTML 3Page - Toshiba Semiconductor TC7SA32F Datasheet HTML 4Page - Toshiba Semiconductor TC7SA32F Datasheet HTML 5Page - Toshiba Semiconductor TC7SA32F Datasheet HTML 6Page - Toshiba Semiconductor TC7SA32F Datasheet HTML 7Page - Toshiba Semiconductor TC7SA32F Datasheet HTML 8Page - Toshiba Semiconductor TC7SA32F Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TC7SA32F/FU
2007-11-01
4
DC Characteristics (Ta = −40~85°C, 1.8 V <= VCC < 2.3 V)
AC Characteristics (Ta = −40~85°C, input: tr = tf = 2.0 ns, CL = 30 pF, RL = 500 Ω)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
1.8
1.5
7.4
2.5
± 0.2
1.0
3.7
Propagation delay time
tpLH
tpHL
Figure 1, Figure 2
3.3
± 0.3
0.8
2.8
ns
For CL = 50 pF, add approximately 300 ps to the AC maximum specification.
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
High level
VIH
1.8~2.3
0.7
×
VCC
Input voltage
Low level
VIL
1.8~2.3
0.2
×
VCC
V
IOH = −100 μA
1.8
VCC
− 0.2
High level
VOH
VIN = VIH or VIL
IOH = −6 mA
1.8
1.4
IOL = 100 μA
1.8
0.2
Output voltage
Low level
VOL
VIN = VIL
IOL = 6 mA
1.8
0.3
V
Input leakage current
IIN
VIN = 0~3.6 V
1.8
±5.0
μA
Power off leakage current
IOFF
VIN, VOUT = 0~3.6 V
0
10.0
μA
VIN = VCC or GND
1.8
20.0
Quiescent supply current
ICC
VCC <= (VIN, VOUT) <= 3.6 V
1.8
±20.0
μA


유사한 부품 번호 - TC7SA32F

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7SA34F TOSHIBA-TC7SA34F Datasheet
168Kb / 9P
   Non-Inverter with 3.6 V Tolerant Input and Output
TC7SA34F TOSHIBA-TC7SA34F Datasheet
208Kb / 8P
   Non-Inverter
TC7SA34FU TOSHIBA-TC7SA34FU Datasheet
168Kb / 9P
   Non-Inverter with 3.6 V Tolerant Input and Output
TC7SA34FU TOSHIBA-TC7SA34FU Datasheet
208Kb / 8P
   Non-Inverter
TC7SA34F TOSHIBA-TC7SA34F_07 Datasheet
208Kb / 8P
   Non-Inverter
More results

유사한 설명 - TC7SA32F

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7SET32F TOSHIBA-TC7SET32F Datasheet
166Kb / 5P
   2-INPUT OR GATE
TC7SL32F TOSHIBA-TC7SL32F Datasheet
211Kb / 5P
   2-INPUT OR GATE
logo
NXP Semiconductors
74AHC1G32 PHILIPS-74AHC1G32 Datasheet
80Kb / 12P
   2-input OR gate
1999 Jan 27
74AHC1G32 NXP-74AHC1G32 Datasheet
79Kb / 12P
   2-input OR gate
Rev. 07-14 May 2009
logo
Toshiba Semiconductor
TC7SL32F TOSHIBA-TC7SL32F_01 Datasheet
227Kb / 6P
   2-INPUT OR GATE
TC7SZ32AFE TOSHIBA-TC7SZ32AFE_07 Datasheet
154Kb / 5P
   2 Input OR Gate
TC7S32F TOSHIBA-TC7S32F_01 Datasheet
229Kb / 6P
   2-INPUT OR GATE
logo
Renesas Technology Corp
HD74ALVC1G32 RENESAS-HD74ALVC1G32_15 Datasheet
98Kb / 10P
   2-input OR Gate
logo
Unisonic Technologies
U7SH32 UTC-U7SH32_15 Datasheet
138Kb / 4P
   2-INPUT OR GATE
logo
Renesas Technology Corp
HD74ALVC1G32 RENESAS-HD74ALVC1G32 Datasheet
76Kb / 8P
   2-input OR Gate
logo
Toshiba Semiconductor
TC7SH32F TOSHIBA-TC7SH32F_09 Datasheet
173Kb / 7P
   2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com