전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC74LCX273F 데이터시트(PDF) 7 Page - Toshiba Semiconductor

부품명 TC74LCX273F
상세설명  Low-Voltage Octal D-Type Flip-Flop with Clear with 5-V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX273F 데이터시트(HTML) 7 Page - Toshiba Semiconductor

Back Button TC74LCX273F_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74LCX273F_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX273F_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX273F_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX273F_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX273F_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX273F_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX273F_07 Datasheet HTML 9Page - Toshiba Semiconductor TC74LCX273F_07 Datasheet HTML 10Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
TC74LCX273F/FT/FK
2007-10-19
7
Package Dimensions
Weight: 0.22 g (typ.)


유사한 부품 번호 - TC74LCX273F_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74LCX273FK TOSHIBA-TC74LCX273FK_10 Datasheet
234Kb / 11P
   Low-Voltage Octal D-Type Flip-Flop with Clear with 5-V Tolerant Inputs and Outputs
TC74LCX273FT TOSHIBA-TC74LCX273FT Datasheet
183Kb / 10P
   Low-Voltage Octal D-Type Flip-Flop with Clear with 5-V Tolerant Inputs and Outputs
TC74LCX273FT TOSHIBA-TC74LCX273FT_10 Datasheet
234Kb / 11P
   Low-Voltage Octal D-Type Flip-Flop with Clear with 5-V Tolerant Inputs and Outputs
TC74LCX273FW TOSHIBA-TC74LCX273FW Datasheet
183Kb / 10P
   Low-Voltage Octal D-Type Flip-Flop with Clear with 5-V Tolerant Inputs and Outputs
TC74LCX273F TOSHIBA-TC74LCX273F_10 Datasheet
234Kb / 11P
   Low-Voltage Octal D-Type Flip-Flop with Clear with 5-V Tolerant Inputs and Outputs
More results

유사한 설명 - TC74LCX273F_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7MZ273FK TOSHIBA-TC7MZ273FK_07 Datasheet
190Kb / 8P
   Low-Voltage Octal D-Type Flip-Flop with Clear with 5-V Tolerant Inputs and Outputs
TC74LCX273FT TOSHIBA-TC74LCX273FT Datasheet
183Kb / 10P
   Low-Voltage Octal D-Type Flip-Flop with Clear with 5-V Tolerant Inputs and Outputs
TC7MZ273FK TOSHIBA-TC7MZ273FK Datasheet
109Kb / 8P
   Low-Voltage Octal D-Type Flip-Flop with Clear with 5-V Tolerant Inputs and Outputs
TC74LCX273F TOSHIBA-TC74LCX273F_10 Datasheet
234Kb / 11P
   Low-Voltage Octal D-Type Flip-Flop with Clear with 5-V Tolerant Inputs and Outputs
TC7MZ574FK TOSHIBA-TC7MZ574FK_07 Datasheet
191Kb / 8P
   Low Voltage Octal D-Type Flip-Flop with 5 V Tolerant Inputs and Outputs
TC74LCX574F TOSHIBA-TC74LCX574F_10 Datasheet
234Kb / 11P
   Low-Voltage Octal D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
TC74LCX574F TOSHIBA-TC74LCX574F_07 Datasheet
249Kb / 10P
   Low-Voltage Octal D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
TC7MZ374FK TOSHIBA-TC7MZ374FK_07 Datasheet
191Kb / 8P
   Low Voltage Octal D-Type Flip-Flop with 5 V Tolerant Inputs and Outputs
TC74LCX374F TOSHIBA-TC74LCX374F_07 Datasheet
250Kb / 10P
   Low-Voltage Octal D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
TC7MA374FK TOSHIBA-TC7MA374FK_07 Datasheet
234Kb / 12P
   Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com