전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC74LVXC3245FS 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TC74LVXC3245FS
상세설명  Dual Supply Octal Configurable Voltage Interface Bus Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LVXC3245FS 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TC74LVXC3245FS Datasheet HTML 1Page - Toshiba Semiconductor TC74LVXC3245FS Datasheet HTML 2Page - Toshiba Semiconductor TC74LVXC3245FS Datasheet HTML 3Page - Toshiba Semiconductor TC74LVXC3245FS Datasheet HTML 4Page - Toshiba Semiconductor TC74LVXC3245FS Datasheet HTML 5Page - Toshiba Semiconductor TC74LVXC3245FS Datasheet HTML 6Page - Toshiba Semiconductor TC74LVXC3245FS Datasheet HTML 7Page - Toshiba Semiconductor TC74LVXC3245FS Datasheet HTML 8Page - Toshiba Semiconductor TC74LVXC3245FS Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TC74LVXC3245FS
2007-10-17
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LVXC3245FS
Dual Supply Octal Configurable Voltage Interface Bus Transceiver
The TC74LVXC3245FS is a dual supply, advanced high-speed
CMOS octal configurable voltage interface bus transceiver
fabricated with silicon gate CMOS technology.
Designed for use as an interface between a 3.3 V bus and a 3.3V
to 5 V bus in mixed 3.3 V/5 V supply systems’ it achieves
high-speed operation while maintaining the CMOS low power
dissipation.
It is intended for 2 way asynchronous communication between
data busses.
The direction of data transmission is determined by the level of the
DIR input. The enable input ( G ) can be used to disable the device
so that the buses are effectively isolated. The A-port interfaces with
the 3.3-V bus, the B-port with the 3.3V to 5V bus. This device will
allow the VCCB voltage source pin and I/O pins on the B port to float when G is “H”.
All inputs are equipped with protection circuits against static discharge or transient excess voltage.
Features
• Bi-directional interface between 3 V and 5 V buses
• High-speed: tpd = 8.5 ns (max)
(VCCA = 3.3 V, VCCB = 5.0 V)
• Low power dissipation: ICC = 8 μA (max) (Ta = 25°C)
• Symmetrical output impedance:
IOUTA = ±24 mA (min)
IOUTB = ±24 mA (min)
(VCCA = VCCB = 3.0 V)
• Low noise: VOLP = 1.5 V (max)
• Flexible VCCB operating range
• Allows B port and VCCB to float simultaneously when G is “H”
• Package: SSOP (shrink small outline package)
Note: Do not apply a signal to any bus pins when it is in the output mode. Damage may result.
All floating (high impedance) bus pin must have their input levels fixed by means of pull-up or pull-down
resistors.
Weight: 0.14 g (typ.)


유사한 부품 번호 - TC74LVXC3245FS

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74LVXC3245FS TOSHIBA-TC74LVXC3245FS Datasheet
312Kb / 9P
   OCTAL DUAL SUPLY CONFIGURABLE VOLTAGE INTERFACE BUS TRANSCEIVER
More results

유사한 설명 - TC74LVXC3245FS

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74LVXC3245FS TOSHIBA-TC74LVXC3245FS Datasheet
312Kb / 9P
   OCTAL DUAL SUPLY CONFIGURABLE VOLTAGE INTERFACE BUS TRANSCEIVER
logo
ON Semiconductor
MC74LVXC3245DWRG ONSEMI-MC74LVXC3245DWRG Datasheet
137Kb / 9P
   Configurable Dual Supply Octal Transceiver
May, 2011 ??Rev. 6
MC74LVXC3245DTRG ONSEMI-MC74LVXC3245DTRG Datasheet
137Kb / 9P
   Configurable Dual Supply Octal Transceiver
May, 2011 ??Rev. 6
MC74LVXC3245 ONSEMI-MC74LVXC3245 Datasheet
88Kb / 10P
   Configurable Dual Supply Octal Transceiver
March, 2005 ??Rev. 4
MC74LVXC3245DTG ONSEMI-MC74LVXC3245DTG Datasheet
137Kb / 9P
   Configurable Dual Supply Octal Transceiver
May, 2011 ??Rev. 6
MC74LVXC3245 ONSEMI-MC74LVXC3245_14 Datasheet
102Kb / 9P
   Configurable Dual Supply Octal Transceiver
September, 2014 ??Rev. 7
74LVXC3245 ONSEMI-74LVXC3245 Datasheet
511Kb / 11P
   8-Bit Dual Supply Configurable Voltage Interface Transceiver
February 2009
logo
STMicroelectronics
74LVX3245 STMICROELECTRONICS-74LVX3245 Datasheet
185Kb / 10P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
July 2001
logo
Toshiba Semiconductor
TC74LVX4245FS TOSHIBA-TC74LVX4245FS Datasheet
286Kb / 9P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
logo
STMicroelectronics
74LVXC4245 STMICROELECTRONICS-74LVXC4245 Datasheet
178Kb / 11P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com