전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC74VCX574FT 데이터시트(PDF) 2 Page - Toshiba Semiconductor

부품명 TC74VCX574FT
상세설명  Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCX574FT 데이터시트(HTML) 2 Page - Toshiba Semiconductor

  TC74VCX574FT_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74VCX574FT_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74VCX574FT_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74VCX574FT_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74VCX574FT_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74VCX574FT_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74VCX574FT_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74VCX574FT_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74VCX574FT_07 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TC74VCX574FT/FK
2007-10-19
2
Pin Assignment (top view)
IEC Logic Level
Truth Table
Inputs
OE
CK
D
Outputs
H
X
X
Z
L
X
Qn
L
L
L
L
H
H
X: Don’t care
Z: High impedance
Qn: No change
System Diagram
VCC
20
Q0
Q1
Q2
Q3
Q4
19
18
17
16
15
14
OE
1
2
3
4
5
6
7
D0
D1
D2
D3
D4
D5
Q5
8
9
10
D6
D7
GND
13
12
11
Q6
Q7
CK
(1)
(11)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
(9)
(19)
(18)
(17)
(16)
(15)
(14)
(13)
(12)
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
EN
1D
C1
OE
CK
D0
D1
D2
D3
D4
D5
D6
D7
CK
OE
Q1
1
11
2
19
Q2
3
18
Q3
4
17
Q4
5
16
Q5
6
15
Q6
7
14
Q7
8
13
CK
Q
D
CK
Q
D
CK
Q
D
CK
Q
D
CK
Q
D
CK
Q
D
CK
Q
D
D1
D2
D3
D4
D5
D6
D7
9
12
CK
Q
D
Q0
D0


유사한 부품 번호 - TC74VCX574FT_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74VCX574FT TOSHIBA-TC74VCX574FT Datasheet
336Kb / 9P
   LOW VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results

유사한 설명 - TC74VCX574FT_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7MA374FK TOSHIBA-TC7MA374FK_07 Datasheet
234Kb / 12P
   Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
TC7MA2574FK TOSHIBA-TC7MA2574FK Datasheet
218Kb / 11P
   Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
TC74VCX374FT TOSHIBA-TC74VCX374FT_07 Datasheet
271Kb / 13P
   Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
TC7MA574FK TOSHIBA-TC7MA574FK_07 Datasheet
234Kb / 12P
   Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
TC74VCX374FT TOSHIBA-TC74VCX374FT_V01 Datasheet
273Kb / 15P
   Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
2010-09-17
TC74VCX2374FT TOSHIBA-TC74VCX2374FT_07 Datasheet
253Kb / 11P
   Low-Voltage Octal D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
TC74VCX2574FT TOSHIBA-TC74VCX2574FT_07 Datasheet
253Kb / 11P
   Low-Voltage Octal D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
TC7MA2374FK TOSHIBA-TC7MA2374FK_07 Datasheet
228Kb / 11P
   Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
TC74VCX74FT TOSHIBA-TC74VCX74FT_07 Datasheet
262Kb / 11P
   Low-Voltage Dual D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
TC74VCX16721FT TOSHIBA-TC74VCX16721FT Datasheet
217Kb / 12P
   Low-Voltage 20-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com