전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC74VCX2125FT 데이터시트(PDF) 4 Page - Toshiba Semiconductor

부품명 TC74VCX2125FT
상세설명  Low Voltage Quad Bus Buffer with 3.6-V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCX2125FT 데이터시트(HTML) 4 Page - Toshiba Semiconductor

  TC74VCX2125FT Datasheet HTML 1Page - Toshiba Semiconductor TC74VCX2125FT Datasheet HTML 2Page - Toshiba Semiconductor TC74VCX2125FT Datasheet HTML 3Page - Toshiba Semiconductor TC74VCX2125FT Datasheet HTML 4Page - Toshiba Semiconductor TC74VCX2125FT Datasheet HTML 5Page - Toshiba Semiconductor TC74VCX2125FT Datasheet HTML 6Page - Toshiba Semiconductor TC74VCX2125FT Datasheet HTML 7Page - Toshiba Semiconductor TC74VCX2125FT Datasheet HTML 8Page - Toshiba Semiconductor TC74VCX2125FT Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TC74VCX2125FT/FK
2007-10-19
4
Electrical Characteristics
DC Characteristics (Ta = −40 to 85°C, 2.7 V < VCC <= 3.6 V)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
H-level
VIH
2.7 to 3.6
2.0
Input voltage
L-level
VIL
2.7 to 3.6
0.8
V
IOH = −100 μA
2.7 to 3.6
VCC
0.2
IOH = −6 mA
2.7
2.2
IOH = −8 mA
3.0
2.4
H-level
VOH
VIN = VIH or VIL
IOH = −12 mA
3.0
2.2
IOL = 100 μA
2.7 to 3.6
0.2
IOL = 6 mA
2.7
0.4
IOL = 8 mA
3.0
0.55
Output voltage
L-level
VOL
VIN = VIH or VIL
IOL = 12 mA
3.0
0.8
V
Input leakage current
IIN
VIN = 0 to 3.6 V
2.7 to 3.6
±5.0
μA
3-state output OFF state current
IOZ
VIN = VIH or VIL
VOUT = 0 to 3.6 V
2.7 to 3.6
±10.0
μA
Power-off leakage current
IOFF
VIN, VOUT = 0 to 3.6 V
0
10.0
μA
VIN = VCC or GND
2.7 to 3.6
20.0
Quiescent supply current
ICC
VCC <= (VIN, VOUT) <= 3.6 V
2.7 to 3.6
±20.0
Increase in ICC per input
ΔICC
VIH = VCC 0.6 V
2.7 to 3.6
750
μA
DC Characteristics (Ta = −40 to 85°C, 2.3 V <= VCC <= 2.7 V)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
H-level
VIH
2.3 to 2.7
1.6
Input voltage
L-level
VIL
2.3 to 2.7
0.7
V
IOH = −100 μA
2.3 to 2.7
VCC
0.2
IOH = −4 mA
2.3
2.0
IOH = −6 mA
2.3
1.8
H-level
VOH
VIN = VIH or VIL
IOH = −8 mA
2.3
1.7
IOL = 100 μA
2.3 to 2.7
0.2
IOL = 6 mA
2.3
0.4
Output voltage
L-level
VOL
VIN = VIH or VIL
IOL = 8 mA
2.3
0.6
V
Input leakage current
IIN
VIN = 0 to 3.6 V
2.3 to 2.7
±5.0
μA
3-state output OFF state current
IOZ
VIN = VIH or VIL
VOUT = 0 to 3.6 V
2.3 to 2.7
±10.0
μA
Power-off leakage current
IOFF
VIN, VOUT = 0 to 3.6 V
0
10.0
μA
VIN = VCC or GND
2.3 to 2.7
20.0
Quiescent supply current
ICC
VCC <= (VIN, VOUT) <= 3.6 V
2.3 to 2.7
±20.0
μA


유사한 부품 번호 - TC74VCX2125FT

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74VCX2244FK TOSHIBA-TC74VCX2244FK Datasheet
244Kb / 10P
   Low-Voltage Octal Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC74VCX2244FT TOSHIBA-TC74VCX2244FT Datasheet
319Kb / 8P
   LOW VOLTAGE OCTAL BUS BUFFER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCX2244FT TOSHIBA-TC74VCX2244FT Datasheet
244Kb / 10P
   Low-Voltage Octal Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC74VCX2244FT TOSHIBA-TC74VCX2244FT_07 Datasheet
244Kb / 10P
   Low-Voltage Octal Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC74VCX2373FK TOSHIBA-TC74VCX2373FK Datasheet
253Kb / 11P
   Low-Voltage Octal D-Type Latch with 3.6-V Tolerant Inputs and Outputs
More results

유사한 설명 - TC74VCX2125FT

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74VCX125FT TOSHIBA-TC74VCX125FT_07 Datasheet
262Kb / 12P
   Low-Voltage Quad Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC7MA2244FK TOSHIBA-TC7MA2244FK_07 Datasheet
220Kb / 9P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC74VCX541FT TOSHIBA-TC74VCX541FT_07 Datasheet
286Kb / 13P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC74VCX2244FT TOSHIBA-TC74VCX2244FT_07 Datasheet
244Kb / 10P
   Low-Voltage Octal Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC7MA244FK TOSHIBA-TC7MA244FK_07 Datasheet
226Kb / 11P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC7MA541FK TOSHIBA-TC7MA541FK_07 Datasheet
225Kb / 10P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC74VCX244FT TOSHIBA-TC74VCX244FT_07 Datasheet
263Kb / 12P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC74VCX2541FT TOSHIBA-TC74VCX2541FT_07 Datasheet
272Kb / 12P
   Low-Voltage Octal Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC74VCX16244FT TOSHIBA-TC74VCX16244FT_07 Datasheet
205Kb / 10P
   Low-Voltage 16-Bit Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC74VCX16827FT TOSHIBA-TC74VCX16827FT_07 Datasheet
209Kb / 11P
   Low-Voltage 20-Bit Bus Buffer with 3.6-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com