전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC74VCX2125FT 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TC74VCX2125FT
상세설명  Low Voltage Quad Bus Buffer with 3.6-V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCX2125FT 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TC74VCX2125FT Datasheet HTML 1Page - Toshiba Semiconductor TC74VCX2125FT Datasheet HTML 2Page - Toshiba Semiconductor TC74VCX2125FT Datasheet HTML 3Page - Toshiba Semiconductor TC74VCX2125FT Datasheet HTML 4Page - Toshiba Semiconductor TC74VCX2125FT Datasheet HTML 5Page - Toshiba Semiconductor TC74VCX2125FT Datasheet HTML 6Page - Toshiba Semiconductor TC74VCX2125FT Datasheet HTML 7Page - Toshiba Semiconductor TC74VCX2125FT Datasheet HTML 8Page - Toshiba Semiconductor TC74VCX2125FT Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TC74VCX2125FT/FK
2007-10-19
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74VCX2125FT,TC74VCX2125FK
Low Voltage Quad Bus Buffer with 3.6-V Tolerant Inputs and Outputs
The TC74VCX2125FT/FK is a high-performance CMOS quad
bus buffer. Designed for use in 1.8-V, 2.5-V or 3.3-V systems, it
achieves high-speed operation while maintaining the CMOS low
power dissipation.
It is also designed with overvoltage tolerant inputs and outputs
up to 3.6 V.
This device requires the 3-state control input OE to be set
high to place the output into the high-impedance state.
The 26-Ω-series resistor helps reducing output overshoot and
undershoot without external resistor.
All inputs are equipped with protection circuits against static
discharge.
Features
• 26-Ω-series resistos on outputs.
• Low-voltage operation: VCC = 1.8 to 3.6 V
• High-speed operation: tpd = 3.7 ns (max) (VCC = 3.0 to 3.6 V)
: tpd = 4.8 ns (max) (VCC = 2.3 to 2.7 V)
: tpd = 9.6 ns (max) (VCC = 1.8 V)
• Output current: IOH/IOL = ±12 mA (min) (VCC = 3.0 V)
: IOH/IOL = ±8 mA (min) (VCC = 2.3 V)
: IOH/IOL = ±4 mA (min) (VCC = 1.8 V)
• Latch-up performance: −300 mA
• ESD performance: Machine model ≥ ±200 V
Human body model
≥ ±2000 V
• Package: TSSOP and VSSOP (US)
• 3.6-V tolerant function and power-down protection provided on all inputs and outputs
TC74VCX2125FT
TC74VCX2125FK
Weight
TSSOP14-P-0044-0.65A
: 0.06 g (typ.)
VSSOP14-P-0030-0.50
: 0.02 g (typ.)


유사한 부품 번호 - TC74VCX2125FT

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74VCX2244FK TOSHIBA-TC74VCX2244FK Datasheet
244Kb / 10P
   Low-Voltage Octal Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC74VCX2244FT TOSHIBA-TC74VCX2244FT Datasheet
319Kb / 8P
   LOW VOLTAGE OCTAL BUS BUFFER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCX2244FT TOSHIBA-TC74VCX2244FT Datasheet
244Kb / 10P
   Low-Voltage Octal Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC74VCX2244FT TOSHIBA-TC74VCX2244FT_07 Datasheet
244Kb / 10P
   Low-Voltage Octal Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC74VCX2373FK TOSHIBA-TC74VCX2373FK Datasheet
253Kb / 11P
   Low-Voltage Octal D-Type Latch with 3.6-V Tolerant Inputs and Outputs
More results

유사한 설명 - TC74VCX2125FT

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74VCX125FT TOSHIBA-TC74VCX125FT_07 Datasheet
262Kb / 12P
   Low-Voltage Quad Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC7MA2244FK TOSHIBA-TC7MA2244FK_07 Datasheet
220Kb / 9P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC74VCX541FT TOSHIBA-TC74VCX541FT_07 Datasheet
286Kb / 13P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC74VCX2244FT TOSHIBA-TC74VCX2244FT_07 Datasheet
244Kb / 10P
   Low-Voltage Octal Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC7MA244FK TOSHIBA-TC7MA244FK_07 Datasheet
226Kb / 11P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC7MA541FK TOSHIBA-TC7MA541FK_07 Datasheet
225Kb / 10P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC74VCX244FT TOSHIBA-TC74VCX244FT_07 Datasheet
263Kb / 12P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC74VCX2541FT TOSHIBA-TC74VCX2541FT_07 Datasheet
272Kb / 12P
   Low-Voltage Octal Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC74VCX16244FT TOSHIBA-TC74VCX16244FT_07 Datasheet
205Kb / 10P
   Low-Voltage 16-Bit Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC74VCX16827FT TOSHIBA-TC74VCX16827FT_07 Datasheet
209Kb / 11P
   Low-Voltage 20-Bit Bus Buffer with 3.6-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com