전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC74VCX16244FT 데이터시트(PDF) 3 Page - Toshiba Semiconductor

부품명 TC74VCX16244FT
상세설명  Low-Voltage 16-Bit Bus Buffer with 3.6-V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCX16244FT 데이터시트(HTML) 3 Page - Toshiba Semiconductor

  TC74VCX16244FT_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74VCX16244FT_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74VCX16244FT_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74VCX16244FT_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74VCX16244FT_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74VCX16244FT_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74VCX16244FT_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74VCX16244FT_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74VCX16244FT_07 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TC74VCX16244FT
2007-10-19
3
Truth Table
System Diagram
Inputs
Outputs
OE
1
1A1-1A4
1Y1-1Y4
L
L
L
L
H
H
H
X
Z
Inputs
Outputs
OE
2
2A1-2A4
2Y1-2Y4
L
L
L
L
H
H
H
X
Z
Inputs
Outputs
OE
3
3A1-3A4
3Y1-3Y4
L
L
L
L
H
H
H
X
Z
Inputs
Outputs
OE
4
4A1-4A4
4Y1-4Y4
L
L
L
L
H
H
H
X
Z
X: Don’t care
Z: High impedance
OE
1
2A1-2A4
3A1-3A4
4A1-4A4
1/4
OE
2
OE
3
OE
4
1A1-1A4
1Y1-1Y4
2Y1-2Y4
3Y1-3Y4
4Y1-4Y4


유사한 부품 번호 - TC74VCX16244FT_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74VCX16244FT TOSHIBA-TC74VCX16244FT Datasheet
333Kb / 9P
   LOW VOLTAGE 16-BIT BUS BUFFER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results

유사한 설명 - TC74VCX16244FT_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74VCX162244FT TOSHIBA-TC74VCX162244FT_07 Datasheet
211Kb / 10P
   Low-Voltage 16-Bit Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC74VCX16827FT TOSHIBA-TC74VCX16827FT_07 Datasheet
209Kb / 11P
   Low-Voltage 20-Bit Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC74VCX162827FT TOSHIBA-TC74VCX162827FT_07 Datasheet
216Kb / 11P
   Low-Voltage 20-Bit Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC74VCXR162245FT TOSHIBA-TC74VCXR162245FT_07 Datasheet
214Kb / 10P
   Low-Voltage 16-Bit Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16245FT TOSHIBA-TC74VCX16245FT_07 Datasheet
194Kb / 10P
   Low-Voltage 16-Bit Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC7MA2244FK TOSHIBA-TC7MA2244FK_07 Datasheet
220Kb / 9P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC74VCX541FT TOSHIBA-TC74VCX541FT_07 Datasheet
286Kb / 13P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC74VCX2244FT TOSHIBA-TC74VCX2244FT_07 Datasheet
244Kb / 10P
   Low-Voltage Octal Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC7MA244FK TOSHIBA-TC7MA244FK_07 Datasheet
226Kb / 11P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC7MA541FK TOSHIBA-TC7MA541FK_07 Datasheet
225Kb / 10P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com