전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD1882 데이터시트(PDF) 1 Page - Analog Devices

부품명 AD1882
상세설명  High Definition Audio SoundMAX Codec
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD1882 데이터시트(HTML) 1 Page - Analog Devices

  AD1882 Datasheet HTML 1Page - Analog Devices AD1882 Datasheet HTML 2Page - Analog Devices AD1882 Datasheet HTML 3Page - Analog Devices AD1882 Datasheet HTML 4Page - Analog Devices AD1882 Datasheet HTML 5Page - Analog Devices AD1882 Datasheet HTML 6Page - Analog Devices AD1882 Datasheet HTML 7Page - Analog Devices AD1882 Datasheet HTML 8Page - Analog Devices AD1882 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
High Definition Audio
SoundMAX Codec
AD1882
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O.Box 9106, Norwood, MA 02062-9106 U.S.A.
Tel:781.329.4700
www.analog.com
Fax:781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
Six 96 kHz DACs
Three independent stereo DAC pairs
Independent 8, 11.025, 16, 22.05, 32, 44.1,
48, 88.2, and 96 kHz sample rates
16-, 20-, and 24-bit PCM resolution
Selectable stereo mixer on outputs
Four 96 kHz ADCs
Two independent stereo ADC pairs
Simultaneous record of up to four channels
Independent 8, 11.025, 16, 22.05, 32, 44.1,
48, 88.2, and 96 kHz sample rates
16-, 20-, and 24-bit resolution
S/PDIF OUTPUT
Supports 44.1, 48, 88.2, and 96 kHz sample rates
16-, 20-, and 24-bit data widths; PCM and AC3 formats
Digital PCM gain control
DEDICATED AUXILIARY PINS
Stereo CD input w/GND sense
Mono out pin for internal speakers or telephony
Analog PCBeep input pin
ENHANCED FEATURES
Two stereo headphone amplifiers
Microsoft Vista Premium logo for notebook and desktop
95 dB audio outputs, 90 dB audio inputs
Internal 32-bit arithmetic for greater accuracy
Impedance and presence detection on all jack pins
Digital synthesis PCBeep
C/LFE channel swapping
Two general-purpose digital I/O (GPIO) pins
Advanced power management modes
EAPD control for internal speakers
48-lead, Pb-free LFCSP_VQ package
Figure 1. AD1882 Block Diagram
ADC0
ADC1
DAC2
PORT D
PORT F
PORT G
MONO OUT
AD1882
H
D
A
U
D
I
O
I
N
T
E
R
F
A
C
E
PORT A
PORT C
DAC0
HP
HP
DAC1
PCBEEP
CD IN
PORT E
PORT B
DIGITAL
BEEP


유사한 부품 번호 - AD1882

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD1882A AD-AD1882A Datasheet
353Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882AJCPZ AD-AD1882AJCPZ Datasheet
353Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882AJCPZ-RL AD-AD1882AJCPZ-RL Datasheet
353Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882 AD-AD1882_15 Datasheet
799Kb / 16P
   High Definition Audio SoundMAX Codec
REV. A
More results

유사한 설명 - AD1882

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD1884A AD-AD1884A Datasheet
315Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1987 AD-AD1987_15 Datasheet
838Kb / 20P
   High Definition Audio SoundMAX Codec
REV. A
AD1984 AD-AD1984 Datasheet
1Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1989B AD-AD1989B Datasheet
412Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984 AD-AD1984_15 Datasheet
1Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1988B AD-AD1988B_15 Datasheet
2Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1884 AD-AD1884 Datasheet
1Mb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984A AD-AD1984A Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1883 AD-AD1883 Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882 AD-AD1882_15 Datasheet
799Kb / 16P
   High Definition Audio SoundMAX Codec
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com