전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC74VCX16843FT 데이터시트(PDF) 3 Page - Toshiba Semiconductor

부품명 TC74VCX16843FT
상세설명  Low-Voltage 18-Bit D-Type Latch with 3.6-V Tolerant Inputs and Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCX16843FT 데이터시트(HTML) 3 Page - Toshiba Semiconductor

  TC74VCX16843FT Datasheet HTML 1Page - Toshiba Semiconductor TC74VCX16843FT Datasheet HTML 2Page - Toshiba Semiconductor TC74VCX16843FT Datasheet HTML 3Page - Toshiba Semiconductor TC74VCX16843FT Datasheet HTML 4Page - Toshiba Semiconductor TC74VCX16843FT Datasheet HTML 5Page - Toshiba Semiconductor TC74VCX16843FT Datasheet HTML 6Page - Toshiba Semiconductor TC74VCX16843FT Datasheet HTML 7Page - Toshiba Semiconductor TC74VCX16843FT Datasheet HTML 8Page - Toshiba Semiconductor TC74VCX16843FT Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TC74VCX16843FT
2007-10-19
3
Truth Table (each 9-bit latch)
Inputs
PR
CLR
OE
LE
D
Output
Q
L
X
L
X
X
H
H
L
L
X
X
L
H
H
L
H
L
L
H
H
L
H
H
H
H
H
L
L
X
Qn
X
X
H
X
X
Z
X: Don’t care
Z: High impedance
Qn: Q outputs are latched at the time when the LE input is taken to a low logic level.
System Diagram
1Q1
To eight other channels
OE
1
PR
1
CLR
1
1LE
1D1
2
55
1
56
54
S
LE
D
R
3
2Q1
To eight other channels
OE
2
PR
2
CLR
2
2LE
2D1
27
30
28
29
42
S
LE
D
R
15


유사한 부품 번호 - TC74VCX16843FT

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74VCX16843FT TOSHIBA-TC74VCX16843FT Datasheet
393Kb / 11P
   LOW VOLTAGE 18-BIT D-TYPE LATCH WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results

유사한 설명 - TC74VCX16843FT

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74VCX162843FT TOSHIBA-TC74VCX162843FT_07 Datasheet
228Kb / 12P
   Low-Voltage 18-Bit D-Type Latch with 3.6-V Tolerant Inputs and Outputs
TC74VCX16841FT TOSHIBA-TC74VCX16841FT_07 Datasheet
219Kb / 12P
   Low-Voltage 20-Bit D-Type Latch with 3.6-V Tolerant Inputs and Outputs
TC74VCX162373FT TOSHIBA-TC74VCX162373FT_07 Datasheet
222Kb / 12P
   Low-Voltage 16-Bit D-Type Latch with 3.6-V Tolerant Inputs and Outputs
TC74VCX162841FT TOSHIBA-TC74VCX162841FT_07 Datasheet
226Kb / 12P
   Low-Voltage 20-Bit D-Type Latch with 3.6-V Tolerant Inputs and Outputs
TC74VCX16373FT TOSHIBA-TC74VCX16373FT_07 Datasheet
216Kb / 12P
   Low-Voltage 16-Bit D-Type Latch with 3.6-V Tolerant Inputs and Outputs
TC74VCX573FT TOSHIBA-TC74VCX573FT_07 Datasheet
272Kb / 13P
   Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
TC74VCX2573FT TOSHIBA-TC74VCX2573FT_07 Datasheet
254Kb / 12P
   Low-Voltage Octal D-Type Latch with 3.6-V Tolerant Inputs and Outputs
TC7MA2373FK TOSHIBA-TC7MA2373FK_07 Datasheet
229Kb / 11P
   Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
TC74VCX2373FT TOSHIBA-TC74VCX2373FT_07 Datasheet
253Kb / 11P
   Low-Voltage Octal D-Type Latch with 3.6-V Tolerant Inputs and Outputs
TC7MA573FK TOSHIBA-TC7MA573FK Datasheet
235Kb / 12P
   Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com