전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC74VCX162835FT 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TC74VCX162835FT
상세설명  Low-Voltage 18-Bit Universal Bus Driver with 3.6-V Tolerant Inputs and Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCX162835FT 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TC74VCX162835FT_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74VCX162835FT_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74VCX162835FT_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74VCX162835FT_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74VCX162835FT_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74VCX162835FT_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74VCX162835FT_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74VCX162835FT_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74VCX162835FT_07 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TC74VCX162835FT
2007-10-19
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74VCX162835FT
Low-Voltage 18-Bit Universal Bus Driver with 3.6-V Tolerant Inputs and Outputs
The TC74VCX162835FT is a high-performance CMOS 18-bit
universal bus driver. Designed for use in 1.8-V, 2.5-V or 3.3-V
systems, it achieves high-speed operation while maintaining the
CMOS low power dissipation.
It is also designed with overvoltage tolerant inputs and outputs
up to 3.6 V.
Data flow from A to Y is controlled by the output-enable (OE)
input.
The device operates in the transparent mode when the
latch-enable (LE) input is high. When LE is low, the A data is
latched if the clock (CK) input is held at a high or low logic level.
If LE is low, the A data is stored in the latch/flip-flop on the
low-to-high transition of CK.
When OE is high, the outputs are in a high-impedance state. The 26-Ω series resistor helps reducing output
overshoot and undershoot without external resistor.
All inputs are equipped with protection circuits against static discharge.
Features
• 26-Ω series resistors on outputs
• Low-voltage operation: VCC = 1.8 to 3.6 V
• High-speed operation: tpd = 3.9 ns (max) (VCC = 3.0 to 3.6 V)
: tpd = 5.0 ns (max) (VCC = 2.3 to 2.7 V)
: tpd = 9.8 ns (max) (VCC = 1.8 V)
• Output current: IOH/IOL = ±12 mA (min) (VCC = 3.0 V)
: IOH/IOL = ±8 mA (min) (VCC = 2.3 V)
: IOH/IOL = ±4 mA (min) (VCC = 1.8 V)
• Latch-up performance: −300 mA
• ESD performance: Machine model ≥ ±200 V
Human body model
≥ ±2000 V
• Package: TSSOP
• 3.6-V tolerant function and power-down protection provided on all inputs and outputs
Weight: 0.25 g (typ.)


유사한 부품 번호 - TC74VCX162835FT_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74VCX162835FT TOSHIBA-TC74VCX162835FT Datasheet
450Kb / 13P
   LOW VOLTAGE 18-BIT UNIVERSAL BUS DRIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results

유사한 설명 - TC74VCX162835FT_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74VCX16834FT TOSHIBA-TC74VCX16834FT Datasheet
221Kb / 12P
   Low-Voltage 18-Bit Universal Bus Driver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16835FT TOSHIBA-TC74VCX16835FT_07 Datasheet
233Kb / 14P
   Low-Voltage 18-Bit Universal Bus Driver with 3.6-V Tolerant Inputs and Outputs
TC74VCX162834FT TOSHIBA-TC74VCX162834FT_07 Datasheet
227Kb / 12P
   Low-Voltage 18-Bit Universal Bus Driver with 3.6-V Tolerant Inputs and Outputs
TC74VCXR162600FT TOSHIBA-TC74VCXR162600FT_07 Datasheet
239Kb / 14P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16500FT TOSHIBA-TC74VCX16500FT_07 Datasheet
231Kb / 14P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16501FT TOSHIBA-TC74VCX16501FT_07 Datasheet
230Kb / 14P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCXR162500FT TOSHIBA-TC74VCXR162500FT_07 Datasheet
236Kb / 13P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCXR162501FT TOSHIBA-TC74VCXR162501FT_07 Datasheet
237Kb / 14P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16601FT TOSHIBA-TC74VCX16601FT_07 Datasheet
230Kb / 13P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16600FT TOSHIBA-TC74VCX16600FT_07 Datasheet
233Kb / 15P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com